Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAYSA Datasheet(PDF) 2 Page - Faraday Technology

Part # RAYSA
Description  VIDEO OVERSAMPLING SMD FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

RAYSA Datasheet(HTML) 2 Page - Faraday Technology

  RAYSA Datasheet HTML 1Page - Faraday Technology RAYSA Datasheet HTML 2Page - Faraday Technology RAYSA Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara368d
Page 2 of 3
Sep-02(A)
The RA Series filters have been successfully tested to the following reflow profile using a five zone
IR/Convection oven.
Belt speed =10in/min
°C
P1
P2
P3
P4
RF
set
260
200
200
300
320
260
200
200
300
320
Surf
Systems
Reflow
temp bar = 183
n
n
n
above temp bar sec
89
0
0
max temp
224
0
0
ç left bar temp
180
0
0
right bar temp è
183
0
0
avr slope
°C/sec
0.0
0.0
0.0
time between bars
95.70 secs
Note that the temperatures given are “actual” temperatures not oven settings.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com