Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRB340 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRB340
Description  SURFACE MOUNT BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRB340 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRB340 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRB340 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100Volts
SRB320 THRU SRB3100
CURRENT
3.0 Amperes
RATING AND CHRACTERISTIC CURVES SRB320 THRU SRB3100
Single Phase
Half wave
60Hz
Inductive or
Resistive Load
0.375"(9.5mm) Lead Length
T =125℃
J
J
T =75℃
J
T =25℃
T =25℃
J
Pulse Width=200μs
8.3ms Single Half Sine-wave
(JEDEC Method) T =T
j
j max
0
0
50
100
150
1
2
3
4
80
70
60
50
40
30
20
10
1
2
5
10
20
50
100
100
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
10
1
0.1
0.01
5
10
15
20
25
30
35
40
20
10
1.0
0.1
0.1
0.4
1.0
4
10
40
100
10
20
40
100
80
60
200
1000
400
600
800
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
SURGE CURRENT
CASE TEMPERATRUE℃
REVERSE VOLTAGE VOLTS
FIG.3-MAXIMUM NON-REPETITIVE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.5-TYPICAL JUNCTION
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com