Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP3MRHDSDI-RX Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # SFP3MRHDSDI-RX
Description  Digital Video SFPs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP3MRHDSDI-RX Datasheet(HTML) 4 Page - MRV Communications, Inc.

  SFP3MRHDSDI-RX Datasheet HTML 1Page - MRV Communications, Inc. SFP3MRHDSDI-RX Datasheet HTML 2Page - MRV Communications, Inc. SFP3MRHDSDI-RX Datasheet HTML 3Page - MRV Communications, Inc. SFP3MRHDSDI-RX Datasheet HTML 4Page - MRV Communications, Inc. SFP3MRHDSDI-RX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Datasheet
The HDSDI SFPs are designed to pass SMPTE-compliant digital streams, both standard and high-definition, with no
errors. Non-compliant streams with serious TRS errors may cause momentary dropouts in the video picture.
4
SFPxMRHDSDI-RX serial cable input properties:
Automatic cable equalization
- up to 140 m of Belden 1694A at 1.485 Gbps and 1.485/1.001 Gbps
- up to 350 m of Belden 694 A at 270 Mbps
Tolerates > 20 dB cable loss at half clock frequency
SFP-CXASI-RX and SFP-CXDV-RX27 serial cable input properties:
Automatic cable equalization
- up to 350 m of Belden 1694 A at 270 Mbps
Tolerates > 20 dB cable loss at half clock frequency
Other
Specifications
SFP5MRHDSDI
(TX and RX)
SFP3MRHDSDI
(TX and RX)
SFP-CXDV
(TX and RX)
SFP-CXASI
(TX and RX)
Standards
SMPTE 259 M (270 Mbps) and
SMPTE 292 M (1.485 Gbps)
SMPTE 259 M (270 Mbps) and
SMPTE 292 M (1.485/1.001 Gbps)
DVB ASI (270 Mbps)
DVB ASI (270 Mbps)
Supported Frame &
Refresh Rates
720 x 486i
720 x 576i
1280 x 720p (60hz)
1920 x 1035i (60hz)
1920 x 1080sF (24hz)
1920 x 1080p (24hz)
1920 x 1080i (50hz)
1920 x 1080p (25hz)
1920 x 1080i (60hz)
1920 x 1080p (30hz)
720 x 486i
720 x 576i
1280 x 720p (59.94hz)
1920 x 1035i (59.94hz)
1920 x 1080sF (23.98hz)
1920 x 1080p (23.98hz)
1920 x 1080i (59.94hz)
1920 x 1080p (29.97hz)
720 x 486i
720 x 576i
720 x 486i
720 x 576i



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com