Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-CXDV-RX27 Datasheet(PDF) 5 Page - MRV Communications, Inc.

Part # SFP-CXDV-RX27
Description  Digital Video SFPs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-CXDV-RX27 Datasheet(HTML) 5 Page - MRV Communications, Inc.

  SFP-CXDV-RX27 Datasheet HTML 1Page - MRV Communications, Inc. SFP-CXDV-RX27 Datasheet HTML 2Page - MRV Communications, Inc. SFP-CXDV-RX27 Datasheet HTML 3Page - MRV Communications, Inc. SFP-CXDV-RX27 Datasheet HTML 4Page - MRV Communications, Inc. SFP-CXDV-RX27 Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Datasheet
MRV-OP-SDISFP-120808
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
3020015-001 Rev. B1
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff St.
295 Foster St.
Business Park Moerfelden
Chatsworth, CA 91311
Littleton, MA 01460
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-952-4700
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Ordering Information (use in pairs as shown)
SFP5MRHDSDI-TX
Unidirectional SDI/
HD-SDI SFP Transmitter
(PAL/SECAM)
270 Mbps/1.485
Gbps
BNC
75
800
-
SFP5MRHDSDI-RX
Unidirectional SDI/
HD-SDI SFP Receiver
(PAL/SECAM)
270 Mbps/1.485
Gbps
BNC
75
-
300 @270 Mbps
140 @1.485 Gbps
SFP3MRHDSDI-TX
Unidirectional SDI/
HD-SDI SFP Transmitter
(NTSC)
270 Mbps/
1.485/1.001 Gbps
BNC
75
800
-
SFP3MRHDSDI-RX
Unidirectional SDI/
HD-SDI SFP Receiver
(NTSC)
270 Mbps/
1.485/1.001 Gbps
BNC
75
-
300 @270 Mbps
140 @1.4835 Gbps
SFP-CXDV-TX27
Unidirectional Digital
Video SDI SFP Transmitter
270 Mbps
BNC
75
800
-
SFP-CXDV-RX27
Unidirectional Digital
Video SDI SFP Receiver
270 Mbps
BNC
75
-
350
SFP-CXASI-TX
Unidirectional DVB-ASI
SFP Transmitter
270 Mbps
BNC
75
800
-
SFP-CXASI-RX
Unidirectional DVB-ASI
SFP Receiver
270 Mbps
BNC
75
-
350
2 Distances may vary based on properties of the transponder.
Ordering Information (use in pairs as shown)
SFP-3654-SDI-TX
Unidirectional Digital Video
SDI SFP Transmitter
360/540 Mbps
BNC
75
800
-
SFP-3654-SDI-RX
Unidirectional Digital Video
SDI SFP Receiver
360/540 Mbps
BNC
75
-
275 @360 Mbps
200 @540 Mbps
AVAILABLE BY SPECIAL ORDER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com