Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF2020C Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRF2020C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF2020C Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRF2020C Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF2020C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to100 Volts
SRF2020C THRU SRF20100C
CURRENT
20.0 Ampere
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
FORWARD CHARACTERSTIC
CASE TEMPERATRUE ()
℃
REVERSE VOLTAGE VOLTS
FIG.3-TYPICAL INSTANTANEOUS
FIG.4-MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG.5-TYPICAL JUNCTION
REVERSE VOLTAGE,VOLTS
INSTANTANEOUS FORWART VOLTAGE,VOLTS
CAPACITANCE
20,30,40V
80,100V
50,60V
T =25℃
Pulse Width=200μs
j
8.3ms Single Half Sine-Wave
JEDEC Method
J
T =25℃
T =100℃
C
T =75℃
C
T =25℃
C
0
150
50
100
40
20
10
8
6
4
2
1.0
0.8
0.6
0.1
0.2
0.4
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
150
130
110
90
70
50
30
20
0
1
2
5
10
20
50
100
400
350
300
250
200
150
1
2
5
10
20
50
100
200
500
100
10
1.0
0.1
0.01
0
100
120
200
300
25
20
15
10
5
0
RATING AND CHRACTERISTIC CURVES SRF2020C THRU SRF20100C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com