Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-CXASI-RX Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # SFP-CXASI-RX
Description  Digital Video SFPs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-CXASI-RX Datasheet(HTML) 3 Page - MRV Communications, Inc.

  SFP-CXASI-RX Datasheet HTML 1Page - MRV Communications, Inc. SFP-CXASI-RX Datasheet HTML 2Page - MRV Communications, Inc. SFP-CXASI-RX Datasheet HTML 3Page - MRV Communications, Inc. SFP-CXASI-RX Datasheet HTML 4Page - MRV Communications, Inc. SFP-CXASI-RX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Datasheet
HD-SDI:
The new MRV digital video SFPs offer a direct and affordable solution to the problems of digital video optical
transport. They allow the transport of SDI, HD-SDI, or DVB ASI component video signals over any optical transport
system that employs MSA standard optical transceivers.
The SFPxMRHDSDI-RXR SFP is a unidirectional multi-rate coaxial receiver designed to support digital video signals
as defined by the SDI and HD-SDI standards. It takes the digital video stream and generates a data signal that
is compatible with any standard optical transport system. The signal is passed through the system to an MSA
standard optical transceiver, and transports it over a fiber optic network.
At the end of the transmission link, the signal is received by another MSA standard transceiver and passed to the
SFPxMRHDSDI-TXR.
The SFPxMRHDSDI-TXR, in turn, processes the data signal and sends the resulting digital video stream to the
receiving digital video device.
The HDSDI products support main video systems (NTSC and PAL) currently in use. The multi-rate digital video SFP
supports either NTSC or PAL standards for standard definition and high definition.
CXDV:
The CXDV SFPs support SD digital video at 270 Mbps, but they do not support 1.5 Gbps.
CXASI:
The SFP-CXASI-xxR SFP is designed to support digital video signals that do not contain pathological patterns.
Contact your nearest authorized MRV representative and visit our website at www.mrv.com for more information
on the complete line of MRV solutions, including pricing and availability.
3
General Specifications
Transmitter
Receiver
Coaxial Interface:
Input/Output Connector
BNC (x1)
BNC (x1)
Impedance
75 Ohms (output)
75 Ohms (input)
Output Level
800 mV
N/A
SFP Interface
Complies to SFP MSA standard
Complies to SFP MSA standard
Performance:
CRC/EDH Error Rate
Better than 10-9
Better than 10-9
CRC/EDH Alarm¹
Digital Diagnostics LED/SNMP trap status
Digital Diagnostics LED/SNMP trap status
Status and Control Signals:
RX LOS
N/A
Yes
TX Disable
Yes
Yes
Temperature Range:
Operating
-5 to 50º C
-5 to 50º C
Storage
-40 to 85º C
-40 to 85º C
Power Consumption:
850 mA @ 3.3 V
850 mA @ 3.3 V
Agency Compliance:
FCC Part 15, EMC Directive, WEEE Directive, RoHS, China RoHS, SFP MSA (as applicable)
¹ Not available in CXASI models



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com