Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-GC-R Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # SFP-GC-R
Description  Copper Ethernet SFPs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-GC-R Datasheet(HTML) 1 Page - MRV Communications, Inc.

  SFP-GC-R Datasheet HTML 1Page - MRV Communications, Inc. SFP-GC-R Datasheet HTML 2Page - MRV Communications, Inc. SFP-GC-R Datasheet HTML 3Page - MRV Communications, Inc. SFP-GC-R Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
sales@mrv.com
OP
Datasheet
Pluggables
Overview
Copper Ethernet SFPs
MRV offers three models of Ethernet SFPs for copper media
applications.Two of the models support Gigabit Ethernet functionality,
and the third one provides unique 10/100 Fast Ethernet solutions.
The SFP-GC-R model supports Gigabit Ethernet with a 1000Base-
T interface, and it is designed for Layer 1 network devices that do
not incorporate an Ethernet MAC. The SFP-GA-R is designed for use
in Layer 2 and above devices such as switches and routers that do
incorporate an Ethernet MAC. It supports Gigabit Ethernet with an
auto-negotiating 1000Base-T interface.
SFP-GC-R and SFP-GA-R
models each support MDI/MDI-X auto-detection and jumbo packet
sizes over 9,600 bytes.
Installed into MRV products with an available SFP port, the SFP-GC-R
plug-ins provide a simple and cost-effective way to merge copper
and fiber network segments.
The SFP-GA-R gives network administrators greater flexibility in
configuring their SFP-enabled switches and routers, allowing them
to use less expensive copper cabling and interfaces for links of 100
meters or less.
The SFP-GC-R and SFP-GA-R do not convert between edge devices
of different speeds or duplex mode. Connected edge devices must
operate at the same speed and duplex mode to communicate. An
edge device that supports auto-negotiation may require specific
interface settings for fixed Gigabit Ethernet speed and duplex mode
operation.
The SFP-SW10/100R is a unique Fast Ethernet 10/100 Base-TX to 100-
FX (system side). It offers auto-negotiation with speed and duplex
matching as well as MDI/MDI-X auto-detection. It supports transport
of jumbo packets up to 1,600 bytes.
The SFP-SW10/100R can translate between edge devices of different
speeds or duplex mode. Connected edge devices may operate at
different speeds and duplex modes.
SFP-GC-R
SFP-GA-R
SFP-SW10/100-R
Features
SFP-GC-R - 1000Base-T for Layer 1 devices (no MAC)
SFP-GA-R - 1000Base-T for Layer 2 and above devices
(with MAC)
SFP-SW10/100-R
- 10/100Base-TX to 100-FX (system)
- Auto-negotiation
- Speed and duplex matching
MDI/MDI-X automatic detection
Plug-and-play functionality
Hot-swap support
Transmitter always on – does not support LIN function
MSA compliance
Complete MRV SFP compatibility


Similar Part No. - SFP-GC-R

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-G-LX MRV-SFP-G-LX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
SFP-GD-BD35 MRV-SFP-GD-BD35 Datasheet
88Kb / 4P
SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD35TH MRV-SFP-GD-BD35TH Datasheet
88Kb / 4P
SFP Bidirectional Single Fiber Transceivers
SFP-GD-BD53 MRV-SFP-GD-BD53 Datasheet
88Kb / 4P
SFP Bidirectional Single Fiber Transceivers
More results

Similar Description - SFP-GC-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5466SR BOARDCOM-BCM5466SR Datasheet
96Kb / 2P
QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
logo
MRV Communications, Inc...
SFP5MRHDSDI-TX MRV-SFP5MRHDSDI-TX Datasheet
340Kb / 5P
Digital Video SFPs
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
logo
Broadcom Corporation.
BCM5466SRA0KFBG BOARDCOM-BCM5466SRA0KFBG Datasheet
151Kb / 2P
QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/ FIBER MEDIA INTERFACE
logo
Glenair, Inc.
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
Copper to Fiber Ethernet Media Converter
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
GigaBit Ethernet Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
Copper to Fiber Ethernet Media Converter
logo
Silicom Ltd.
M1E2G6I6 SILICOM-M1E2G6I6 Datasheet
388Kb / 5P
Six Port Copper Gigabit Ethernet ExpressModule Server Adapter
logo
Schneider Electric
TCSECN300R2 SCHNEIDER-TCSECN300R2 Datasheet
124Kb / 1P
ConneXium Ethernet copper cable for Ethernet network - 300 m
Jan 7, 2021
logo
Advantech Co., Ltd.
BB-MESR901 ADVANTECH-BB-MESR901 Datasheet
534Kb / 2P
Industrial Modbus Ethernet to Serial Gateways - copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com