Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-GA-R Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # SFP-GA-R
Description  Copper Ethernet SFPs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-GA-R Datasheet(HTML) 3 Page - MRV Communications, Inc.

  SFP-GA-R Datasheet HTML 1Page - MRV Communications, Inc. SFP-GA-R Datasheet HTML 2Page - MRV Communications, Inc. SFP-GA-R Datasheet HTML 3Page - MRV Communications, Inc. SFP-GA-R Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
sales@mrv.com
Pluggables
Physical Specifications
Operating Temperature Range
0
0C to 700C (320F to 1580F)
Storage Temperature
-40
0C to 850C (-400F to 1850F)
Relative Humidity
85% maximum, non-condensing
Power
1.5 W
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity; RoHS Directive;
China RoHS; WEEE Directive: Wheelie Bin Mark
Comparison Table
SFP-GC-R
SFP-GA-R
SFP-SW10/100-R
RJ-45 connector
Yes
Yes
Yes
Cable type
CAT-5
CAT-5
CAT-5
Maximum cable length (m)
100
100
100
Ethernet Standard
1000 Base-T
1000 Base-T
10/100 Base-TX
Supports speed auto-negotiation
N/A
Yes
Yes
Supports duplex auto-negotiation
N/A
Yes
Yes
Supports auto MDI/MDI-X detect
Yes
Yes
Yes
Match translates between edge devices
No. Both edge devices must operate
in the same duplex mode.
No. Both edge devices must operate
in the same duplex mode.
Yes
Used with Layer 0/1 devices (e.g. repeaters
converters and WDM transponders)
Yes
No
Yes
Used with Layer 2 devices, e.g. switches
and routers
No
Yes
Yes
Packet Size (bytes)
9600 +
9600 +
1600
Outline Drawing for SFP-GC-R and SFP-GA-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com