Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPFC401 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # SFPFC401
Description  4.25 Gbps Fibre Channel SFP Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFPFC401 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  SFPFC401 Datasheet HTML 1Page - MRV Communications, Inc. SFPFC401 Datasheet HTML 2Page - MRV Communications, Inc. SFPFC401 Datasheet HTML 3Page - MRV Communications, Inc. SFPFC401 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Transmitter Specifications (Electical)
Parameter
Symbol
Min
Max
Unit
Input Differential Impedence
Rin
80
120
Ω
PECL Single Ended Data Input Swing
Vin,p-p
250
1200
mV
TxFault_Fault
Vfault
2Vcc
V
TxFault_Normal
Vnormal
Vee
Vee+0.5
V
TxDisable_Disable
Vd
2Vcc
V
TxDisable_Enable
Ven
Vee
Vee+0.8
V
Receiver Specifications (Optical)
Parameter
Symbol
Min
Max
Unit
Receive Powerg
Rsens,low/high
-18
0
dBm
Damage Threshold for Receiver
Pin,damage
4
-
dBm
Mean Rx Wavelength: 1310
λ
1260
1360
nm
Maximum Reflectance of Receiver
RX_r
-
-27
dB
LOS Assert
-
-30
-
dBm
LOS De-assert
-
-
-20
dBm
LOS Hysteresis
-
0.5
-
dB
g) at 4.25 Gbps, 1e-12 BER, PRBS 27-1
Receiver Specifications (Electrical)
Parameter
Symbol
Min
Max
Unit
PECL Single Ended Data Output Swing
Vout, p-p
185
800
mV
Data Output Rise Time
tr
-
175
ps
Data Output Fall Time
tf
-
175
ps
Timing and Electrical
Parameter
Symbol
Min
Max
Unit
Tx Disable Negate Time
t_on
-
1
µs
Tx Disable Assert Time
t_off
-
10
µs
Time To Initialize, Including Reset of Tx Fault
t_init
-
300
ms
Tx Fault Assert Time
t_fault
-
100
µs
Tx Disable To Reset
t_reset
10
-
µs
LOS Assert Time
t_loss_on
-
100
µs
LOS De-assert Time
t_loss_off
-
100
µs
Serial ID Clock Rate
f_serial_clock
2
100
KHz
RX_LOS Voltage (High)
-
2
Vcc
V
RX_LOS Voltage (Low)
-
-
0.8
V
LOS Output Voltage-Fault
VLOS fault
2
Vcc
V
LOS Output Voltage-Normal
VLOSnormal
Vee
Vee+0.5
V
MOD_DEF (0:2)-High
VH
2Vcc
V
MOD_DEF (0:2)-Low
VL
Vee
Vee+0.5
V
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com