Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SS32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SS32 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SS32 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SS32 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 40 Volts
SS32 THRU SS310
CURRENT
3.0 Ampere
FEATURES
•
Low profile surface mount package
•
Built-in strain relief
•
High switching speed
•
Low voltage drop, high efficiency
•
For use in low voltage high frequency inverters,
Free willing, and polarity protection applications
•
Guarding for over voltage protection
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL 94V-0 rate flame retardant
•
Lead: Solder plated, solderable per MIL-STD-750
method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.007 ounce, 0.25 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified.
•
Single phase, half wave, 60Hz, resistive or inductive load.
•
For capacitive load derate current by 20%.
SYMBOLS
SS32
SS33
SS34
SS35
SS36
SS38
SS39
SS310
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
Volts
Maximum Average Forward Rectified Current
at TLsee figure 1 TL =105℃
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
80
Amps
Maximum Instantaneous Forward Voltage @
3.0A(Note1)
VF
0.55
0.75
0.85
Volts
TA = 25℃
0.5
Maximum DC Reverse Current at rated
DC Blocking Voltage per element
TA = 100℃
IR
20.0
10.0
mA
RθJA
55
Typical Thermal Resistance (Note 2)
RθJL
12
℃
/W
Operating Junction Temperature
TJ
(-55 to +150)
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1.
Pulse test: 300μs pulse width,1% duty cycle
2.
PCB mounted with 0.55”×0.55”(14mm×14mm) copper pads
Dimensions in inches and (millimeters)
DO-214AB(SMC)


Similar Part No. - SS32

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS32 SSE-SS32 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS32 GE-SS32 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS32 MCC-SS32 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS32

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com