Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL13 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # SSL13
Description  SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SSL13 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  SSL13 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 4Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 5Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 6Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 7Page - MIC GROUP RECTIFIERS SSL13 Datasheet HTML 8Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MASTER INSTRUMENT CORPORATION
SURFACE MOUNT Low VF SCHOTTKY BARRIER
RECTIFIER
SSL12 THRU SSL14
VOLTAGE RANGE
Forward Current
20 to 40 Volts
1.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
For surface mounted applications
•
Low profile package
•
Built-in strain relied
•
Metal to silicon rectifier
majority carrier conduction
•
Low power loss, High efficiency
•
High current capability, low VF
•
High surge capacity
•
For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
•
High temperature soldering guaranteed:
260
OC/10 seconds at terminals
MECHANICAL DATA
•
Case: JEDEC DO-214AC molded plastic
•
Terminals: Solder plated, solderable per MIL-STD-750
method 2026
•
Polarity: Color band denotes cathode
•
Weight: 0.002ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SSL12
SSL13
SSL14
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
Volts
Maximum RMS Voltage
VRMS
14
21
28
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
Volts
Maximum Average Forward Rectified Current,
At TL see figure 1
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage @ 1.0A (Note 1)
VF
0.38
0.45
Volts
0.5
Maximum DC Reverse Current at Rated TA = 25 ℃(Note 1)
DC Blocking Voltage per element
TA = 100℃
IR
20.0
mA
RθJA
88
Typical Thermal Resistance (Note 2)
RθJL
28
℃/W
Operating Junction Temperature
TJ
-50 to+125
℃
Storage Temperature Rang
TSTG
-50 to +150
℃
Notes:
1.
Pulse test: 300µS pulse width, 1% duty cycle
2.
Mounted on P.C. Board with 8.0mm
2 (.013cm thick) copper pad areas
SMA(DO-214AC)
Dimensions in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com