Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2M Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # US2M
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

US2M Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  US2M Datasheet HTML 1Page - MIC GROUP RECTIFIERS US2M Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
US2A THRU US2M
CURRENT
2.0 Ampere
FEATURES
•
Plastic package has UL flammability
Classification 94V-0
•
Glass Passivated chip junction
•
Built in strain relief
•
Fast switching speed for high efficiency
•
High temperature soldering guaranteed:
250℃/10 seconds
MECHANICAL DATA
•
Case: JEDED DO-214AA transfer molded plastic
•
Terminals: Solder plated, Solderable per
MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified.
•
Single phase, half wave, 60Hz, resistive or inductive load.
•
For capacitive load derate current by 20%.
MAXIMUM RATINGS & THERMAL CHARACTERISTICS
PARAMETELS
SYMBOLS
US2A
US2B
US2D
US2G
US2J
US2K
US2M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
At TL =105℃ (NOTE 1)
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
Amps
Maximum lnstantaneous Forward Voltage at 2.0A
VF
1.0
1.3
1.7
Volts
TA=25℃
5.0
Maximum DC Reverse Current
At rated DC blocking voltage at
TA=125℃
IR
100
µA
Maximum Reverse Recovery Time
Test conditions
IF=0.5A, IR=1.0A, IRR=0.25A
trr
50
100
nS
Typical Junstion Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
50
30
pF
RθJA
75
Typical Thermal Resistance (NOTE 1)
RθJL
17
℃/W
Operating Junction Temperature
TJ
(-55 to +150)
℃
Storage Tempetature Rang
TSTG
(-55 to +150)
℃
Notes:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on
P.C.B. with 0.3×0.3″(8.0 × 8.0mm) copper pad areas.
DO-214AA(SMB)
Dimensions in inches and (millimeters)


Similar Part No. - US2M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2M SSE-US2M Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2M DIOTEC-US2M Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2M WEITRON-US2M Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2M DIOTEC-US2M Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2M SEMIKRON-US2M Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A Datasheet
158Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US3A YIXIN-US3A Datasheet
156Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
SH9 RECTRON-SH9 Datasheet
219Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com