Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW1F-R100JBW Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # BW1F-R100JBW
Description  FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

BW1F-R100JBW Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  BW1F-R100JBW Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BW/MBW SERIES
FA037D Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
Industry’s widest selection of fusible film resistors -
1/8W to 3W, .1
Ω to 24KΩ, 1% to 5%, leaded & surface mount
Low cost, quick delivery (available on SWIFTTM program)
Flameproof (UL94V0), surface-mount versions available
OPTIONS
Modified fusing characteristics (fast blow, slow blow, etc.)
Increased pulse capability (Option P)
Dozens of additional options are available...
Mil-spec screening/burn-in, special marking, non-standard
values, custom lead forming, increased power or voltage, etc.
Customized components are an RCD specialty!
RCD pioneered fusible film resistors in the early 1970’s as a
low cost approach to circuit protection in case of overload or
component failure. The component is designed to act as a
conventional resistor under normal operating conditions, but
open quickly under fault conditions. Series BW meets the
requirements of EIA RS-325 and can be useful in eliminating
circuit board damage and fire hazards. Standard fusing
characteristics can be altered to customer requirements.
Low Cost Circuit Protection!
TYPICALPERFORMANCE
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TC
°
/
m
p
p
0
0
2
y
t
il
i
b
a
t
S
e
f
i
L
d
a
o
L%
5
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
6
1
+
o
t
5
5
-
g
n
i
t
a
r
e
D
r
e
w
o
PC
°
5
2
>
C
°
/
%
1
7
.
0
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
F
8
/
1
W
B
V
0
0
3
(
V
0
0
5
Inch [mm]
1 Expanded range available 2 Maximum working voltage is determined by E = (PR)1/2, E should not exceed value listed.
)
d
a
e
L
l
a
i
x
A
(
s
e
i
r
e
S
W
B
s
n
o
i
s
n
e
m
i
D
)
F
L
E
M
(
W
B
M
s
n
o
i
s
n
e
m
i
D
e
p
y
T
D
C
R
e
g
a
t
t
a
W
g
n
i
t
a
R
1
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
1
e
g
a
t
l
o
V
g
n
i
t
a
R
2
,
1
L
]
8
.
[
2
3
0
.
±
D
]
6
.
[
4
2
0
.
±
d
3
0
0
.
±]
7
0
.
[
H
)
.
n
i
M
(
A
]
3
.
[
2
1
0
.
±
B
)
.
x
a
M
(
C
)
.
n
i
M
(
F
8
/
1
W
BW
8
/
11
K
0
1
o
tV
0
0
2]
7
.
3
[
5
4
1
.]
7
.
1
[
7
6
0
.]
5
.
[
0
2
0
.]
5
2
[
0
0
.
1A
/
N
F
4
/
1
W
BF
4
/
1
W
B
M
,W
4
/
11
.
0
K
0
1
o
tV
0
0
20
5
2
.]
4
.
6
[0
9
0
.]
3
.
2
[2
2
0
.]
5
5
.
[2
0
.
1]
6
2
[]
5
.
6
[
6
5
2
.]
3
[
8
1
1
.]
1
[
0
4
0
.
F
2
/
1
W
BF
2
/
1
W
B
M
,W
2
/
11
.
0
K
4
2
o
tV
0
5
24
5
3
.]
0
.
9
[8
2
1
.]
3
.
3
[5
2
0
.]
6
.
[2
0
.
1]
6
2
[]
5
.
9
[
4
7
3
.]
9
.
3
[
4
5
1
.]
5
.
1
[
0
6
0
.
S
F
2
/
1
W
B
M
,
S
F
2
/
1
W
BW
2
/
12
.
0
K
0
2
o
tV
0
5
20
5
2
.]
4
.
6
[0
9
0
.]
3
.
2
[2
2
0
.]
5
5
.
[2
0
.
1]
6
2
[]
5
.
6
[
6
5
2
.]
3
[
8
1
1
.]
1
[
0
4
0
.
S
F
1
W
B
M
,
F
1
W
BW
0
.
11
.
0
K
4
2
o
tV
0
0
35
7
3
.]
5
.
9
[5
3
1
.]
4
.
3
[6
2
0
.]
5
6
.
[2
0
.
1]
6
2
[]
5
.
9
[
4
7
3
.]
9
.
3
[
4
5
1
.]
5
.
1
[
0
6
0
.
F
2
W
B
M
,
F
2
W
BW
0
.
21
.
0
K
4
2
o
tV
0
0
30
5
4
.]
4
.
1
1
[2
6
1
.]
1
.
4
[]
8
.
[
1
3
0
.2
0
.
1]
6
2
[]
2
.
1
1
[
1
4
4
.]
5
[
7
9
1
.]
2
[
0
8
0
.
F
3
W
B
M
,
F
3
W
BW
0
.
31
.
0
K
4
2
o
tV
0
5
32
6
0
.
±
0
6
.]
6
.
1
±
2
.
5
1
[2
3
0
.
±
2
2
.]
8
.
±
6
.
5
[]
8
.
[
1
3
0
.7
3
.
1]
5
3
[]
2
.
5
1
[
8
9
5
.]
6
.
5
[
0
2
2
.]
2
[
0
8
0
.
FUSING CHARACTERISTICS
APPLIED POWER (WATTS)
60
50
40
30
20
10
0
5
10
15
20
30
40
50
60
80
100
1. Fault level must be suitable to safely open the resistor quickly, especially surface mount
MBW models. If insufficent, the resistor may reach elevated temp. For this reason, the
fusing overload must be relatively large compared to rated W, 20 to 50x is common for
most axial-lead applications, 40 to 100x for most SM circuits. SM fusing times vary due to
mounting geometry/materials, so each application needs to be evaluated by user. The fault
condition must be at least equal to the minimum W indicated in each of the above curves,
and preferably double for SM applications. Fusing may still occur at W levels below the
levels graphed above but not consistently (fast-blow models available). Don’t exceed volt
rating or 200x W rating, whichever is less (increased levels available).
2. For customized models, complete RCD’s Fuse Questionnaire or advise the desired fusing
wattage or current, min.& max. blow time, continuous wattage, ambient temp., pulse
conditions, physical constraints, voltage to be interrupted, frequency, etc.
3. Maintain clearance from any heat-sensitive or flammable materials.
4. Fusing times vary depending on resistance value. Typical fusing times are given above
for 1
Ω - 3.9K. Low values tend to fuse slower. Consult factory for assistance.
5. Residual resis. is
≥50x initial value after fusing at 20x rated W (30x for BW1/8F & MBW)
6. Verify selection by evaluating under the full range of fault conditions. Place resistors
inside a protective case when testing.
APPLICATION NOTES:
FUSIBLE FILM RESISTORS,
GENERAL PURPOSE 1/8 WATT to 3 WATT
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
81
L
H
d
D
BW
A
C
B
MBW
Termination: W = Lead-free, Q = Tin/Lead
(leave blank if either acceptable)
BW Series - Axial Lead
MBW Series - SM MELF
P/N DESIGNATION: BW1F
- 101 J T W
RCD Type
Tolerance: J=5% (std.) G=2%, F=1%
Packaging: B=Bulk, T=Tape & Reel
Options (leave blank if standard)
Resis.Code 1%: 3 signif. figures & multiplier,
(R100=.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,etc.)
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(R10=0.1
Ω, 1R0=1Ω,100=10Ω, 101=100Ω, etc.)
Term.W is
RoHS
compliant
& 260°C
compatible
RoHS


Similar Part No. - BW1F-R100JBW

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
BW100AAG FUJI-BW100AAG Datasheet
9Mb / 93P
Molded Case Circuit Breakers
BW100AAG-3P060 FUJI-BW100AAG-3P060 Datasheet
9Mb / 93P
Molded Case Circuit Breakers
BW100AAG-3P063 FUJI-BW100AAG-3P063 Datasheet
9Mb / 93P
Molded Case Circuit Breakers
BW100AAG-3P075 FUJI-BW100AAG-3P075 Datasheet
9Mb / 93P
Molded Case Circuit Breakers
BW100AAG-3P100 FUJI-BW100AAG-3P100 Datasheet
9Mb / 93P
Molded Case Circuit Breakers
More results

Similar Description - BW1F-R100JBW

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
CF50S-1R0-G RCD-CF50S-1R0-G Datasheet
34Kb / 1P
CARBON FILM RESISTORS, 1/8 to 3 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
MP220P-R100-J RCD-MP220P-R100-J Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
List of Unclassifed Man...
TP48 ETC-TP48 Datasheet
916Kb / 2P
1/4 WATT PRECISION THIN FILM RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com