Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3-5R0-KB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CA3-5R0-KB
Description  FILTER CHOKES, 1 to 25 AMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CA3-5R0-KB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CA3-5R0-KB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FILTER CHOKES, 1 to 25 AMP
CUSTOM INDUCTIVE PRODUCTS
Exceptional cost savings resulting from automated offshore production!
Air coils (round & flat wire, leaded or SMD)
Spark Coil Transformers
High value inductors (1.0mH to 2H)
Toroids (1/8” to 2” dia.)
Wide band chokes and bead cores
Variable coils (shielded, unshielded, smd)
Pot core assemblies
Pulse and miniature transformers
Hash chokes, Bobbin-wound coils
Trigger and Telecom transformers
FA081B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
CA, CH, CV SERIES
D
C
R
e
p
y
T
.
c
u
d
n
I
)
z
H
K
1
(
d
e
t
a
R
C
D
t
n
e
r
r
u
C
,
R
C
D
m
x
a
Ω
Ω
Ω
Ω
Ω
F
R
S
z
H
M
i
m
,
n
)
.
x
a
M
(
A)
.
x
a
M
(
B]
1
.
[
4
0
0
.
±
W
1
A
CH
µ
7
2
H
µ
0
5
H
µ
0
0
1
H
µ
0
7
2
H
µ
0
7
4
H
µ
0
8
6
A
1
A
1
A
1
A
1
A
1
A
1
3
1
.
7
1
.
5
2
.
0
5
.
6
5
.
4
7
.
5
4
2
1
8
.
7
.
]
2
.
0
1
[
0
0
4
.
]
2
.
0
1
[
0
0
4
.
]
1
.
2
1
[
5
7
4
.
]
1
.
2
1
[
5
7
4
.
]
0
.
4
1
[
0
5
5
.
]
0
.
4
1
[
0
5
5
.
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
2
.
2
2
[
5
7
8
.
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
6
.
8
2
[
5
2
1
.
1
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
2
A
CH
µ
7
2
H
µ
0
5
H
µ
0
0
1
H
µ
0
7
2
A
2
A
2
A
2
A
2
5
8
0
.
5
3
1
.
5
5
1
.
0
0
3
.
5
.
5
4
2
1
]
1
.
2
1
[
5
7
4
.
]
0
.
4
1
[
0
5
5
.
]
0
.
4
1
[
0
5
5
.
]
0
.
4
1
[
0
5
5
.
]
7
.
6
2
[
5
0
.
1
]
6
.
8
2
[
5
2
1
.
1
]
6
.
8
2
[
5
2
1
.
1
]
6
.
8
2
[
5
2
1
.
1
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
3
A
CH
µ
5
H
µ
0
1
H
µ
7
2
H
µ
0
5
H
µ
0
0
1
A
3
A
3
A
3
A
3
A
3
2
0
.
5
3
0
.
7
0
.
5
7
0
.
5
2
1
.
5
2
0
2
6
4
2
]
1
.
2
1
[
5
7
4
.
]
1
.
2
1
[
5
7
4
.
]
0
.
4
1
[
0
5
5
.
]
0
.
4
1
[
0
5
5
.
]
0
.
4
1
[
0
5
5
.
]
2
.
2
2
[
5
7
8
.
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
6
.
8
2
[
5
2
1
.
1
]
6
.
8
2
[
5
2
1
.
1
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
SERIES CAAXIAL LEAD SPECIFICATIONS
e
p
y
T
.
c
u
d
n
I
)
z
H
K
1
(
C
D
d
e
t
a
R
t
n
e
r
r
u
C
,
R
C
D
x
a
m
Ω
Ω
Ω
Ω
Ω
F
R
S
n
i
m
,
z
H
M
)
.
x
a
M
(
A)
.
x
a
M
(
B
S
L
]
6
.
1
[
2
6
0
.
±
W
]
1
.
[
4
0
0
.
±
3
H
CH
µ
5
H
µ
0
1
H
µ
7
2
H
µ
0
5
H
µ
0
0
1
H
µ
0
5
1
H
µ
0
7
2
A
3
A
3
A
3
A
3
A
3
A
3
A
3
5
1
0
.
8
1
0
.
5
3
0
.
0
5
0
.
5
6
0
.
5
7
0
.
5
9
0
.
0
4
5
2
8
5
5
.
2
2
1
]
9
.
5
1
[
.
5
2
6
.
]
9
.
5
1
[
5
2
6
.
]
6
.
0
2
[
2
1
8
.
]
6
.
0
2
[
2
1
8
.
]
6
.
0
2
[
2
1
8
.
]
6
.
0
2
[
2
1
8
.
]
6
.
0
2
[
2
1
8
.
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
9
.
4
3
[
5
7
3
.
1
]
9
.
4
3
[
5
7
3
.
1
]
3
.
1
4
[
5
2
6
.
1
]
7
.
2
1
[
0
0
5
.
]
4
.
7
1
[
7
8
6
.
]
1
.
1
1
[
7
3
4
.
]
1
.
9
1
[
0
5
7
.
]
8
.
3
2
[
7
3
9
.
]
7
2
[
2
6
0
.
1
]
3
.
3
3
[
2
1
3
.
1
]
1
[
0
4
0
.
]
1
[
0
4
0
.
]
1
[
0
4
0
.
]
1
[
0
4
0
.
]
1
[
0
4
0
.
]
1
[
0
4
0
.
]
1
[
0
4
0
.
5
H
CH
µ
5
H
µ
0
1
H
µ
7
2
H
µ
0
5
H
µ
8
6
H
µ
0
0
1
H
µ
0
5
1
A
5
A
5
A
5
A
5
A
5
A
5
A
5
2
1
0
.
5
1
0
.
5
2
0
.
0
3
0
.
5
3
0
.
0
5
0
.
0
6
0
.
0
3
0
2
7
4
5
.
3
5
.
2
2
]
3
.
6
1
[
0
4
6
.
]
3
.
6
1
[
0
4
6
.
]
3
.
6
1
[
0
4
6
.
]
2
.
2
2
[
5
7
8
.
]
2
.
2
2
[
5
7
8
.
]
2
.
2
2
[
5
7
8
.
]
2
.
2
2
[
5
7
8
.
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
2
.
2
2
[
5
7
8
.
]
6
.
8
2
[
5
2
1
.
1
]
6
.
8
2
[
5
2
1
.
1
]
9
.
4
3
[
5
7
3
.
1
]
3
.
1
4
[
5
2
6
.
1
]
1
.
9
1
[
0
5
7
.
]
4
.
5
2
[
0
0
0
.
1
]
3
.
4
1
[
2
6
5
.
]
1
.
9
1
[
0
5
7
.
]
2
.
2
2
[
5
7
8
.
]
4
.
5
2
[
0
0
0
.
1
]
8
.
1
3
[
0
5
2
.
1
]
4
.
1
[
4
5
0
.
]
4
.
1
[
4
5
0
.
]
4
.
1
[
4
5
0
.
]
4
.
1
[
4
5
0
.
]
4
.
1
[
4
5
0
.
]
4
.
1
[
4
5
0
.
]
4
.
1
[
4
5
0
.
SERIES CH RADIAL LEAD SPECIFICATIONS (up to 25A sizes available)
Low cost 1 to 25 Amp rod-core chokes
Non-standard values and sizes available
Varnish or shrink tube insulation available
e
p
y
T
.
c
u
d
n
I
)
z
H
K
1
(
&
T
A
S
I
S
M
R
I
)
s
p
m
A
(
R
C
D
.
x
a
M
)
m
h
o
(
S
N
O
I
S
N
E
M
I
D
)
.
x
a
M
(
A)
.
x
a
M
(
B]
6
.
1
[
2
6
0
.
±
S
L]
1
.
[
4
0
0
.
±
W
C0
R
1
-
0
1
V
0
R
1
-
5
2
V
C
3
R
3
-
0
1
V
C
7
R
4
-
3
V
C
7
R
4
-
5
V
C
H
µ
1
H
µ
1
H
µ
3
.
3
H
µ
7
.
4
H
µ
7
.
4
0
1A
5
2A
0
1A
A
3
5A
0
.3
0
0
.2
0
0
.05
0
.1
2
0
.12
]
7
.
2
1
[
0
5
.
6
.0
.
5
1
[2]
]
7
.
2
1
[
0
5
.
]
0
.
3
1
[
1
5
.
]
7
.
2
1
[
0
5
.
7
.[
51
.
9
1]
.8
6[
3
.
7
1]
0
.
1]
4
.
5
2
[
7
.[
51
.
9
1]
7
.[
51
.
9
1]
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
0
.4
51
[7
3
.]
0
.8
61
[3
7
.]
0
.4
51
[7
3
.]
0
.5
30
[9
8
.]
4
0
.2 1
[7
0
.]
7
R
4
-
0
1
V
C
7
R
4
-
0
2
V
C
0
0
1
-
3
V
C
0
0
1
-
5
V
C
0
0
1
-
0
1
V
C
H
u
7
.
4
H
u
7
.
4
H
u
0
1
H
u
0
1
H
u
0
1
0
1A
A
0
2
A
3
A
5
A
0
1
2
1
0
.
0
.4
0
2
0
.3
0
.7
1
0
.15
]
7
.
2
1
[
0
5
.
]
5
.
3
1
[
3
5
.
]
7
.
2
1
[
0
5
.
]
7
.
2
1
[
0
5
.
]
2
.
3
1
[
2
5
.
0
.
1]
4
.
5
2
[
]
5
.
0
3
[
2
.
1
7
.[
51
.
9
1]
7
.[
51
.
9
1]
0
.
1]
4
.
5
2
[
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
.
1
[
4
5
0
.7
3]
0
.8
6.
1
[3
7]
0
.5
3[
9
8
.
0]
0
.2
4.
1
[7
0]
.
1
[
4
5
0
.7
3]
0
0
1
-
0
2
V
C
0
5
1
-
3
V
C
0
5
1
-
0
1
V
C
0
2
2
-
3
V
C
0
2
2
-
5
V
C
H
u
0
1
H
u
5
1
H
u
5
1
H
u
2
2
H
u
2
2
A
0
2
A
3
A
0
1
A
3
A
5
6
0
0
.
5
2
0
.
0
2
0
.
5
3
0
.
3
2
0
.
]
1
.
9
1
[
5
7
.
]
7
.
2
1
[
0
5
.
]
2
.
3
1
[
2
5
.
]
7
.
2
1
[
0
5
.
]
7
.
2
1
[
0
5
.
]
7
.
5
4
[
8
.
1
0
.
1]
4
.
5
2
[
0
.
1]
4
.
5
2
[
0
.
1]
4
.
5
2
[
0
.
1]
4
.
5
2
[
.0
61
[2
.
5]
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
1
[
2
4
.0 ]
7
.
]
1
9
.
1
[
5
7
0
.
]
9
8
.
0
[
5
3
0
.
]
7
3
.
1
[
4
5
0
.
0
.5
30
[9
8
.]
4
0
.2 1
[7
0
.]
0
2
2
-
0
1
V
C
0
7
2
-
5
V
C
0
3
3
-
2
1
V
C
0
7
4
-
3
V
C
0
7
4
-
5
V
C
H
u
2
2
H
u
7
2
H
u
3
3
H
u
7
4
H
u
7
4
A
0
1
A
5
A
2
1
A
3
A
5
5
1
0
.
4
2
0
.
7
1
0
.
0
5
0
.
5
3
0
.
]
8
.
6
1
[
6
6
.
]
7
.
2
1
[
0
5
.
]
8
.
7
1
[
0
7
.
]
0
.
4
1
[
5
5
.
]
5
.
6
1
[
5
6
.
]
0
.
3
3
[
3
.
1
]
4
.
5
2
[
0
.
1
]
0
.
3
3
[
3
.
1
]
4
.
5
2
[
0
.
1
]
0
.
8
2
[
1
.
1
]
7
.
0
1
[
2
4
.
]
5
.
2
1
[
9
4
.
]
0
.
4
1
[
5
5
.
]
7
.
0
1
[
2
4
.
]
8
.
7
1
[
0
7
.
]
2
5
.
1
[
0
6
0
.
]
7
0
.
1
[
2
4
0
.
]
2
5
.
1
[
0
6
0
.
0
.5
30
[9
8
.]
]
7
0
.
1
[
2
4
0
.
0
7
4
-
0
1
V
C
0
2
8
-
3
V
C
1
0
1
-
3
V
C
1
0
1
-
5
V
C
1
5
1
-
3
V
C
H
u
7
4
H
u
2
8
H
u
0
0
1
H
u
0
0
1
H
u
0
5
1
A
0
1
A
3
A
3
A
5
A
3
2
2
0
.
0
1
1
.
2
7
0
.
5
5
0
.
0
4
1
.
]
6
.
1
2
[
5
8
.
]
7
.
2
1
[
0
5
.
]
0
.
4
1
[
5
5
.
]
5
.
6
1
[
5
6
.
]
2
.
5
1
[
0
6
.
]
3
.
3
3
[
3
.
1
]
5
.
6
1
[
5
6
.
]
5
.
0
3
[
2
.
1
]
0
.
3
3
[
3
.
1
]
5
.
0
3
[
2
.
1
]
8
.
7
1
[
0
7
.
]
5
.
9
[
5
7
3
.
]
8
.
7
1
[
0
7
.
]
8
.
7
1
[
0
7
.
]
9
.
0
1
[
3
4
.
]
2
5
.
1
[
0
6
0
.
]
1
7
.
[
8
2
0
.
]
9
8
.
[
5
3
0
.
]
7
0
.
1
[
2
4
0
.
]
1
7
.
[
8
2
0
.
1
5
1
-
5
V
C
1
2
2
-
3
V
C
1
7
2
-
0
1
V
C
1
9
3
-
3
V
C
1
9
3
-
5
V
C
H
u
0
5
1
H
u
0
2
2
H
u
0
7
2
H
u
0
9
3
H
u
0
9
3
A
5
A
3
A
0
1
A
3
A
5
5
6
0
.
0
1
2
.
0
6
1
.
0
5
2
.
0
9
1
.
]
5
.
6
1
[
5
6
.
]
0
.
4
1
[
5
5
.
]
0
.
8
2
[
1
.
1
]
0
.
8
2
[
1
.
1
]
0
.
8
2
[
1
.
1
]
0
.
3
3
[
3
.
1
]
5
.
0
3
[
2
.
1
0
.
1]
4
.
5
2
[
0
.
1]
4
.
5
2
[
0
.
1]
4
.
5
2
[
]
8
.
7
1
[
0
7
.
]
7
.
0
1
[
2
4
.
]
3
.
8
1
[
2
7
.
]
3
.
8
1
[
2
7
.
]
3
.
8
1
[
2
7
.
]
7
0
.
1
[
2
4
0
.
]
4
6
.
[
5
2
0
.
]
7
9
.
[
8
3
0
.
]
9
8
.
5
3
0
.
]
7
9
.
[
8
3
0
.
SEREIES CV SPECIFICATIONS
1.25[32]typ.
.125 [3.2]max
← B →
→ ←
←
→
↓
↑
W
A
↑
↓
CA SERIES
CH SERIES
.22 [5.6]
Min.
← B →
↑
↓
A
→ ←
w
← LS →
↑
↓
Solderable to
within .08 [2] of
seating plane
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
105
CV SERIES
P/N DESIGNATION:
CA3 - 101- K B W
Inductance (uH) 2 signif. figures &multiplier
(5R0=5uH, 100=10uH, 271=270uH, etc.)
Termination: W= Lead-free (standard), Q= Tin/Lead
(leave blank if either is acceptable)
Tolerance Code: K=10% (std), 5% (J) avail.
Packaging: B = Bulk
RCD Type
B
↑
↓
LS
← A →
w → ←
Solderable to
within .04 [1] of
seating plane
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - CA3-5R0-KB

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
CA3-B0-10-450-121-C CARLINGTECH-CA3-B0-10-450-121-C Datasheet
4Mb / 24P
Circuit Breaker
More results

Similar Description - CA3-5R0-KB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VC5020-100M ETC1-VC5020-100M Datasheet
31Kb / 1P
HIGH CURRENT FILTER CHOKES
logo
Solid States Devices, I...
SEP0125 SSDI-SEP0125 Datasheet
44Kb / 2P
1 AMP 25 VOLTS SUPER SCHOTTKY RECTIFIER
logo
Power-One
FP38 POWER-ONE-FP38 Datasheet
123Kb / 5P
Filter & Ring Core Chokes
logo
XFMRS Inc.
XFAL2226-3-100 XFMRS-XFAL2226-3-100 Datasheet
36Kb / 1P
FILTER CHOKES
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
RECTIFIERS 1 Amp to 2 Amp
logo
XFMRS Inc.
XFAL2226-3-100 XFMRS-XFAL2226-3-100 Datasheet
36Kb / 1P
FILTER CHOKES
XFAL2226-3-100 XFMRS-XFAL2226-3-100_15 Datasheet
36Kb / 1P
FILTER CHOKES
logo
RENCO ELECTRONICS, INC.
RL-2226 RENCO-RL-2226 Datasheet
1Mb / 3P
FILTER CHOKES
RL-2227 RENCO-RL-2227 Datasheet
1Mb / 2P
FILTER CHOKES
logo
Leach International Cor...
JCL LEACH-JCL Datasheet
686Kb / 5P
RELAY LATCH 1 PDT, 25 AMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com