Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI1008F-R10-GB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CI1008F-R10-GB
Description  CERAMIC CORE WIREWOUND CHIP INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CI1008F-R10-GB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CI1008F-R10-GB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CI SERIES
Industry’s widest range! 1nH to 10uH, 1%-10%, 0402-1008 sizes
Non-magnetic ceramic-core design for HF operation
Customized versions available with non-standard values,
increased Q & SRF, marking of induc. value, etc.
Ferrite core available for expanded inductance range & low DCR (Opt.F)
CERAMIC CORE WIREWOUND CHIP INDUCTORS
e
p
y
T
D
C
R]
5
2
.
[
1
0
.
±
L]
4
5
2
.
[
1
0
.
±
W.
x
a
M
H]
5
1
.
[
6
0
0
.
±
T
2
0
4
0
I
C]
2
1
.
1
[
4
4
0
.]
6
.
[
4
2
0
.]
7
.
[
8
2
0
.]
3
.
[
2
1
0
.
3
0
6
0
I
C]
5
.
1
[
0
6
0
.]
9
8
.
[
5
3
0
.]
1
[
0
4
0
.]
3
3
.
[
3
1
0
.
5
0
8
0
I
C]
0
.
2
[
0
8
0
.]
7
4
.
1
[
8
5
0
.]
2
5
.
1
[
0
6
0
.]
5
.
[
0
2
0
.
8
0
0
1
I
C]
7
6
.
2
[
5
0
1
.]
9
2
.
2
[
0
9
0
.]
9
2
.
2
[
0
9
0
.]
5
5
.
[
2
2
0
.
RESISTORS CAPACITORS COILS DELAY LINES
FA083A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
.
C
U
D
N
I
E
U
L
A
V
CI
2
0
4
0
3
0
6
0
I
C
5
0
8
0
I
C
8
0
0
1
I
C
Q
)
n
i
m
(
q
e
r
F
t
s
e
T
z
H
M
,
F
R
S
z
H
M
,
R
C
D
a
mx
Ω
d
e
t
a
RC
D
)
A
m
(t
n
e
r
r
u
C
Q
)
n
i
m
(
q
e
r
F
t
s
e
T
z
H
M
,
F
R
S
z
H
M
,
R
C
D
x
a
m
Ω
d
e
t
a
RC
D
)
A
m
(t
n
e
r
r
u
C
Q
)
n
i
m
(
q
e
r
F
t
s
e
T
z
H
M
,
F
R
S
z
H
M
,
R
C
D
a
mx
Ω
d
e
t
a
RC
D
)
A
m
(t
n
e
r
r
u
C
Q
)
n
i
m
(
q
e
r
F
t
s
e
T
z
H
M
,
F
R
S
z
H
M
,
R
C
D
x
a
m
Ω
d
e
t
a
RC
D
)
A
m
(t
n
e
r
r
u
C
H
n
1
6
10
5
20
0
0
65
4
0
.0
6
3
1
H
n
2
6
10
5
20
0
0
67
0
.0
4
0
1
H
n
2
.
2
9
10
5
20
0
0
67
0
.0
6
9
0
40
0
5
1G
6
>5
0
.0
0
6
H
n
3
.
3
9
10
5
20
0
0
66
6
0
.0
4
8
0
30
0
5
1G
6
>8
0
.0
0
6
H
n
9
.
3
9
10
5
20
0
8
56
6
0
.0
4
8
0
20
5
2G
6
>8
0
.0
0
7
H
n
6
.
5
0
20
5
20
0
8
53
8
0
.0
6
7
H
n
8
.
6
5
20
5
20
0
8
51
1
.0
0
7
0
50
0
0
10
0
0
51
1
.0
0
6
H
n
5
.
7
2
20
5
20
0
8
54
0
1
.0
8
6
H
n
2
.
8
2
20
5
20
0
4
44
0
1
.0
8
6
H
n
0
1
0
30
5
20
0
8
43
1
.0
0
7
0
50
0
0
10
0
8
49
1
.0
0
6
5
50
50
0
1
48
0
.0
0
0
1
H
n
2
1
4
20
5
20
0
6
32
1
.0
4
6
0
30
5
20
0
0
43
1
.0
0
7
0
50
0
50
0
1
45
1
.0
0
6
5
60
50
0
4
39
0
.0
0
0
1
H
n
5
1
4
20
5
20
8
2
32
7
1
.0
6
5
0
30
5
20
0
0
47
1
.0
0
7
0
50
0
50
0
9
37
1
.0
0
6
5
50
50
0
6
23
1
.0
0
0
1
H
n
8
1
0
30
5
20
0
2
37
1
.0
0
7
0
50
0
50
0
3
30
2
.0
0
6
0
60
50
0
6
21
1
.0
0
0
1
H
n
9
1
4
20
5
20
4
0
32
0
2
.0
8
4
H
n
2
2
5
30
5
20
0
0
39
1
.0
0
7
5
50
0
50
0
6
22
2
.0
0
5
0
60
50
0
4
22
1
.0
0
0
1
H
n
3
2
4
20
5
20
2
7
24
1
2
.0
0
4
H
n
7
2
4
20
5
20
8
4
28
9
2
.0
0
4
5
30
5
20
0
8
22
2
.0
0
6
0
60
0
50
0
5
25
2
.0
0
5
0
60
50
0
7
13
1
.0
0
0
1
H
n
3
3
5
30
5
20
0
3
22
2
.0
0
6
0
60
0
50
0
2
27
2
.0
0
5
0
70
50
0
7
14
1
.0
0
0
1
H
n
6
3
4
20
5
20
2
3
23
0
4
.0
2
3
H
n
9
3
5
30
5
20
0
2
25
2
.0
0
6
0
60
0
50
0
1
29
2
.0
0
5
0
70
50
0
6
15
1
.0
0
0
1
H
n
7
4
5
30
0
20
0
1
28
2
.0
0
6
0
60
0
50
5
7
11
3
.0
0
5
0
70
50
0
6
16
1
.0
0
0
1
H
n
6
5
5
30
0
20
0
0
21
3
.0
0
6
0
60
0
50
5
6
12
3
.0
0
5
0
70
50
0
4
18
1
.0
0
0
1
H
n
8
6
5
30
0
20
5
8
14
3
.0
0
6
0
60
0
50
0
5
18
3
.0
0
5
5
60
50
0
2
11
2
.0
0
0
1
H
n
2
8
5
30
5
10
0
7
14
5
.0
0
4
0
60
0
50
0
4
12
4
.0
0
4
5
60
50
0
0
12
2
.0
0
0
1
H
u
1
.
5
30
5
10
0
5
11
7
.0
0
4
0
60
0
50
0
2
16
4
.0
0
4
0
65
20
0
0
16
5
.0
5
6
H
u
2
1
.
5
30
5
10
5
3
19
7
.0
0
3
0
50
5
20
0
2
11
5
.0
0
4
0
65
20
0
0
13
6
.0
5
6
H
u
5
1
.
8
20
5
10
0
2
12
9
.0
8
2
0
50
5
20
0
0
16
5
.0
0
4
0
55
20
5
82
6
.0
8
5
H
u
8
1
.
5
20
0
10
0
1
15
2
.
10
4
2
0
50
5
20
5
94
6
.0
0
4
0
55
20
0
80
7
.0
2
6
H
u
2
2
.
5
20
0
10
0
0
10
5
.
10
0
2
5
40
5
20
5
80
7
.0
0
4
0
55
20
0
70
8
.0
0
5
H
u
7
2
.
5
20
0
10
6
80
8
.
10
7
1
0
40
5
20
8
60
.
10
5
3
0
55
20
0
71
9
.0
0
5
H
u
3
3
.
5
20
0
10
0
60
0
.
20
5
1
0
40
5
20
6
64
.
10
1
3
0
55
20
0
65
0
.
10
5
4
H
u
9
3
.
5
20
0
10
6
40
1
.
20
2
1
5
30
5
20
6
55
.
10
9
2
0
55
20
0
52
1
.
10
7
4
H
u
7
4
.
3
30
0
10
3
47
.
10
5
2
0
55
20
0
59
1
.
10
7
4
H
u
6
5
.
3
20
50
5
39
.
10
3
2
0
55
20
5
43
3
.
10
0
4
H
u
8
6
.
3
20
50
0
30
.
20
9
1
0
55
25
7
37
4
.
10
0
4
H
u
5
7
.
3
20
50
8
21
.
20
8
1
5
45
20
6
34
5
.
10
6
3
H
u
2
8
.
3
20
50
5
23
.
20
8
1
5
45
20
5
31
6
.
10
0
4
H
u
1
0
20
50
0
25
.
20
5
1
5
35
20
9
25
7
.
10
7
3
H
u
2
.
1
5
39
.
70
5
20
.
20
1
3
H
u
5
.
1
8
29
.
70
0
23
.
20
3
3
H
u
8
.
1
8
29
.
70
6
16
.
20
0
3
H
u
2
.
2
8
29
.
70
6
18
.
20
8
2
H
u
7
.
2
2
29
.
70
4
12
.
30
9
2
H
u
3
.
3
2
29
.
70
1
14
.
30
9
2
H
u
9
.
3
0
29
.
70
0
16
.
30
6
2
H
u
7
.
4
0
29
.
70
90
.
40
6
2
H
u
6
.
5
0
29
.
70
87
.
50
4
2
H
u
8
.
6
0
29
.
70
77
.
70
0
2
H
u
2
.
8
0
29
.
70
67
.
0
10
5
1
*
H
u
2
.
8
7
39
.
75
66
.
20
2
2
*
H
u
0
1
8
39
.
70
69
.
20
1
2
DESIGN NOTE: A method to achieve a higher self-resonant frequency
is to use two inductors in series (each to be half of the required value).
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TC
°
5
2
1
+
o
t
C
°
0
4
-
e
c
n
a
t
c
u
d
n
I
f
o
.
C
.
T.
p
y
t
C
°
/
m
p
p
0
0
1
+
k
c
o
h
S
l
a
m
r
e
h
T7
0
1
.
M
,
2
0
2
-
D
T
S
-
L
I
M
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D.
n
i
M
C
D
V
0
5
T
L
H
Inch [mm]
W
SPECIFICATIONS
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
* Option ‘F’ Ferrite Core Design
93
P/N DESIGNATION:
RCD Type
Induc. Code (uH): 2 signif. figures and multiplier
R01=10nH (.01uH), R10=100nH (.1uH), 1R0=1uH. Values below
10nH (.01uH) use ‘N’ to indicate nH 1N0=1nH, 4N7=4.7nH, etc.
Tolerance: F= 1%, G= 2%, J= 5%, K= 10%
Packaging: B = Bulk, T = Tape & Reel
CI1008
-
101 - K T W
Option Codes: F= ferrite core (leave blank if std)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant &
260°C process
compatible


Similar Part No. - CI1008F-R10-GB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI100505-10NJ BOURNS-CI100505-10NJ Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI100505-10NJ BOURNS-CI100505-10NJ Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
CI100505-10NJ FENGJUI-CI100505-10NJ Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
logo
Bourns Electronic Solut...
CI100505-12NJ BOURNS-CI100505-12NJ Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
More results

Similar Description - CI1008F-R10-GB

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC02-1N0K-RC ALLIED-CC02-1N0K-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
CC03-1N6K-RC ALLIED-CC03-1N6K-RC Datasheet
395Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC ALLIED-CC05-2N8K-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC02-1N0K-RC BRIGHT-CC02-1N0K-RC_10 Datasheet
396Kb / 1P
Ceramic Core Chip Inductors
CC03-1N6K-RC BRIGHT-CC03-1N6K-RC_10 Datasheet
403Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC BRIGHT-CC05-2N8K-RC_10 Datasheet
399Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC02 ALLIED-CC02 Datasheet
575Kb / 2P
Ceramic Core Chip Inductors
CC03 ALLIED-CC03 Datasheet
406Kb / 1P
Ceramic Core Chip Inductors
CC10 ALLIED-CC10 Datasheet
398Kb / 1P
Ceramic Core Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-7700-1C RENCO-RL-7700-1C Datasheet
1Mb / 8P
STANDARD CERAMIC WIREWOUND CHIP INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com