Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER15-R47-K Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CER15-R47-K
Description  RADIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CER15-R47-K Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CER15-R47-K Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s widest range- 0.47pF to 10uF, tolerances to 1%
Space-saving radial lead design
COG (NPO), X7R, Z5U and Y5V temperature coefficients
Tape and reel packaging available
Standard industry sizes
High voltage models available
Cut and formed leads available
DIMENSIONS
DIELECTRIC CHARACTERISTICS (typical)
e
p
y
T
D
C
R.
x
a
M
L.
x
a
M
H.
x
a
M
TS
L
]
6
.
0
[
4
2
0
.
±
5
1
R
E
C]
2
.
4
[
5
6
1
.]
1
8
.
3
[
0
5
1
.]
1
8
.
3
[
0
5
1
.]
5
.
2
[
0
0
1
.
7
1
R
E
C]
1
8
.
3
[
0
5
1
.]
1
8
.
3
[
0
5
1
.]
1
8
.
3
[
0
5
1
.]
0
.
5
[
0
0
2
.
0
2
R
E
C]
8
0
.
5
[
0
0
2
.]
8
0
.
5
[
0
0
2
.]
1
8
.
3
[
0
5
1
.]
5
.
2
[
0
0
1
.
2
2
R
E
C]
8
0
.
5
[
0
0
2
.]
8
0
.
5
[
0
0
2
.]
1
8
.
3
[
0
5
1
.]
0
.
5
[
0
0
2
.
0
3
R
E
C]
2
6
.
7
[
0
0
3
.]
5
.
5
[
7
1
2
.]
0
8
.
3
[
0
5
1
.]
0
.
5
[
0
0
2
.
0
4
R
E
C]
5
.
0
1
[
3
1
4
.]
0
1
[
4
9
3
.]
2
.
4
[
5
6
1
.]
5
.
5
[
7
1
2
.
0
5
R
E
C]
5
.
2
1
[
2
9
4
.]
1
1
[
3
3
4
.]
2
.
4
[
5
6
1
.]
5
.
7
[
5
9
2
.
CAPACITANCE RANGE
D
C
R
E
P
Y
T
C
D
V
W
1
E
G
N
A
R
E
C
N
A
T
I
C
A
P
A
C
D
R
A
D
N
A
T
S
1
)
O
P
N
(
G
0
C
%
5
=
.
l
o
t
.
d
t
S
R
7
X
%
0
1
=
.
l
o
t
.
d
t
S
)
U
5
Z
(
V
5
Y
2
%
0
2
=
.
l
o
t
.
d
t
S
,
5
1
R
E
C
7
1
R
E
C
5
2
0
5
0
0
1
F
p
0
0
3
3
-
7
4
.
0
F
p
0
0
2
2
-
7
4
.
0
F
p
0
0
0
1
-
7
4
.
0
F
u
2
2
.
0
-
F
p
0
0
1
F
u
1
.
0
-
F
p
0
0
1
F
u
7
4
0
.
0
-
F
p
0
0
1
F
u
2
.
1
-
F
u
1
0
.
F
u
1
-
F
u
1
0
.
F
u
1
.
0
-
F
p
0
0
0
1
,
0
2
R
E
C
2
2
R
E
C
5
2
0
5
0
0
1
F
p
0
0
8
6
-
7
4
.
0
F
p
0
0
7
4
-
7
4
.
0
F
p
0
0
9
3
-
7
4
.
0
F
u
1
-
F
p
0
0
1
F
u
7
4
.
0
-
F
p
0
0
1
F
u
1
.
0
-
F
p
0
0
1
F
u
2
.
1
-
F
u
1
0
.
F
u
1
-
F
u
1
0
.
F
u
3
3
.
0
-
F
u
1
0
.
0
3
R
E
C
5
2
0
5
0
0
1
F
p
0
0
0
,
0
1
-
0
1
F
p
0
0
8
6
-
0
1
F
p
0
0
7
4
-
5
F
u
1
-
F
p
0
7
4
F
u
1
-
F
p
0
7
4
F
u
2
2
.
0
-
F
p
0
0
1
F
u
5
.
1
-
F
u
1
.
F
u
5
.
1
-
F
u
1
.
F
u
0
.
1
-
F
u
1
.
0
4
R
E
C
5
2
0
5
0
0
1
F
p
0
0
0
,
7
4
-
0
1
F
p
0
0
0
,
7
2
-
0
1
F
p
0
0
0
,
2
2
-
5
F
u
1
-
F
p
0
0
0
1
F
u
1
-
F
p
0
0
0
1
F
u
7
4
.
0
-
F
p
0
0
1
F
u
7
.
4
-
F
u
8
6
.
F
u
3
.
3
-
F
u
8
6
.
F
u
2
.
2
-
F
u
8
6
.
0
5
R
E
C
5
2
0
5
0
0
1
F
u
1
.
0
-
F
p
0
0
0
1
F
u
7
4
0
.
0
-
F
p
0
0
0
1
F
u
3
3
0
.
0
-
F
p
0
0
0
1
F
u
2
.
2
-
F
u
1
0
.
F
u
2
.
2
-
F
u
1
0
.
F
u
1
-
F
u
1
0
.
F
u
0
1
-
F
u
1
F
u
8
.
6
-
F
u
1
F
u
2
.
2
-
F
u
1
FA058B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD’s CeragoldTM high-density multilayer construction enables
superior performance and capacitance range. Proprietary flame
retardant epoxy coating ensures optimum environmental
protection and dielectric strength. Non-standard values, in-
creased voltage ratings, custom marking, military screening, cut
& formed leads, etc., are available. Matched sets and networks
also available. Custom components are an RCD specialty!
RADIAL LEAD CERAMIC CAPACITORS
MULTILAYER CERAGOLDTM CONSTRUCTION
BODY STYLE (additional styles available)
CER15, 20, 30, 40, 50
* Longer leads available, consult factory
→ ←
H
L
↑↑↑↑↑
.32 [8]
min*
↓↓↓↓↓
↑↑↑↑↑
↓↓↓↓↓
T
LS
.020 [.5]
1 Expanded range available, consult factory
2 Y5V is standard, Z5U is avail. (Y5V & Z5U are considered interchangeable)
3
±60ppm <10pF
M
E
T
I)
O
P
N
(
G
O
CR
7
X)
U
5
Z
(
V
5
Y
2
s
e
u
l
a
v
2
1
E
,
e
g
n
a
R
.
p
a
CF
u
1
.
0
-
F
p
7
4
.
0F
u
1
-
F
p
0
3
3F
u
0
1
-
F
p
0
0
0
,
1
e
c
n
a
r
e
l
o
T
e
c
n
a
t
i
c
a
p
a
C
)
d
t
s
(
F
p
5
.
,
F
p
5
2
.
,
F
p
1
.
±
:
F
p
0
1
<
%
0
1
±
,
)
d
t
s
(
%
5
±
,
%
2
±
,
%
1
±
:
F
p
0
1
,
)
d
t
s
(
%
0
1
±
,
%
5
±
%
0
2
±
%
0
2
-
/
0
8
+
,
)
d
t
s
(
%
0
2
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
2
1
+
o
t
C
°
5
5
-C
°
5
2
1
+
o
t
C
°
5
5
-C
°
5
8
+
o
t
C
°
0
3
-
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
e
r
u
t
a
r
e
p
m
e
TC
°
/
m
p
p
0
3
±
0
3
e
g
n
a
r
p
m
e
t
.
p
o
r
e
v
o
x
a
m
%
5
1
±
)
%
6
5
-
/
%
2
2
+
(
%
2
8
-
/
%
2
2
+
e
g
n
a
r
p
m
e
t
g
n
i
t
a
r
e
p
o
r
e
v
o
x
a
m
)
r
h
e
d
a
c
e
d
/
s
s
o
l
p
a
c
(
g
n
i
g
Ae
l
b
i
g
il
g
e
n%
2%
7
(
f
e
o
C
e
g
a
tl
o
V
)
V
x
a
m
@
Ce
l
b
i
g
il
g
e
np
y
t
%
0
1
+
o
t
%
0
5
-p
y
t
%
0
2
+
o
t
%
0
8
-
2
,
z
H
K
1
(
r
o
t
c
a
F
n
o
i
t
a
p
i
s
s
i
DC
°
5)
)
C
°
5
2
1
+
&
C
°
5
2
+
(
%
5
1
.
0
F
p
0
0
0
1
<
s
e
u
l
a
v
r
o
f
z
H
M
1
,
S
M
R
V
0
.
1
S
M
R
V
1
,
.
x
a
M
%
5
.
2S
M
R
V
5
.
0
.
x
a
M
%
0
.
4
C
°
5
2
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
)
2
0
3
-
D
O
H
T
E
M
-
2
0
2
-
D
T
S
-
L
I
M
(
G
0
0
1
M
0
0
0
1
r
o
Ω-F
u
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
G
0
0
1
M
0
0
0
1
r
o
Ω-F
u
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
G
0
1
M
0
0
0
1
r
o
Ω-F
u
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
D
V
d
e
t
a
r
x
3C
D
V
d
e
t
a
r
x
3C
D
V
d
e
t
a
r
x
3
)
s
r
u
o
h
0
0
0
1
(
t
s
e
T
e
f
i
L
C
°
5
2
1
+
@
e
g
a
tl
o
v
d
e
t
a
r
x
2
g
i
w
F
p
5
2
.
0
r
o
%
3
<
C
C
°
5
2
1
+
t
a
e
g
a
tl
o
v
d
e
t
a
r
x
2
%
0
2
<
C
C
°
5
8
+
t
a
e
g
a
tl
o
v
d
e
t
a
r
x
5
.
1
%
0
3
<
C
P/N DESIGNATION:
CER15
- 102 - K 050 R B W
RCD Type
Capacitance Code (pF) 2 signif. digits &multiplier:
R47=0.47pF, 1R0=1pF, 100=10pF, 101=100pF,102=1000pF,
103=.01uF(10,000pF), 104= .1uF(100,000pF), 105=1uF, 106=10uF
Tolerance: F=1%, G=2%, J=5%, K=10%, M=20%,
Z=+80%/-20%, B=±0.1pF, C=±0.25pF, D=±0.5pF
Packaging: B=Bulk(poly bag), A=Ammo, T=Tape &
Reel (typical quantities are 500-1000 pcs/bag, 2500
per Ammo box, and 4000/Reel)
Voltage Code: 025=25V, 050=50V, 101=100V, 201=200V
Option Code (leave blank if standard)
Dielectric: G=COG (NPO), R=X7R, V=Y5V (U=Z5U)
Termination: W=lead-free, Q=tin/lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)
CER17, CER22
H
L
LS
T
↑↑↑↑↑
.32 [8]
min*
↓↓↓↓↓
.020 [.5]
→ ←
CER SERIES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
90
↓↓↓↓↓
↑↑↑↑↑
↑↑↑↑↑
↓↓↓↓↓
.060 [1.5]
.080 [2]
↓↓↓↓↓
↑↑↑↑↑
*Body thickness varies with capacitance value
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - CER15-R47-K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CER115 SUMIDA-CER115 Datasheet
62Kb / 1P
Power over Ethernet Transformer
More results

Similar Description - CER15-R47-K

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
RCD COMPONENTS INC.
CEA10-R50-F025 RCD-CEA10-R50-F025 Datasheet
35Kb / 1P
AXIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
Dipped Radial Multilayer Ceramic Capacitors
18-Sep-06
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
Radial Multilayer Ceramic Capacitors
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com