Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE1206-R50-C Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CE1206-R50-C
Description  MULTILAYER CERAMIC CHIP (MLCC) CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CE1206-R50-C Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CE1206-R50-C Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MULTILAYER CERAMIC CHIP (MLCC) CAPACITORS
Industry’s widest range and lowest prices: 0201 to 3035 size,
.47pF to 100uF, 6.3V to 4KV (up to 20KV custom available)
New X5R high-capacitance dielectric offers lower impedance
and ESR (especially at higher frequencies), at lower cost &
smaller size than tantalum, aluminum, and film styles
Quick delivery, wide selection available from stock!
Lead-free tin plating is standard
Precision matching to 0.1% available
CE SERIES
E
Z
I
SL
W
)
x
a
M
(
Tt
1
0
2
0]
4
0
.
±
6
.
[
6
1
0
0
.
±
4
2
0
.]
3
0
.
±
3
.
[
1
0
0
.
±
2
1
0
.]
4
.
[
6
1
0
.]
7
0
.
±
5
1
.
[
3
0
0
.
±
6
0
0
.
2
0
4
0]
7
0
.
±
1
[
3
0
0
.
±
9
3
0
.]
5
0
.
±
5
.
[
2
0
0
.
±
0
2
0
.]
6
.
[
4
2
0
.]
5
1
.
±
5
2
.
[
6
0
0
.
±
1
0
.
3
0
6
0]
1
.
±
6
.
1
[
4
0
0
.
±
3
6
0
.]
1
.
0
±
8
.
[
4
0
0
.
±
1
3
0
.]
9
.
[
6
3
0
.]
5
1
.
±
5
3
.
[
6
0
0
.
±
4
1
0
.
5
0
8
0]
2
.
±
0
.
2
[
8
0
0
.
±
9
7
0
.]
2
.
±
5
2
.
1
[
8
0
0
.
±
9
4
0
.]
5
5
.
1
[
1
6
0
.]
5
2
.
±
5
.
[
1
0
.
±
2
0
.
6
0
2
1]
3
.
±
2
.
3
[
2
1
0
.
±
6
2
1
.]
2
.
±
6
.
1
[
8
0
0
.
±
3
6
0
.]
5
6
.
1
[
5
6
0
.]
5
2
.
±
5
.
[
1
0
.
±
2
0
.
0
1
2
1]
3
.
±
2
.
3
[
2
1
0
.
±
6
2
1
.]
3
.
±
5
.
2
[
2
1
0
.
±
8
9
0
.]
5
.
2
[
8
9
0
.]
3
.
±
6
.
[
2
1
0
.
±
4
2
0
.
2
1
8
1]
4
.
±
5
.
4
[
6
1
0
.
±
7
7
1
.]
3
.
±
2
.
3
[
2
1
0
.
±
6
2
1
.]
5
.
2
[
8
9
0
.]
5
.
±
5
7
.
[
2
0
.
±
0
3
0
.
5
2
2
2]
5
.
±
7
.
5
[
2
0
.
±
4
2
2
.]
5
.
±
4
.
6
[
2
0
.
±
1
5
2
.]
5
.
2
[
8
9
0
.]
5
.
±
5
7
.
[
2
0
.
±
0
3
0
.
5
3
0
3]
5
.
±
6
.
7
[
2
0
.
±
9
9
2
.]
5
.
±
0
.
9
[
2
0
.
±
4
5
3
.]
0
.
3
[
8
1
1
.]
5
.
±
5
7
.
[
2
0
.
±
0
3
0
.
DIELECTRIC CHARACTERISTICS
E
Z
I
S
T
)
l
e
e
r
"
7
(
C
)
e
g
d
i
r
t
r
a
C
(
B
)
k
l
u
B
(
1
0
2
00
0
0
5
1*
*0
0
0
2
2
0
4
00
0
0
0
10
0
0
0
20
0
0
2
3
0
6
00
0
0
40
0
0
5
10
0
0
2
5
0
8
00
0
0
40
0
0
0
10
0
0
2
6
0
2
10
0
0
40
0
0
50
0
0
2
0
1
2
1*
0
0
0
2*
*0
0
5
2
1
8
10
0
0
1*
*0
0
5
5
2
2
20
0
0
1*
*0
0
5
5
3
0
3*
**
*0
0
5
e
p
y
T
D
C
R
x
a
M
e
g
a
t
l
o
V
e
g
n
a
R
e
c
n
a
t
i
c
a
p
a
C)
s
e
u
l
a
V
2
1
-
E
(
3
,
1
)
O
P
N
(
G
O
C
1
R
7
X
1
R
5
X
1
)
U
5
Z
(
V
5
Y
2
1
0
2
0
E
C
3
.
6
.
F
u
1
0
.
-
F
u
1
0
.
F
u
7
4
0
0
1F
p
0
0
1
-
F
p
2
8-
F
p
0
0
2
1
.
F
u
1
0
6
1F
p
0
0
1
-
F
p
3
4F
p
0
0
3
3
-
F
p
0
6
5F
p
0
0
7
4
-
F
p
0
0
3
3-
F
p
0
0
0
1
.
F
u
1
0
5
2
.
F
p
0
0
1
-
F
p
7
4
F
p
0
0
0
1
-
F
p
0
8
1F
p
0
0
2
2
-
F
p
0
0
1F
p
0
0
0
1
0
5
.
F
p
2
2
-
F
p
7
4
F
p
0
7
4
-
F
p
9
3
2
0
4
0
E
C
3
.
6F
u
1
-
F
u
1
.
0
1
.
F
u
1
.
0
-
F
u
9
3
0
F
u
1
.
-
F
u
2
1
0
.
.
F
u
1
-
F
u
0
1
6
1F
p
0
7
4
-
F
p
0
7
2F
u
7
4
0
.
-
F
p
0
0
1F
u
7
4
0
.
-
F
u
2
1
0
.F
u
1
.
-
F
p
0
0
0
1
5
2F
p
0
7
4
-
F
p
1F
u
2
2
0
.
-
F
p
0
0
1F
u
7
4
0
.
-
F
p
0
0
0
1
0
5
.
F
p
0
3
3
-
F
p
7
4
F
p
0
0
7
4
-
F
p
0
0
1F
u
2
2
0
.
-
F
p
0
0
0
1
3
0
6
0
E
C
3
.
6
.
F
u
7
.
4
-
F
u
7
2
0
1
.
F
u
1
-
F
u
5
1
.
F
u
2
.
2
-
F
u
7
2
F
u
2
.
2
-
F
u
8
6
.
6
1F
p
0
0
3
3
-
0
0
8
1-
F
u
3
3
0
.
.
F
u
2
2F
u
1
-
F
u
2
1
.F
u
1
-
F
u
2
1
.
5
2
.
F
p
0
0
2
2
-
F
p
7
4
-
F
p
0
0
1
.
F
u
5
1F
u
8
1
.
-
F
u
6
5
0
.-
F
p
0
0
2
2
.
F
u
7
4
0
5
.
F
p
0
0
2
2
-
F
p
7
4
-
F
p
0
0
1
.
F
u
1-
F
p
0
0
2
2
.
F
u
2
2
0
0
1
.
F
p
0
2
8
-
F
p
7
4
F
p
0
0
7
4
-
F
p
0
0
1
0
0
2
.
F
p
0
3
3
-
F
p
7
4
5
0
8
0
E
C
3
.
6F
u
2
2
-
F
u
5
.
1
0
1F
u
2
.
2
-
F
u
3
3
.F
u
0
1
-
F
u
1F
u
0
1
-
F
u
2
.
2
6
1F
u
1
-
F
u
7
4
0
.F
u
7
.
4
-
F
u
3
3
.F
u
7
.
4
-
F
u
7
4
.
5
2
.....F
u
1
0
.
-
F
p
7
4
F
u
7
4
.
-
F
p
0
3
3F
u
7
.
4
-
F
u
1F
u
2
.
2
-
F
u
1
0
.
0
5
.
F
u
1
0
.
-
F
p
7
4
F
u
3
3
.
-
F
p
0
0
1
.
F
u
2
2
F
u
1
-
F
u
1
0
.
0
0
1
.
F
p
0
0
5
1
-
F
p
7
4
F
u
9
3
0
.
-
F
p
0
0
1-
F
u
1
0
.
.
F
u
2
2
0
0
2
.
F
p
0
2
8
-
F
p
7
4
F
u
5
1
0
.
-
F
p
0
8
1
0
0
5
.
F
p
0
7
4
-
F
p
7
4
F
u
2
1
0
.
-
F
p
0
0
2
2
6
0
2
1
E
C
3
.
6F
u
0
1F
u
7
4
-
F
u
7
.
4
0
1F
u
7
.
4
-
F
u
1F
u
0
1
-
F
u
2
.
2F
u
2
2
-
F
u
1
6
1
.
F
u
3
.
3
-
F
u
7
2
F
u
0
1
-
F
u
2
.
1F
u
0
1
-
F
u
1
5
2
.
F
u
3
3
0
.
-
F
p
7
4
F
u
2
.
2
-
F
p
0
0
0
1F
u
0
1
-
F
u
6
5
.F
u
0
1
-
F
u
1
0
.
0
5
.
F
u
3
3
0
.
-
F
p
7
4
F
u
7
4
.
-
F
p
0
5
1F
u
2
.
2
-
F
u
1
0
.
0
0
1
.
F
p
0
0
8
6
-
F
p
7
4
F
u
5
1
.
-
F
p
0
5
1
0
0
2
.
F
p
0
0
5
1
-
F
p
7
4
F
u
3
3
0
.
-
F
p
0
2
2
0
0
5
.
F
p
0
2
8
-
F
p
7
4
F
u
2
2
0
.
-
F
p
0
2
2
0
0
0
1
.
F
p
0
8
6
-
F
p
7
4
F
p
0
0
7
4
-
F
p
0
2
2
0
0
0
2
.
F
p
0
7
4
-
F
p
7
4
F
p
0
0
0
1
-
F
p
8
6
0
1
2
1
E
C
3
.
6F
u
0
0
1
-
F
u
7
.
4F
u
0
0
1
-
F
u
7
4
0
1F
u
0
1
-
F
u
2
.
2F
u
2
2
-
F
u
7
.
4F
u
2
2
6
1
.
F
u
7
.
4
-
F
u
8
6
F
u
0
1
-
F
u
1F
u
2
2
-
F
u
0
1
5
2F
u
1
0
.
-
F
p
0
6
5F
u
3
.
3
-
F
p
0
0
0
1F
u
0
1
-
F
u
2
.
2F
u
0
1
-
F
u
1
.
0
5F
u
1
0
.
-
F
p
0
0
1F
u
1
-
F
p
0
0
0
1F
u
1F
u
7
.
4
-
F
u
1
.
0
0
1F
p
0
0
8
6
-
F
p
0
0
1-
F
p
0
0
0
1
.
F
u
5
1F
u
1
-
F
u
1
.
0
0
2F
p
0
0
7
4
-
F
p
0
0
1F
u
8
6
0
.
-
F
p
0
0
0
1
0
0
5F
p
0
0
2
2
-
F
p
0
0
1F
u
7
4
0
.
-
F
p
0
0
2
2
0
0
0
1F
p
0
0
0
1
-
F
p
0
0
1F
u
5
1
0
.
-
F
p
0
0
0
1
0
0
0
2F
p
0
6
5
-
F
p
0
0
1F
p
0
0
5
1
-
F
p
0
8
1
2
1
8
1
E
C
5
2F
u
8
1
0
.
-
F
p
0
0
0
1F
u
1
-
F
u
1
0
.F
u
0
1F
u
3
.
3
-
F
u
5
1
.
0
5F
u
8
1
0
.
-
F
p
0
0
1F
u
1
-
F
u
1
0
.F
u
2
.
2
-
F
u
5
1
.
0
0
1F
u
1
0
.
-
F
p
0
0
1-
F
u
1
0
.
.
F
u
7
4F
u
1
-
F
u
1
.
0
0
2F
p
0
0
8
6
-
F
p
0
0
1F
u
1
.
-
F
p
0
0
8
6
0
0
5F
p
0
0
6
5
-
F
p
0
5
1F
u
2
1
.
-
F
p
0
0
7
4
0
0
0
1F
p
0
0
7
4
-
F
p
0
5
1F
u
7
2
0
.
-
F
p
0
0
2
2
0
0
0
2F
p
0
0
2
2
-
F
p
0
5
1F
p
0
0
3
3
-
F
p
0
3
3
0
0
0
3F
p
0
0
0
1
-
F
p
0
0
1
0
0
0
4F
p
0
3
3
-
F
p
0
0
1
5
2
2
2
E
C
5
2F
p
0
0
8
6
-
F
p
0
0
5
1F
u
6
.
5
-
F
u
1
0
.F
u
7
.
4
-
F
u
8
6
.
0
5F
u
6
5
0
.
-
F
p
0
0
1F
u
3
.
3
-
F
u
1
0
.F
u
3
.
3
-
F
u
8
6
.
0
0
1F
u
7
4
0
.
-
F
p
0
0
1F
u
5
.
1
-
F
u
1
0
.
0
0
2F
p
0
0
2
8
-
F
p
0
0
0
1-
F
u
5
1
0
.
.
F
u
2
4
0
0
5F
p
0
0
6
5
-
F
p
0
0
0
1-
F
u
8
1
0
.
.
F
u
9
3
0
0
0
1F
p
0
0
3
3
-
F
p
0
0
0
1-
F
p
0
0
2
8
.
F
u
1
0
0
0
2F
p
0
0
2
2
-
F
p
0
0
0
1-
F
p
0
0
2
1
.
F
u
1
0
0
0
0
3F
p
0
0
2
2
-
F
p
0
2
2
0
0
0
4F
p
0
0
5
1
-
F
p
0
2
2
5
3
0
3
E
C
5
2F
u
1
.
-
F
p
0
0
0
1F
u
2
.
2
-
F
u
1
0
.F
u
0
1
-
F
u
1
0
5F
u
7
4
0
.
-
F
p
0
0
0
1F
u
2
.
2
-
F
u
1
0
.F
u
8
.
6
-
F
u
1
0
0
1F
u
3
3
0
.
-
F
p
0
0
0
1F
u
1
-
F
u
1
0
.
0
0
2F
u
2
2
0
.
-
F
p
0
0
0
1F
u
1
-
F
u
1
0
.
0
0
5F
u
8
1
0
.
-
F
p
0
0
0
1F
u
1
-
F
p
0
0
8
6
0
0
0
1F
p
0
0
2
8
-
F
p
0
0
0
1
0
0
0
2F
p
0
0
3
3
-
F
p
0
0
0
1
M
E
T
I)
O
P
N
(
G
O
CR
7
XR
5
X*
V
5
Y
/
U
5
Z
e
l
b
a
l
i
a
v
A
s
e
c
n
a
r
e
l
o
T
,
F
p
1
.
±
:
F
p
0
1
<
;
F
p
5
.
±
,
F
p
5
2
.
≥
,
%
2
,
%
1
±
:
F
p
0
1
%
0
1
,
)
d
t
s
(
%
5
,
)
d
t
s
(
%
0
1
,
%
5
%
0
2
,
)
d
t
s
(
%
0
1
,
%
5
%
0
2
,
)
d
t
s
(
%
0
2
±
%
0
2
-
/
0
8
+
g
n
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
C
°
5
2
1
+
o
t
°
5
5
-C
°
5
2
1
+
o
t
°
5
5
-C
°
5
8
+
o
t
C
°
5
5
-C
°
5
8
+
o
t
0
3
-
e
r
u
t
a
r
e
p
m
e
T
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
°
/
m
p
p
0
3
±
r
e
v
o
.
x
a
m
%
5
1
±
e
g
n
a
R
.
p
m
e
T
.
r
e
p
O
r
e
v
o
.
x
a
m
%
5
1
±
e
g
n
a
R
.
p
m
e
T
.
r
e
p
O
%
6
5
-
/
2
2
+
:
U
5
Z
%
2
8
-
/
2
2
+
:
V
5
Y
g
n
i
g
A
/
s
s
o
l
p
a
c
(
)
r
h
e
d
a
c
e
d
%
0.
x
a
M
%
2.
x
a
M
%
5
.
2.
x
a
M
%
7
f
e
o
C
e
g
a
t
l
o
V
(
∆ @
Cx
a
m)
V
e
l
b
i
g
il
g
e
np
y
t
%
0
1
+
o
t
%
0
5
-p
y
t
%
0
1
+
o
t
%
0
5
-p
y
t
%
0
2
+
o
t
%
0
8
-
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
a
F
.
x
a
M
%
1
.
0
.
x
a
M
%
5
.
2V
0
5
,
V
5
2
%
3
,
V
0
0
1
&
V
6
1
%
5
.
3
,
V
5
2
x
a
M
%
3
V
0
1
%
5
,
V
6
1
%
5
.
3
.
x
a
M
%
4
:
U
5
Z
%
5
:
V
5
Y
≥
,
V
0
5
V
5
2
-
6
1
%
7
.
s
i
s
e
R
.
l
u
s
n
I
)
n
i
m
(
C
°
5
2
G
0
0
1
Ω
G
1
r
o
Ω F
µ
-
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
G
0
0
1
Ω
G
1
r
o
Ω F
µ
-
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
G
0
0
1
Ω
M
0
0
5
r
o
Ω F
µ
-
s
s
e
l
r
e
v
e
h
c
i
h
w
G
0
1
Ω
G
1
r
o
Ω F
µ
-
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
c
i
r
t
c
e
l
e
i
D
h
t
g
n
e
r
t
S
C
D
V
d
e
t
a
r
x
5
.
2C
D
V
d
e
t
a
r
x
5
.
2C
D
V
d
e
t
a
r
x
5
.
2C
D
V
d
e
t
a
r
x
5
.
2
t
s
e
T
s
r
e
t
e
m
a
r
a
P
)
s
m
r
V
1
,
C
°
5
2
(
≤
z
H
M
1
=
F
p
0
0
0
1
z
H
K
1
=
F
p
0
0
0
1
>
z
H
K
1z
H
K
1
s
m
r
V
5
.
z
H
K
1
:
U
5
Z
s
m
r
V
1
z
H
K
1
:
V
5
Y
g
n
i
k
r
a
M)
A
.
t
p
O
y
f
i
c
e
p
s
(
e
l
b
a
l
i
a
v
a
g
n
i
k
r
a
m
,
d
e
k
r
a
m
n
u
y
ll
a
c
i
p
y
T
*Typical quantity, varies with chip thickness (13” reels avail.)
**Consult factory for availability
RESISTORS CAPACITORS COILS DELAY LINES
STANDARD PACKAGING QUANTITY*
NEW!
* Y5V is standard, Z5U is available (Y5V & Z5U are considered interchangeable)
1 Expanded range available. 2 Range applies to Y5V, consult factory for Z5U range
3 Not all combinations of voltage & dielectric are available in all E-12 values
FA054C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
CE1206
- 103 - K 201 R T W
P/N DESIGNATION:
Option Code (leave blank if standard)
RCD Type
Capacitance Code (2 signif. digits & multiplier):
R50=.5pF, 1R0=1pF, 100=10pF, 101=100pF, 102=1000pF,
103=.01uF (10000pF), 104=.1uF, 105=1uF, 106=10uF, 107=100uF
Tolerance: F=1%, G=2%, J=5%, K=10%, M=20%,
Z=+80%/-20%, B=±0.1pF, C=±0.25pF, D=±0.5pF
Packaging: B=Bulk, T= tape & reel, C=Cartridge
Voltage Code: 006=6.3V, 010=10V, 016=16V, 025=25V, 050=50V,
101=100V, 201=200V, 501=500V, 102=1KV, 202=2KV, 302=3KV, 402=4KV
Dielectric: G=COG(NPO), R=X7R, X=X5R, U=Z5U, V=Y5V
Termination: W= Lead-free (standard), S= PdAg, Q= Tin/Lead
(leave blank if either is acceptable)
L
T (value
dependent)
t
W
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
88
Term.W is
RoHS compliant
& 260°C
process
compatible
RoHS


Similar Part No. - CE1206-R50-C

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
CE1202A00 SHIELD-CE1202A00 Datasheet
237Kb / 2P
For electrovalves, style B-ind, 2pG, female, with cable
More results

Similar Description - CE1206-R50-C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC NIC-NMC Datasheet
361Kb / 3P
Multilayer Ceramic Chip Capacitors
NMC-H NIC-NMC-H Datasheet
80Kb / 5P
Multilayer Ceramic Chip Capacitors
NMC-M NIC-NMC-M Datasheet
192Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C4532X7R1C226M200KC TDK-C4532X7R1C226M200KC Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106K250KA TDK-C4532X7R1E106K250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106M250KA TDK-C4532X7R1E106M250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1H225K160KA TDK-C4532X7R1H225K160KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A105M230KA TDK-C4532X7R2A105M230KA Datasheet
139Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A155K230KA TDK-C4532X7R2A155K230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com