Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20RM-2-AC1-R-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DMS-20RM-2-AC1-R-C
Description  True-rms ac Voltmeters with Isolated Inputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20RM-2-AC1-R-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DMS-20RM-2-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20RM-2-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20RM-2-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20RM-2-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
04/07/09
DMS-20RM Series
True-rms ac Voltmeters with Isolated Inputs
MPM_DMS-20RM.A02 Page 4 of 4
Figure 3. Panel Installation
Step 2.
Step 3.
Step 4.
Step 1.
Panel Installation
All connections to DMS-20RM ac voltmeters must be made after the meter
is securely attached to the panel, with all associated ac supply power
sources de-energized (off). The installed wire positions should be such that
minimal forces are applied to terminal blocks TB1 and TB2. In high-vibration
environments, proper strain reliefs must be used for all wiring.
To ensure a secure panel-mount installation, MPS recommends using the
DMS-BZL4-C bezel assembly (with sealing gasket) supplied with each DMS-
20RM voltmeter. See the ‘Mechanical Specifications’ section for detailed
cutout and voltmeter dimensions.
Following the four-step sequence shown in Figure 3 — being careful not to
apply excessive force or twisting motions — insert the DMS-20RM into the
panel opening. When using the DMS-BZL4-C, install its sealing gasket so it
is positioned between the voltmeter’s front flange and panel front surface
(see Mechanical Specifications). Be sure to use and securely tighten all four
screws supplied with the bezel assembly.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com