Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20RM-3-AC1-R-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMS-20RM-3-AC1-R-C
Description  True-rms ac Voltmeters with Isolated Inputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20RM-3-AC1-R-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMS-20RM-3-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20RM-3-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20RM-3-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20RM-3-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
DMS-20RM Series
True-rms ac Voltmeters with Isolated Inputs
MPM_DMS-20RM.A02 Page 1 of 4
Murata Power Solutions’ DMS-20RM series are four-wire, self-contained ac voltmeters
that measure and display the true-rms values of complex ac waveforms. Because the input
circuitry is electrically isolated from the unit’s operating power source, these voltmeters
can measure signals down to zero volts. No external isolation transformers or auxiliary
power supply conditioning components are required. Simply connect the input signal and a
source of operating power (85-264Vac, or an optional +10-40Vdc) to the two rear-mounted
terminal blocks and the unit is fully operational.
DMS-20RM rms voltmeters are available in a choice of three input ranges: 20Vac
(with 0.01V resolution); 200Vac (0.1V resolution); and 0-300Vac (1V resolution). An input
frequency range of 47-1kHz makes these voltmeters ideal for all ac voltage monitoring
applications. And, unlike conventional, average-responding products, these meters can
measure and accurately display the true-rms value of triangle waves, square waves, or
other irregularly shaped waveforms with 0.4% full-scale accuracy.
The large (0.37”/9.4mm), bright red LED display makes the DMS-20RM ac voltmeters
easily readable from as far as 12 feet (4 meters). All units are packaged in a red-filter case
with a built-in bezel; these meters are fully encapsulated to make them moisture and vibra-
tion resistant. Their miniature size is perfect for high-end consumer electronics, laboratory
instrumentation, alternative power generators and other products requiring precise ac line
monitoring.
FEATURES
■ Measures the rms value of complex ac voltages
■ Three input ranges: 20Vac, 200Vac and 300Vac
■ Two operating-supply options: 85-264Vac, or +10-40Vdc
■ Input circuit fully isolated from operating power supply
■ 47-1kHz input frequency range
■ Fully encapsulated plastic package measures 1.38” x
0.88” (35mm x 22.4mm)
■ Large, easy-to-read, red LED display is visible from 12
feet (4m)
 
TYPICAL WIRING DIAGRAMS
AC POWER
SUPPLY
AC VOLTAGE
TO BE MEASURED
10-40Vdc
DC POWER
SUPPLY
AC VOLTAGE
TO BE MEASURED
+
-
AC POWER
SUPPLY
TB1
TB2
A
B
TB1
TB2
A
B
TB1
TB2
A
B
Figure 1A.
Powered by AC supply while measuring separate AC signal.
Figure 2.
Powered by DC power supply while measuring AC signal.
Figure 1B.
Powered by and measuring the same AC power source.


Similar Part No. - DMS-20RM-3-AC1-R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
253Kb / 6P
Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
237Kb / 6P
4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
150Kb / 2P
Self-Powered, 50V and 150V LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
More results

Similar Description - DMS-20RM-3-AC1-R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B33 ETC-SCM5B33 Datasheet
26Kb / 2P
Isolated True RMS Input Modules
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
True-RMS-AC Ammeters with Built-in CT
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
True-rms-AC Ammeters with Alarm Function
logo
Murata Manufacturing Co...
DMU-30ACV MURATA-DMU-30ACV Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
logo
Extech Instruments Corp...
382035 EXTECH-382035 Datasheet
327Kb / 1P
50A & 100A True RMS AC Harmonics/
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
400Amp True RMS AC Clamp Meter
MA620 EXTECH-MA620 Datasheet
296Kb / 12P
600Amp AC True RMS Clamp Meter
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
True-rms-AC Ammeters with Alarm Function
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com