Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20RM-3-DC2-R-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-20RM-3-DC2-R-C
Description  True-rms ac Voltmeters with Isolated Inputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20RM-3-DC2-R-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-20RM-3-DC2-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20RM-3-DC2-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20RM-3-DC2-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20RM-3-DC2-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
DMS-20RM Series
True-rms ac Voltmeters with Isolated Inputs
MPM_DMS-20RM.A02 Page 2 of 4
IMPORTANT! To ensure safe and reliable operation, DMS-20RM ac
voltmeters must be installed and serviced by qualified technical personnel.
Contact Murata Power Solutions if there is any doubt regarding installation
and/or operation.
TECHNICAL NOTES
1. Measurement Type: DMS-20RM series ac voltmeters employ a preci-
sion rms-to-dc converter and a high-precision voltage reference to
measure and display the rms value of complex ac waveforms. Please
note, the rear-mounted potential transformer is used to isolate the
input signal being measured (TB2) from the ammeter’s operating power
source connected to TB1. Do not pass any conductors through this
transformer’s center hole as this will introduce significant measure-
ment errors.
2. Wiring: All power supply and input signal wiring must be rated for the
voltages and currents they will carry and must comply with any code
or application-mandated requirements pertaining to the user’s specific
installation.
3. Power Supply Polarity, Fusing, and Grounding: As shown in Figures
1A and 1B, the two power supply inputs, TB1-A and TB1-B, on ac-pow-
ered DMS-20RM voltmeters (“-AC1” suffix) are not polarity sensitive,
that is, they have no “AC LO” or “AC HI” designations. Also, ac-powered
models do not include or require a connection to earth/chassis ground.
DC-powered models (‘-DC2’ suffix) are reverse-polarity protected, and
must be connected as shown in Figure 2 for proper operation.
DMS-20RM ac voltmeters are not internally fused. If fusing is required
it must be externally installed according to the supply wire’s maximum
amperage rating.
4. Calibration: Periodic recalibration of DMS-20RM voltmeters is not
required under normal, indoor operating environments. If calibration is
necessary, it should only be performed by qualified technical personnel.
Calibration is performed with potentially lethal voltages applied to the
DMS-20RM and its associated wiring. A plastic, fully-insulated adjust-
ing tool must be used to access the recessed calibration potentiometer
located on the back of the unit (see Mechanical Specifications). Contact
Murata Power Solutions if additional information is required regarding
calibration, setup, or any other technical issue pertaining to DMS-20RM
ac voltmeters.
ORDERING INFORMATION
DMS-20RM-1-AC1-R-C
0 to 19.99Vac, AC Powered
DMS-20RM-2-AC1-R-C
0 to 199.9Vac, AC Powered
DMS-20RM-3-AC1-R-C
0 to 300Vac, AC Powered
DMS-20RM-1-DC2-R-C
0 to 19.99Vac, DC Powered
DMS-20RM-2-DC2-R-C
0 to 199.9Vac, DC Powered
DMS-20RM-3-DC2-R-C
0 to 300Vac, DC Powered
Performance/Functional Specifications
Typical at TA=+ 25ºC with 60Hz sine-wave input, unless otherwise noted
Full-Scale Input Voltage (TB2)
Min.
Typ.
Max.
Units
DMS-20RM-1
DMS-20RM-2
DMS-20RM-3
0
0
0
—
—
—
19.99
199.9
300
Vac
Vac
Vac
Frequency Range
47
60
1000
Hz
Performance
Sampling Rate
2.5 reading per second
Accuracy
➀
±0.4%FS ±2 counts
with 60Hz sine wave input
Measurement Type
rms responding, Crest Factors of 1-5
Temperature Drift (0 to 60ºC)
±0.2
±0.4
Counts/ºC
Zero-Volt Reading (within 30 sec.)
-001
000
001
Counts
Breakdown Voltage, TB1 to TB2
2000
—
—
Vdc
Power Supply Voltage (TB1)
DMS-20RM-X-AC1
85
—
264
Vac/47-63Hz
DMS-20RM-X-DC2
+10.0
—
+40.0
Vdc
Power Supply Current (TB1,
➁)
DMS-20RM-X-AC1
—
30
50
mA/47-63Hz
DMS-20RM-X-DC2
—
10
15
mAdc
Terminal Block Wiring (TB1 and TB2)
Wire Size
16-22AWG, Solid or stranded
Insulation Strip Length
0.250 inches
Screw Tightening Torque
3.6 pound-inches (0.4Nm)
Rated Voltage
300Vac
Display
Display Type and Size
3½ Digit LED, 0.37”/9.4mm high
Overrange Indication
“1___”
Decimal Point
Fixed, model dependent (see full-scale input
voltage above)
Physical/Environmental
Operating Temperature
-25
—
+60
ºC
Storage Temperature
-40
—
+75
ºC
Humidity (non-condensing)
0
—
85
%
Dimensions
Model dependent; see product datasheet.
Weight:
1.3 Ounces (36 grams) nominal
➀ Specified accuracy applies to inputs with crest factors (CF) up to 2.0, where CF = Vpeak/Vrms.
Crest factors of 2 to 5 introduce an additional error of ±3% of full scale. Voltmeters are calibrated
with a near full-scale, 60Hz sine-wave input.
➁ Specified maximum power supply currents are steady state; larger surge currents can occur at
initial application of power.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com