Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1ER-R100-GT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # FR1ER-R100-GT
Description  FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

FR1ER-R100-GT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  FR1ER-R100-GT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Precision performance, flameproof design per UL94V-0
Fusing-to-Operating current ratios as low as 3:1!
Fusing times available from 1 millisecond to 30 seconds
Available on exclusive SWIFTTM delivery program
Custom design available for increased surge capability
(specify Option P)
Also available: Hi-Rel screening, burn-in, custom marking, etc.
FAILSAFE FUSE RESISTORS
1/2 WATT to 50 WATT
FR SERIES
Precision Grade Fuse Resistors!
RCD’s FR Series was designed to obtain the best from two devices. It
combines the performance of a precision grade resistor with precisely
controlled fusing characteristics. Typical applications include protection
for zener diodes and other semiconductor components, emitter
resistors for current sharing transistors, Squib circuits, and/or other
circuits that require precision fusing chracteristics unobtainable with
traditional fuses.
Please note that due to the inherent compromise involved between
resistive vs. fusing performance it is recommended that prior consulta-
tion be made with RCD’s engineering department to obtain the optimum
design. Parts intended for high-reliability applications are available
with burn-in (opt. ER) and/or military screening.
PERFORMANCE CHARACTERISTICS
FUSING CHARACTERISTICS: Standard FR resistors are designed to fuse within 10 seconds as follows:
FR1/2 to FR2
≥1Ω = 20 x W
25 (20 times the 25°C wattage rating), <1
Ω = 40 x W
25.
FR3 & FR5
≥5Ω = 25 x W
25 , <5
Ω = 50 x W
25.
Faster fusing is available. Max. fault condition not to exceed 300x W25. Following chart depicts custom design capabilities.
* Other sizes available up to 50 Watt on a custom basis.
APPLICATION & DESIGN NOTES:
1. Fusing current should be
≥ 4 times the continuous current for best performance.
2. Resistors reach elevated temperatures prior to opening- elevate body above the PCB.
3. Exercise care when testing fuse resistors.
4. RCD can custom manufacture fuse resistors from 1/8W to 50W per customer req’t.
Design objectives are achieved by element material (wirewound or film), insulation
(silicone, ceramic, epoxy), and process (alloy & resistor geometry).
5. Thermal fuses are also available and are designed to “blow” when the resistor body or
the ambient temperature reaches preset temperature (110°C to 240°C).
6. Custom surge-tolerant fuses are designed not to “blow” due to short term voltage
transients, lightning surges, or capacitor discharges, but will fuse under longer term
overloads. Consult factory for details.
7. Please include the following information when customized design is required:
Continuous wattage or current; ambient temperature; fusing wattage or current;
minimum and maximum “blow” times; resistance value & tolerance; max. size; voltage
level, AC or DC, wave form, & frequency; and a general description of the application.
Include info as to any pulse or overload conditions that the resistor must withstand.
SPECIFICATIONS
D
C
R
*
e
p
y
T
e
g
a
t
t
a
W
W
(
C
°
5
2
@
5
2 )
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
L
]
1
[
4
0
.
±
D
]
5
.
[
2
0
.
±
d
p
y
t
2
/
1
R
F5
.
06
0
.
Ω
0
0
5
o
t
Ω
]
4
.
7
[
9
2
.]
2
.
3
[
5
2
1
.]
5
.
[
0
2
0
.
1
R
F0
.
11
.
0
Ω
K
5
.
1
o
t]
2
.
5
1
[
0
6
.]
3
.
3
[
0
3
1
.]
5
.
[
0
2
0
.
2
R
F0
.
21
.
0
Ω
K
2
o
t]
5
.
7
1
[
9
6
.]
3
.
4
[
0
7
1
.]
8
.
[
2
3
0
.
3
R
F5
.
31
.
0
Ω
K
3
o
t]
7
.
4
1
[
8
5
.]
8
.
5
[
0
3
2
.]
8
.
[
2
3
0
.
5
R
F5
.
51
.
0
Ω
K
5
o
t]
5
2
[
4
8
9
.]
2
.
8
[
3
2
3
.]
8
.
[
2
3
0
.
e
c
n
a
r
e
l
o
Te
l
b
a
l
i
a
v
a
%
0
1
-
1
.
0
,
d
r
a
d
n
a
t
s
%
5
e
r
u
t
a
r
e
p
m
e
T
)
p
y
t
(
t
n
e
i
c
i
f
f
e
o
C
9
.
-
1
.
0
m
p
p
0
0
1
±
Ω
1
m
p
p
0
5
±
,
Ω
,
p
u
&
m
p
p
0
1
±
o
t
e
l
b
a
l
i
a
v
a
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
A
V
0
5
7
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I)
y
r
d
(
.
n
i
m
s
m
h
o
g
e
m
0
0
0
,
1
g
n
i
t
a
r
e
D
@
r
e
w
o
p
d
e
t
a
r
ll
u
f
m
o
r
f
y
l
r
a
e
n
il
e
t
a
r
e
D
)
C
°
/
%
7
6
.
(
C
°
5
7
1
@
r
e
w
o
p
o
r
e
z
o
t
C
°
5
2
g
n
i
s
u
F
t
n
e
r
r
u
C
)
s
e
r
e
p
m
A
(
Ms
s
e
L
r
o
.
c
e
S
1
n
i
e
s
u
F
o
t
e
u
l
a
V
e
c
n
a
t
s
i
s
e
R
m
u
m
i
n
i
s
s
e
L
r
o
.
c
e
S
5
n
i
e
s
u
F
o
t
e
u
l
a
V
e
c
n
a
t
s
i
s
e
R
m
u
m
i
n
i
M
2
/
1
R
F1
R
F2
R
F3
R
F5
R
F2
/
1
R
F1
R
F2
R
F3
R
F5
R
F
5
1
.
00
6
3
Ω
0
2
7
Ω
K
4
4
.
1K
8
8
.
2K
6
7
.
50
8
1
Ω
0
6
3
Ω
0
2
7
Ω
K
4
4
.
1K
8
8
.
2
5
2
.
00
2
1
Ω
0
4
2
Ω
0
8
4
Ω
0
6
9
Ω
0
2
9
1
Ω
0
6
Ω
0
2
1
Ω
0
4
2
Ω
0
8
4
Ω
0
6
9
Ω
5
.
00
3
Ω
0
6
Ω
0
2
1
Ω
0
4
2
Ω
0
8
4
Ω
5
1
Ω
0
3
Ω
0
6
Ω
0
2
1
Ω
0
4
2
Ω
0
.
15
.
7
Ω
5
1
Ω
0
3
Ω
0
6
Ω
0
2
1
Ω
8
.
3
Ω
5
.
7
Ω
5
1
Ω
0
3
Ω
0
6
Ω
5
.
13
.
3
Ω
7
Ω
3
1
Ω
6
2
Ω
3
5
Ω
7
.
1
Ω
3
.
3
Ω
7
Ω
3
1
Ω
6
2
Ω
0
.
20
.
2
Ω
4
Ω
8
Ω
6
1
Ω
2
3
Ω
0
.
1
Ω
2
Ω
4
Ω
8
Ω
6
1
Ω
0
.
30
.
1
Ω
2
Ω
4
Ω
8
Ω
6
1
Ω
5
.
0
Ω
1
Ω
2
Ω
4
Ω
8
Ω
0
.
55
.
0
Ω
1
Ω
2
Ω
4
Ω
8
Ω
5
2
.
Ω
5
.
Ω
1
Ω
2
Ω
4
Ω
0
15
2
.
0
Ω
5
.
Ω
1
Ω
2
Ω
4
Ω
3
1
.
Ω
5
2
.
Ω
5
.
Ω
1
Ω
2
Ω
5
15
1
.
0
Ω
3
.
Ω
6
.
Ω
2
.
1
Ω
4
.
2
Ω
8
0
.
Ω
5
1
.
Ω
3
.
Ω
6
.
Ω
2
.
1
Ω
0
21
.
0
Ω
2
.
Ω
4
.
Ω
8
.
Ω
6
.
1
Ω
6
0
.
Ω
0
1
.
Ω
2
.
Ω
4
.
Ω
8
.
Ω
RESISTORS CAPACITORS COILS DELAY LINES
|
←
←
←
←
← L →
→
→
→
→|
|
←
←
←
←
← 1.0” [25.4] min.→|
→|
→|
→|
→|
D
↓↓↓↓↓
↑↑↑↑↑
d
↓
↑
FA062A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RCD
80
P/N DESIGNATION:
FR1
- 101 - J B
W
Resis. Code:
≤≤≤≤≤1%: 3 signif. figures & multiplier,
e.g. R100= 0.1
Ω, 1R00= 1Ω,1000= 100Ω, 1001= 1KΩ.
Resis. Code 2% - 10%: 2 signif. figures & multiplier,
e.g. R10= 0.1
Ω, 1R0= 1Ω,100= 10Ω, 102= 1KΩ.
Optional Temp. Coef: (leave blank if standard)
10 = 10ppm, 25 = 25ppm, 50 = 50ppm, 101=100pm
RCD Type
Options: P, ER (additional options to
be assigned by RCD, leave blank if std)
Tolerance: K=10%, J=5% (std), H=3%, G=2%,
F=1%, D=0.5%, C=0.25%, B=0.1%
Packaging: B= Bulk, T= T&R
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)


Similar Part No. - FR1ER-R100-GT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FR1 MICROCHIP-FR1 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
ABCO ELECTRONICS CO.LTD
FR1/2W ABCO-FR1/2W Datasheet
570Kb / 1P
FIXED FUSIBLE RESISTORS
FR1/2W2E2JTB ABCO-FR1/2W2E2JTB Datasheet
570Kb / 1P
FIXED FUSIBLE RESISTORS
FR1/4W ABCO-FR1/4W Datasheet
570Kb / 1P
FIXED FUSIBLE RESISTORS
logo
First Components Intern...
FR10 FCI-FR10 Datasheet
117Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
More results

Similar Description - FR1ER-R100-GT

ManufacturerPart #DatasheetDescription
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
1/2 WATT
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
BW1F-R100JBW RCD-BW1F-R100JBW Datasheet
67Kb / 1P
FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com