Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL05Y-R10-MAQ Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # AL05Y-R10-MAQ
Description  EPOXY COATED INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

AL05Y-R10-MAQ Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  AL05Y-R10-MAQ Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EPOXY COATED INDUCTORS
AL SERIES
FA034A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
H 1
↑
L
d
↓
D
RESISTORS CAPACITORS COILS DELAY LINES
Widest selection in the industry!
Delivery typically from stock
Premium grade materials enable high
current, SRF, Q, and temperature ratings
Low cost due to automated production
1 Lead length applies to loose units (for taped parts refer to T&R specification)
OPTIONS
Improved Q & SRF levels
Increased current & temp ratings
Reduced DC Resistance
Non-magnetic construction (opt.Y)
Inductance testing at 1KHz (opt.55)
MARKING
Units are color banded with
inductance value and
tolerance (except AL02
which is typically not marked
with tolerance band).
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TC
°
5
0
1
+
o
t
C
°
5
2
-
I
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
nM
0
0
0
1
Ω
.
n
i
M
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
A
V
0
0
5
f
o
C
T
I)
p
y
t
(
e
c
n
a
t
c
u
d
n
C
°
/
m
p
p
0
0
5
+
o
t
0
5
+
D
C
R
e
p
y
T
L
]
1
[
4
0
.
±
D
]
6
7
.
[
3
0
.
±
d
.
p
y
T
H1
.
n
i
M
2
0
L
A]
2
.
3
[
5
2
1
.]
0
.
2
[
8
7
0
.]
0
5
.
[
0
2
0
.]
4
2
[
4
9
.
3
0
L
A]
3
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
0
5
.
[
0
2
0
.]
4
.
5
2
[
0
.
1
5
0
L
A]
9
.
8
[
0
5
3
.]
4
.
3
[
5
3
1
.]
4
6
.
[
5
2
0
.]
4
.
5
2
[
0
.
1
.
c
u
d
n
I
µ
(
)
H
.
c
u
d
n
I
e
d
o
c
.
q
e
r
F
t
s
e
T
)
z
H
M
(
2
0
L
A
L
E
D
O
M3
0
L
A
L
E
D
O
M5
0
L
A
L
E
D
O
M
Q
.
n
i
M
F
R
S
)
z
H
M
(
R
C
D
(
.
x
a
M
Ω)
*
C
D
d
e
t
a
R
)
A
m
(
t
n
e
r
r
u
C
Q
.
n
i
M
F
R
S
)
z
H
M
(
R
C
D
(
.
x
a
M
Ω)
*
C
D
d
e
t
a
R
)
A
m
(
t
n
e
r
r
u
C
Q
.
n
i
M
F
R
S
)
z
H
M
(
R
C
D
(
.
x
a
M
Ω)
*
C
D
d
e
t
a
R
)
A
m
(
t
n
e
r
r
u
C
0
1
.
2
1
.
5
1
.
8
1
.
2
2
.
0
1
R
2
1
R
5
1
R
8
1
R
2
2
R
2
.
5
2
2
.
5
2
2
.
5
2
2
.
5
2
2
.
5
2
5
3
5
3
5
3
5
3
5
3
0
5
4
0
5
4
0
5
4
0
5
4
0
5
4
8
1
.
0
2
.
2
2
.
4
2
.
4
.
0
0
7
0
6
6
0
2
6
0
0
6
0
0
4
5
4
5
4
5
4
5
4
5
4
0
0
5
0
8
4
0
7
4
0
6
4
0
5
4
8
0
.
9
0
.
0
1
.
2
1
.
4
1
.
0
5
3
1
0
7
2
1
0
0
2
1
5
0
1
1
5
2
0
1
0
5
0
5
0
5
5
4
0
5
5
2
5
5
2
5
5
2
5
0
2
4
0
8
3
6
0
.
6
0
.
7
0
.
7
0
.
8
0
.
0
0
0
2
0
0
8
1
0
5
6
1
0
0
6
1
0
0
4
1
7
2
.
3
3
.
9
3
.
7
4
.
6
5
.
7
2
R
3
3
R
9
3
R
7
4
R
6
5
R
2
.
5
2
2
.
5
2
2
.
5
2
2
.
5
2
2
.
5
2
5
3
5
3
5
3
5
3
5
3
0
1
4
0
6
3
0
0
3
0
3
2
0
1
2
3
4
.
8
4
.
1
5
.
6
5
.
1
6
.
0
8
3
0
7
3
0
5
3
0
3
3
0
2
3
5
4
5
4
5
4
5
4
5
4
0
1
4
0
6
3
0
1
3
0
0
3
0
8
2
6
1
.
2
2
.
0
3
.
5
3
.
0
5
.
0
6
9
5
1
8
0
0
7
0
5
6
5
4
5
5
4
5
4
5
4
5
4
0
5
0
7
3
0
6
3
0
2
3
0
1
3
0
8
2
9
0
.
0
1
.
2
1
.
3
1
.
4
1
.
0
2
3
1
0
8
2
1
0
0
2
1
0
5
1
1
0
0
1
1
8
6
.
2
8
.
0
.
1
2
.
1
5
.
1
8
6
R
2
8
R
0
R
1
2
R
1
5
R
1
2
.
5
2
2
.
5
2
2
.
5
2
6
9
.
7
6
9
.
7
5
3
5
3
5
3
0
4
0
4
0
9
1
0
7
1
0
5
1
0
1
1
0
8
7
6
.
4
7
.
0
8
.
0
9
.
0
.
1
0
1
3
0
9
2
0
7
2
0
6
2
0
5
2
5
4
5
4
5
4
5
4
5
4
0
0
2
0
8
1
0
3
2
0
6
1
0
4
1
0
6
.
0
7
.
2
7
.
5
7
.
6
7
.
5
9
4
5
1
4
5
8
3
0
9
5
5
3
5
0
5
0
5
0
5
0
5
0
5
0
5
2
0
2
2
0
0
2
0
8
1
0
6
1
6
1
.
7
1
.
8
1
.
9
1
.
1
2
.
0
3
0
1
0
8
9
0
2
9
0
8
8
0
3
8
8
.
1
2
.
2
7
.
2
3
.
3
9
.
3
8
R
1
2
R
2
7
R
2
3
R
3
9
R
3
6
9
.
7
6
9
.
7
6
9
.
7
6
9
.
7
6
9
.
7
0
4
0
4
0
4
0
4
0
4
0
6
5
4
0
4
8
3
5
3
1
.
1
2
.
1
3
.
1
4
.
1
6
.
1
0
4
2
0
3
2
0
2
2
0
1
2
0
0
2
5
4
5
4
5
4
5
4
5
4
0
2
1
0
1
1
5
9
5
7
5
6
7
7
.
0
6
.
5
6
.
5
8
.
0
0
.
1
5
5
4
5
9
3
5
5
3
0
7
2
0
5
2
0
5
0
5
0
6
0
6
0
6
0
5
1
5
3
1
0
2
1
0
1
1
0
0
1
3
2
.
5
2
.
7
2
.
2
3
.
6
3
.
0
9
7
0
5
7
0
2
7
0
7
6
0
4
6
7
.
4
6
.
5
8
.
6
2
.
8
0
1
7
R
4
6
R
5
8
R
6
2
R
8
0
0
1
6
9
.
7
6
9
.
7
6
9
.
7
6
9
.
7
6
9
.
7
0
4
0
4
0
4
0
4
0
4
2
3
0
3
8
2
6
2
4
2
7
.
1
9
.
1
0
.
2
2
.
2
5
.
2
0
9
1
0
8
1
5
7
1
5
6
1
0
6
1
5
4
0
5
0
5
0
5
0
5
6
5
8
4
6
3
5
2
0
2
0
2
.
1
0
8
.
1
0
0
.
2
0
7
.
2
0
7
.
3
0
3
2
5
8
1
5
7
1
5
6
1
0
6
1
0
7
0
7
0
7
0
8
5
6
0
9
4
7
8
6
3
5
5
4
0
4
.
5
4
.
0
5
.
0
6
.
5
6
.
0
2
6
0
9
5
0
5
5
0
3
5
0
0
5
2
1
5
1
8
1
2
2
7
2
0
2
1
0
5
1
0
8
1
0
2
2
0
7
2
2
5
.
2
2
5
.
2
2
5
.
2
2
5
.
2
2
5
.
2
0
4
0
4
0
4
0
4
0
4
2
2
0
2
8
1
7
1
6
1
5
.
2
8
.
2
1
.
3
4
.
3
3
.
4
0
5
1
5
4
1
0
4
1
0
3
1
0
8
5
4
5
4
0
5
0
5
0
5
8
1
5
1
2
1
0
1
9
0
7
.
2
0
8
.
2
0
1
.
3
0
3
.
3
0
5
.
3
5
5
1
0
5
1
5
4
1
0
4
1
5
3
1
0
6
0
6
0
6
0
6
5
5
4
3
0
2
4
1
9
.
9
6
.
7
0
7
.
5
7
.
0
8
.
0
9
.
0
0
.
1
0
8
4
0
6
4
0
3
4
0
1
4
0
9
3
3
3
6
3
9
3
3
4
7
4
0
3
3
0
6
3
0
9
3
0
3
4
0
7
4
2
5
.
2
2
5
.
2
2
5
.
2
2
5
.
2
2
5
.
2
0
4
0
4
0
4
0
4
0
4
4
1
3
1
3
1
2
1
2
1
7
.
4
0
.
5
2
.
5
5
.
5
8
.
5
6
7
5
7
4
7
2
7
0
7
5
4
5
4
5
4
5
4
0
5
8
7
.
7
5
.
7
2
.
7
0
.
7
5
.
3
6
.
3
6
.
3
1
.
4
5
.
4
0
3
1
7
2
1
5
2
1
7
1
1
0
1
1
5
5
0
5
0
5
5
4
5
4
5
.
6
5
.
6
5
.
6
4
.
6
3
.
6
0
1
.
1
5
1
.
1
0
2
.
1
5
2
.
1
0
3
.
1
0
7
3
0
6
3
0
5
3
5
4
3
0
4
3
1
5
6
5
2
6
8
6
5
7
0
1
5
0
6
5
0
2
6
0
8
6
0
5
7
2
5
.
2
2
5
.
2
2
5
.
2
2
5
.
2
2
5
.
2
0
4
0
4
0
4
0
4
0
4
1
1
1
1
0
1
0
1
5
.
9
1
.
6
4
.
6
8
.
6
2
.
7
5
.
9
9
6
8
6
6
6
4
6
5
5
0
5
0
5
0
5
0
5
0
5
7
.
6
5
.
6
2
.
6
0
.
6
7
.
5
1
.
5
7
.
5
2
.
6
7
.
6
0
.
7
5
0
1
5
0
1
0
0
1
0
0
1
5
9
5
4
5
4
0
4
0
4
0
4
2
.
6
2
.
6
9
.
5
7
.
5
5
.
5
0
4
.
1
0
5
.
1
0
7
.
1
0
8
.
1
0
9
.
1
0
3
3
0
2
3
0
1
3
5
0
3
5
9
2
2
8
1
9
0
0
1
0
1
1
0
2
1
0
2
8
0
1
9
1
0
1
1
1
1
1
2
1
2
5
.
2
2
5
.
2
2
5
.
2
6
9
7
.
6
9
7
.
0
4
0
4
0
4
0
4
0
4
5
.
9
2
.
9
0
.
9
5
.
8
0
.
8
1
1
5
.
1
1
2
1
5
.
2
1
3
1
6
4
5
4
4
4
3
4
2
4
0
5
0
5
0
5
5
4
5
4
5
.
5
2
.
5
0
.
5
9
.
4
8
.
4
3
.
7
7
.
7
8
1
1
3
1
5
9
3
9
0
9
0
9
0
9
5
3
5
3
0
3
0
6
0
6
3
.
5
0
.
5
8
.
4
0
.
4
8
.
3
0
0
.
2
0
3
.
2
0
5
.
2
0
1
.
3
0
7
.
3
0
9
2
0
8
2
5
7
2
0
0
2
5
8
1
0
3
1
0
5
1
0
6
1
0
8
1
0
0
2
1
3
1
1
5
1
1
6
1
1
8
1
1
0
2
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
0
4
0
4
0
4
0
4
0
4
5
.
6
0
.
6
7
.
5
5
.
5
2
.
5
5
1
6
1
7
1
8
1
9
1
0
4
9
3
8
3
7
3
6
3
5
4
5
4
5
4
5
4
5
4
6
.
4
5
.
4
2
.
4
0
.
4
7
.
3
4
1
5
1
6
1
7
1
9
1
7
8
5
8
3
8
0
8
7
7
0
6
0
6
0
6
0
6
0
6
6
.
3
5
.
3
2
.
3
0
.
3
9
.
2
0
0
.
4
0
2
.
4
0
4
.
4
0
6
.
4
0
9
.
4
0
8
1
5
7
1
0
7
1
5
6
1
0
6
1
0
2
2
0
4
2
0
7
2
0
0
3
0
3
3
1
2
2
1
4
2
1
7
2
1
0
3
1
3
3
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
0
4
0
4
0
4
0
4
0
4
0
.
5
7
.
4
6
.
4
4
.
4
2
.
4
0
2
2
2
5
2
8
2
0
3
5
3
0
3
8
2
7
2
6
2
5
4
5
4
5
4
5
4
5
4
5
.
3
2
.
3
0
.
3
9
.
2
8
.
2
1
2
3
2
5
2
7
2
8
2
5
7
0
7
5
6
3
6
0
6
0
6
0
6
0
6
0
6
0
6
8
.
2
7
.
2
6
.
2
4
.
2
4
.
2
1
.
5
6
.
5
0
.
6
3
.
6
5
.
6
5
5
1
0
5
1
5
4
1
0
4
1
7
3
1
0
6
3
0
9
3
0
3
4
0
7
4
0
1
5
1
6
3
1
9
3
1
3
4
1
7
4
1
1
5
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
0
4
0
4
0
4
0
4
9
.
3
8
.
3
6
.
3
5
.
3
2
3
4
3
6
3
8
3
5
2
5
2
4
2
4
2
5
4
5
4
5
4
5
4
5
4
7
.
2
6
.
2
5
.
2
4
.
2
2
.
2
2
3
5
3
9
3
2
4
4
4
7
5
5
5
5
5
5
5
2
5
0
6
0
6
0
6
0
6
0
6
3
.
2
3
.
2
2
.
2
2
.
2
1
.
2
0
.
7
5
.
7
0
.
8
5
.
8
0
.
9
5
3
1
3
3
1
9
2
1
6
2
1
3
2
1
0
6
5
0
2
6
0
8
6
0
5
7
0
2
8
1
6
5
1
2
6
1
8
6
1
5
7
1
2
8
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
6
9
7
.
5
4
5
4
5
4
5
4
5
4
0
.
2
9
.
1
8
.
1
7
.
1
6
.
1
6
4
4
5
0
6
3
6
5
6
0
5
7
4
5
4
2
4
0
4
0
6
0
6
5
5
5
5
5
5
1
.
2
0
.
2
9
.
1
9
.
1
8
.
1
5
.
9
1
1
2
1
3
1
4
1
0
2
1
7
1
1
3
1
1
9
0
1
5
0
1
0
1
9
0
0
0
1
0
0
1
1
0
0
2
1
0
0
3
1
1
1
9
2
0
1
2
1
1
2
2
1
2
3
1
6
9
7
.
6
9
7
.
2
5
2
.
2
5
2
.
2
5
2
.
5
4
5
4
5
.
1
4
.
1
9
6
2
7
0
4
0
4
5
5
0
5
0
3
0
3
0
3
5
.
1
4
.
1
3
.
1
2
.
1
1
.
1
8
1
0
2
0
3
0
4
9
4
5
9
5
8
4
6
3
6
1
6
0
0
5
1
0
0
6
1
0
0
8
1
0
0
2
2
2
5
1
2
6
1
2
8
1
2
2
2
2
5
2
.
2
5
2
.
2
5
2
.
2
5
2
.
0
3
0
3
0
3
0
3
0
.
1
0
.
1
0
.
1
0
.
1
2
5
4
5
6
5
8
5
9
5
8
5
6
5
6
4
* Current rating is based on ambient temp of 90°C or less, derate 4%/°C above 90°C
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
Packaging: B=Bulk, T=T&R, A=Ammo; AL02 only avail. as Ammo or cut Ammo (B)
100
AL05
-
101 - K
T W
P/N DESIGNATION:
Tolerance Code: K=10% (standard), M=20%, J=5%
RCD Type
Inductance (uH): 2 digits & multiplier (R10=0.1uH,1R0=1uH, 100= 10uH)
Options: Y, 55 (leave blank if std)
Termination: W = Lead-free, Q = Tin/Lead (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - AL05Y-R10-MAQ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AL0505D08KF KEMET-AL0505D08KF Datasheet
887Kb / 18P
AL Series Resin Coated 150°C
11/29/2024
AL0505D16KF KEMET-AL0505D16KF Datasheet
887Kb / 18P
AL Series Resin Coated 150°C
11/29/2024
AL0505D18KF KEMET-AL0505D18KF Datasheet
887Kb / 18P
AL Series Resin Coated 150°C
11/29/2024
logo
DFI Inc
AL051 DFI-AL051 Datasheet
693Kb / 2P
Intel Atom 2.5 Pico-ITX
AL051-BC-E3930 DFI-AL051-BC-E3930 Datasheet
693Kb / 2P
Intel Atom 2.5 Pico-ITX
More results

Similar Description - AL05Y-R10-MAQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
IR-2 VISHAY-IR-2 Datasheet
175Kb / 4P
Inductors Epoxy Conformal Coated Uniform Roll Coated
31-Jan-06
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
Inductors Epoxy Conformal Coated Uniform Roll Coated
07-Aug-07
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com