Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRL1-R82-JB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # FRL1-R82-JB
Description  FLAT RADIAL LEAD INDUCTOR COILS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

FRL1-R82-JB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  FRL1-R82-JB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FRL SERIES
SPECIFICATIONS
Tolerance: ±10% standard ( ±5% and ±20% available)
Temperature Range: -40 to +105
° C
Temperature Rise: 20
° C typ. at full rated current
OPTIONS
Option ER: Military Screening: per MIL-C-15305 (Thermal
Shock -25/+85°, DCR, Inductance, Vis/Mech Insp)
Option A: units marked with inductance value
Option 55: 1KHz Test Frequency
Non-standard values, increased current, increased temp.
Encapsulated version
FLAT RADIAL LEAD INDUCTOR COILS
APPLICATIONS: Typical applications include noise filtering,
DC/DC converters, switching regulators, audio equipment,
telecom, RF circuits, audio filters, hash filters, power sup-
plies, power amplifiers, etc. Customized models available for
specific applications (consult factory).
RCD’s FRL Series is an economical inductor with a space-
saving flat coil design. The unique characteristics of the rectangular
geometry enable a wide range of inductance and high Q levels
for use at high frequencies. Construction is open-frame
wirewound utilizing a ferrite core.
e
c
n
a
t
c
u
d
n
I
e
u
l
a
V
)
H
µ
(
t
s
e
T
y
c
n
e
u
q
e
r
F
)
z
H
M
(
Q
)
.
n
i
M
(
R
C
D
M.
x
a
(Ω
(Ω
(Ω
(Ω
( )
d
e
t
a
R
t
n
e
r
r
u
C
C
D
)
p
m
A
(
2
8
.
0
0
.
1
2
.
1
5
.
1
8
.
1
2
.
2
5
.
2
7
.
2
3
.
3
9
.
3
7
.
4
0
.
5
6
.
5
8
.
6
5
.
7
2
.
8
0
1
2
1
5
1
8
1
2
2
7
2
3
3
9
3
7
4
6
5
8
6
5
7
2
8
5
2
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
9
.
7
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
7
3
0
4
9
3
3
3
7
3
8
3
0
4
3
4
5
3
7
3
7
3
0
4
5
3
9
2
0
3
2
3
0
4
0
4
0
4
0
4
0
4
0
5
5
4
5
4
5
4
0
4
0
4
0
4
0
5
0
1
0
.
1
1
0
.
2
1
0
.
4
1
0
.
0
2
0
.
5
2
0
.
0
3
0
.
8
2
0
.
6
3
0
.
8
4
0
.
3
5
0
.
0
8
0
.
2
9
0
.
3
1
1
.
4
1
1
.
6
1
1
.
0
6
1
.
0
4
1
.
8
5
1
.
0
8
1
.
0
3
2
.
5
8
2
.
6
4
3
.
1
7
3
.
2
0
5
.
7
8
6
.
8
8
8
.
9
1
.
1
0
2
.
1
4
.
7
0
.
7
0
.
6
0
.
5
8
.
4
4
.
4
1
.
4
0
.
4
7
.
3
4
.
3
2
.
3
9
.
2
8
.
2
6
.
2
5
.
2
2
.
2
1
.
2
0
.
2
6
.
1
5
.
1
4
.
1
3
.
1
2
.
1
1
.
1
0
.
1
5
9
.
0
9
.
6
8
.
5
8
.
e
c
n
a
t
c
u
d
n
I
e
u
l
a
V
)
H
µ
(
t
s
e
T
y
c
n
e
u
q
e
r
F
)
z
H
M
(
Q
)
.
n
i
M
(
R
C
D
M.
x
a
)
()
( )
( )
()
(
d
e
t
a
R
t
n
e
r
r
u
C
C
D
)
p
m
A
(
0
0
1
0
2
1
0
5
1
0
8
1
0
2
2
0
5
2
0
7
2
0
3
3
0
9
3
0
7
4
0
0
5
0
6
5
0
8
6
0
5
7
0
2
8
0
0
0
1
0
0
2
1
0
0
5
1
0
0
8
1
0
0
2
2
0
0
5
2
0
0
7
2
0
0
3
3
0
0
9
3
0
0
7
4
0
0
0
5
0
0
0
6
0
0
5
7
0
0
0
0
1
5
.
2
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
9
7
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
5
2
.
0
6
0
7
0
6
0
7
0
5
0
4
0
5
0
5
5
4
0
4
5
3
0
4
5
4
0
3
0
4
0
4
0
7
2
6
2
6
0
6
0
6
0
6
0
5
0
5
0
5
5
4
5
3
5
2
5
2
0
6
.
1
2
7
.
1
5
9
.
1
7
0
.
2
8
1
.
2
0
7
.
2
3
5
.
2
3
3
.
3
5
4
.
3
0
2
.
5
0
3
.
5
0
4
.
5
0
9
.
5
0
0
.
6
2
3
.
6
0
6
.
8
0
.
0
1
3
.
4
1
8
.
5
1
7
.
7
1
0
.
8
1
3
.
9
1
7
.
1
2
0
.
6
2
9
.
9
2
0
.
1
3
0
.
1
4
0
.
0
5
0
.
0
7
5
7
.
5
6
.
0
6
.
8
5
.
9
4
.
9
4
.
5
4
.
1
4
.
9
3
.
5
3
.
4
3
.
2
3
.
9
2
.
8
2
.
7
2
.
2
2
.
1
2
.
9
1
.
7
1
.
5
1
.
4
1
.
4
1
.
3
1
.
2
1
.
1
1
.
0
1
.
9
0
.
8
0
.
7
0
.
Narrow size for densely populated boards
Low cost
High Q, high current
0.82
µH to 10mH
FA011B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
.394
[10] Max.
.020
[0.5]
.04 [1.0]
Typ.
.157 [4.0] Max.
.354 [9.0]
Max.
.75 [19]
Typ.
.300/.350
[7.6/8.9]
→ ←
RESISTORS CAPACITORS COILS DELAY LINES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
103
P/N DESIGNATION:
Tolerance Code: K = 10% (std), J = 5%, M = 20%
Packaging: B = Bulk
Inductance (
µH): 2 signif. digits & multiplier
R82=0.82
µH, 1R0=1µH, 100=10µH, 101=100µH, 102=1000µH
Option Codes: ER, A, 55
(leave blank if standard)
RCD Type
FRL1
- 100 - K B W
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - FRL1-R82-JB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL130H INTERSIL-FRL130H Datasheet
47Kb / 6P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL130R INTERSIL-FRL130R Datasheet
47Kb / 6P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Diotec Semiconductor
FRL1A DIOTEC-FRL1A Datasheet
157Kb / 2P
Fast Recovery SMD Rectifier Diodes
logo
DIOTEC Electronics Corp...
FRL1A DEC-FRL1A_15 Datasheet
157Kb / 2P
Fast Recovery SMD Rectifier Diodes
More results

Similar Description - FRL1-R82-JB

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-61114 RHOMBUS-IND-L-61114 Datasheet
16Kb / 1P
Radial Lead Mini Inductor
11/02/02
L-674 RHOMBUS-IND-L-674 Datasheet
17Kb / 1P
Radial Lead Mini Inductor
02/05/99
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
Flat Coils - Radial
logo
Allied Components Inter...
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
Radial Flat Coils
logo
PCA ELECTRONICS INC.
EPI1L0103RL30 PCA-EPI1L0103RL30 Datasheet
61Kb / 2P
Radial Lead Power Inductor
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
Radial Flat Coils
logo
Pulse A Technitrol Comp...
PG0006.601NL PULSE-PG0006.601NL Datasheet
215Kb / 2P
Flat Coils
PG0277.401NL PULSE-PG0277.401NL Datasheet
88Kb / 2P
Flat Coils
PG0434.181NL PULSE-PG0434.181NL Datasheet
242Kb / 2P
Flat Coils
logo
Bourns Electronic Solut...
RLB0913 BOURNS-RLB0913 Datasheet
474Kb / 2P
Radial Lead Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com