Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEP25US12 Datasheet(PDF) 2 Page - XP Power Limited

Part # AEP25US12
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEP25US12 Datasheet(HTML) 2 Page - XP Power Limited

  AEP25US12 Datasheet HTML 1Page - XP Power Limited AEP25US12 Datasheet HTML 2Page - XP Power Limited AEP25US12 Datasheet HTML 3Page - XP Power Limited AEP25US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AEP06
Models and Ratings
Notes
1. Initial set accuracy is at 60% full load.
2. Add a 0.1µF E.L capacitor to output for ripple & noise measurement at 20 MHz BW.
3. Line regulation measured from 100 VAC to 240 VAC, full load.
4. Load regulation measured from 60% to full load and from 60% to 20% load (60% ±40% load).
Output Voltage
Output Current
Ripple & Noise(2)
Initial Set
Accuracy(1)
Line
Regulation(3)
Load
Regulation(4)
Model
Number
4.2 V
1000 mA
1%
±3%
±1%
±4%
AEP06US042
5.0 V
1200 mA
1%
±3%
±1%
±4%
AEP06US05
6.0 V
1000 mA
1%
±3%
±1%
±4%
AEP06US06
6.5 V
650 mA
1%
±3%
±1%
±3%
AEP06US065
7.0 V
650 mA
1%
±3%
±1%
±3%
AEP06US07
7.5 V
650 mA
1%
±3%
±1%
±3%
AEP06US075
8.0 V
650 mA
1%
±3%
±1%
±3%
AEP06US08
9.0 V
650 mA
1%
±3%
±1%
±2%
AEP06US09
10.0 V
600 mA
1%
±3%
±1%
±2%
AEP06US10
12.0 V
500 mA
1%
±3%
±1%
±2%
AEP06US12
Mechanical Details 6 & 15 Watt Models
2.83
(72.0)
1.38
(35.0)
0.50
(12.7)
0.67
(17.0)
70.87 ±1.97
(1800.0 ±50.0)
2.05
(52.0)
2.71
(68.9)
2.83
(72.0)
1.38
(35.0)
2.83
(72.0)
1.38
(35.0)
0.54
(13.7)
0.71
(18.0)
0.75
(19.0)
70.87 ±1.97
(1800.0 ±50.0)
2.05
(52.0)
3.53
(89.7)
0.67 (17.0)
70.87 ±1.97
(1800.0 ±50.0)
2.05
(52.0)
3.31
(84.0)
2.83
(72.0)
1.38
(35.0)
0.71 (18.0)
70.87 ±1.97
(1800.0 ±50.0)
2.05
(52.0)
3.40
(86.3)
All dimensions are in inches (mm)
Weight: AEP06: 0.3 lb (135 g)
AEP15: 0.35 lb (160 g)
Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
To order US add suffix’-US’ to model number
To order European add suffix’-EU’ to model number
To order Australian add suffix’-AU’ to model number
To order UK add suffix’-UK’ to model number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com