Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC32 Datasheet(PDF) 1 Page - Texas Instruments

Part # AC32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AC32 Datasheet(HTML) 1 Page - Texas Instruments

  AC32 Datasheet HTML 1Page - Texas Instruments AC32 Datasheet HTML 2Page - Texas Instruments AC32 Datasheet HTML 3Page - Texas Instruments AC32 Datasheet HTML 4Page - Texas Instruments AC32 Datasheet HTML 5Page - Texas Instruments AC32 Datasheet HTML 6Page - Texas Instruments AC32 Datasheet HTML 7Page - Texas Instruments AC32 Datasheet HTML 8Page - Texas Instruments AC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54AC32, SN74AC32
QUADRUPLE 2INPUT POSITIVEOR GATES
SCAS528D − AUGUST 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 7.5 ns at 5 V
SN54AC32 ...J OR W PACKAGE
SN74AC32 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54AC32 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
NC − No internal connection
description/ordering information
The ’AC32 devices are quadruple 2-input positive-OR gates. The devices perform the Boolean function
Y = A + B or Y = A
• B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC32N
SN74AC32N
SOIC − D
Tube
SN74AC32D
AC32
SOIC − D
Tape and reel
SN74AC32DR
AC32
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC32NSR
AC32
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AC32DBR
AC32
TSSOP − PW
Tube
SN74AC32PW
AC32
TSSOP − PW
Tape and reel
SN74AC32PWR
AC32
CDIP − J
Tube
SNJ54AC32J
SNJ54AC32J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC32W
SNJ54AC32W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AC32FK
SNJ54AC32FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
H
X
HH
L
L
L
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - AC32

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AC32 COOPER-AC32 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
TP-Link Technologies Co...
AC3200 TP-LINK-AC3200 Datasheet
2Mb / 7P
Wireless Tri-Band Gigabit Router
logo
ebm-papst
AC3200J EBMPAPST-AC3200J Datasheet
1Mb / 15P
ACmaxx / i-maxx
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
174Kb / 4P
AC 3200 JH AC axial compact fan
More results

Similar Description - AC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com