Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF574 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF574 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF574 Datasheet HTML 1Page - NXP Semiconductors BLF574 Datasheet HTML 2Page - NXP Semiconductors BLF574 Datasheet HTML 3Page - NXP Semiconductors BLF574 Datasheet HTML 4Page - NXP Semiconductors BLF574 Datasheet HTML 5Page - NXP Semiconductors BLF574 Datasheet HTML 6Page - NXP Semiconductors BLF574 Datasheet HTML 7Page - NXP Semiconductors BLF574 Datasheet HTML 8Page - NXP Semiconductors BLF574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
Product profile
1.1 General description
A 500 W to 600 W LDMOS power transistor for broadcast applications and industrial
applications in the HF to 500 MHz band.
1.2 Features
I Typical CW performance at frequency of 225 MHz, a supply voltage of 50 V and an IDq
of 1000 mA:
N Average output power = 500 W
N Power gain = 26.5 dB
N Efficiency = 70 %
I Easy power control
I Integrated ESD protection
I Excellent ruggedness
I High efficiency
I Excellent thermal stability
I Designed for broadband operation (10 MHz to 500 MHz)
I Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
I Industrial, scientific and medical applications
I Broadcast transmitter applications
BLF574
HF / VHF power LDMOS transistor
Rev. 02 — 24 February 2009
Product data sheet
Table 1.
Application information
Mode of operation
f
VDS
PL
Gp
η
D
(MHz)
(V)
(W)
(dB)
(%)
CW
225
50
500
26.5
70
108
50
600
27.5
73
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BLF574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 NXP-BLF574 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
logo
NXP Semiconductors
BLF574XR NXP-BLF574XR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF574XR AMPLEON-BLF574XR Datasheet
1Mb / 14P
Power LDMOS transistor
Rev. 2 ??1 September 2015
More results

Similar Description - BLF574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF571 NXP-BLF571 Datasheet
105Kb / 13P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
logo
Ampleon Netherlands B.V...
BLF571 AMPLEON-BLF571 Datasheet
1Mb / 14P
HF / VHF power LDMOS transistor
Rev. 3 ??1 September 2015
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
BLF978P AMPLEON-BLF978P Datasheet
1Mb / 15P
HF / VHF power LDMOS transistor
Rev. 1 ??3 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com