Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2157 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2157 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 35Page - NXP Semiconductors LPC2157 Datasheet HTML 36Page - NXP Semiconductors LPC2157 Datasheet HTML 37Page - NXP Semiconductors LPC2157 Datasheet HTML 38Page - NXP Semiconductors LPC2157 Datasheet HTML 39Page - NXP Semiconductors LPC2157 Datasheet HTML 40Page - NXP Semiconductors LPC2157 Datasheet HTML 41Page - NXP Semiconductors LPC2157 Datasheet HTML 42Page - NXP Semiconductors LPC2157 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
39 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
9.1 Timing
10. Application information
10.1 Suggested USB interface solutions
Fig 9.
External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
Fig 10. Differential data-to-EOP transition skew and EOP width
002aab561
TPERIOD
differential
data lines
crossover point
source EOP width: tFEOPT
receiver EOP width: tEOPR1, tEOPR2
crossover point
extended
differential data to
SE0/EOP skew
n
× TPERIOD + tFDEOP
Fig 11. LPC2158 USB interface using the CONNECT function on pin 17
LPC2158
USB-B
connector
D
+
CONNECT
soft-connect switch
D
−
VBUS
VSS
VDD
R1
1.5 k
Ω
RS = 33 Ω
002aad410
RS = 33 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com