Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR892DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR892DP
Description  N-Channel 25-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR892DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR892DP Datasheet HTML 1Page - Vishay Siliconix SIR892DP Datasheet HTML 2Page - Vishay Siliconix SIR892DP Datasheet HTML 3Page - Vishay Siliconix SIR892DP Datasheet HTML 4Page - Vishay Siliconix SIR892DP Datasheet HTML 5Page - Vishay Siliconix SIR892DP Datasheet HTML 6Page - Vishay Siliconix SIR892DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 68639
S-83048-Rev. B, 22-Dec-08
www.vishay.com
3
Vishay Siliconix
SiR892DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10thru 4 V
VGS =3 V
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
0
12243648
60
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0.0
8.4
16.8
25.2
33.6
42.0
Qg - Total Gate Charge (nC)
VDS =15 V
VDS =10 V
VDS =5 V
ID =10A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.8
1.6
2.4
3.2
4.0
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VDS - Drain-to-Source Voltage (V)
Crss
0
700
1400
2100
2800
3500
04
8
12
16
20
Ciss
Coss
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
ID =10A
VGS =4.5 V
VGS =10 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com