Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R272MH+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R272MH+
Description  High Reliability Mixer High Reliability Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R272MH+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R272MH+ Datasheet HTML 1Page - Mini-Circuits ADE-R272MH+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 dB COMP.: +9 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Max.
f
L-fU
—
X
σ
Typ. Min.
Typ. Min.
Typ.
1300-2700
DC-600
5.6
0.10
9.5
34 24
25 11
18
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Level 13 (LO Power +13 dBm) 1300 to 2700 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADE-R272MH+
ED-12874/4
WL/TD/QL
070516
A
B
C
D
E
F
G
.272
.310
.220
.100
.162
.055
.100
6.91
7.87
5.59
2.54
4.11
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.25
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.6 dB typ.
• good L-R isolation, 34 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• wireless/VSAT system
• ISM
• cellular
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
ADE-R272MH+
CASE STYLE: CD636
PRICE: $3.35 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
1300.00
1330.00
5.54
30.22
17.16
1.61
1.59
1360.00
1390.00
5.60
30.43
17.96
1.56
1.54
1480.00
1510.00
6.00
32.56
20.17
2.04
1.60
1560.00
1590.00
5.99
32.30
20.81
2.14
1.65
1620.00
1650.00
5.99
32.76
21.37
2.37
1.72
1700.00
1730.00
6.07
33.19
21.93
2.61
1.85
1760.00
1790.00
6.02
33.60
22.58
2.43
1.89
1840.00
1870.00
5.78
33.69
23.20
2.43
1.96
1900.00
1930.00
5.88
33.81
23.76
2.76
2.05
1980.00
2010.00
5.84
34.08
24.42
2.68
2.16
2040.00
2070.00
5.69
33.99
24.82
2.39
2.18
2180.00
2210.00
5.46
34.22
26.30
2.18
2.42
2260.00
2290.00
5.47
37.67
27.12
1.87
2.62
2320.00
2350.00
5.46
36.58
27.49
1.97
2.80
2400.00
2430.00
5.30
34.50
27.91
2.02
2.99
2460.00
2490.00
5.23
33.51
28.36
1.86
3.12
2540.00
2570.00
5.29
33.30
29.10
1.70
3.29
2600.00
2630.00
5.39
33.21
29.68
1.78
3.44
2680.00
2710.00
5.71
33.33
30.43
2.15
3.67
2740.00
2770.00
6.09
33.60
30.88
2.73
3.75


Similar Part No. - ADE-R272MH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R20+ MINI-ADE-R20+ Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R20LH+ MINI-ADE-R20LH+ Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
High Reliability Mixer
More results

Similar Description - ADE-R272MH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R30W+ MINI-ADE-R30W+ Datasheet
233Kb / 2P
High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
logo
Mini-Circuits
SYM-R252HW MINI-SYM-R252HW Datasheet
467Kb / 3P
High Reliability Mixer
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
High Reliability Mixer
ADE-R2ASKLH MINI-ADE-R2ASKLH Datasheet
310Kb / 2P
High Reliability Mixer
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R30W MINI-ADE-R30W Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30WLH MINI-ADE-R30WLH Datasheet
302Kb / 2P
High Reliability Mixer
ADEX-R10 MINI-ADEX-R10 Datasheet
299Kb / 2P
High Reliability Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com