Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT32 Datasheet(PDF) 1 Page - Texas Instruments

Part # ACT32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ACT32 Datasheet(HTML) 1 Page - Texas Instruments

  ACT32 Datasheet HTML 1Page - Texas Instruments ACT32 Datasheet HTML 2Page - Texas Instruments ACT32 Datasheet HTML 3Page - Texas Instruments ACT32 Datasheet HTML 4Page - Texas Instruments ACT32 Datasheet HTML 5Page - Texas Instruments ACT32 Datasheet HTML 6Page - Texas Instruments ACT32 Datasheet HTML 7Page - Texas Instruments ACT32 Datasheet HTML 8Page - Texas Instruments ACT32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54ACT32, SN74ACT32
QUADRUPLE 2INPUT POSITIVEOR GATES
SCAS530C − AUGUST 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 10 ns at 5 V
D Inputs Are TTL-Voltage Compatible
SN54ACT32 ...J OR W PACKAGE
SN74ACT32 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54ACT32 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
NC − No internal connection
description/ordering information
The ’ACT32 devices are quadruple 2-input positive-OR gates. The devices perform the Boolean function
Y = A + B or Y = A
• B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT32N
SN74ACT32N
SOIC − D
Tube
SN74ACT32D
ACT32
SOIC − D
Tape and reel
SN74ACT32DR
ACT32
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT32NSR
ACT32
−40 C to 85 C
SSOP − DB
Tape and reel
SN74ACT32DBR
AD32
TSSOP − PW
Tube
SN74ACT32PW
AD32
TSSOP − PW
Tape and reel
SN74ACT32PWR
AD32
CDIP − J
Tube
SNJ54ACT32J
SNJ54ACT32J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT32W
SNJ54ACT32W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT32FK
SNJ54ACT32FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
H
X
HH
L
L
L
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ACT32

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT320SMX-4 ACT-ACT320SMX-4 Datasheet
267Kb / 2P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
27/6/07
ACT320SMX-4 ACT-ACT320SMX-4_12 Datasheet
319Kb / 3P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
18-7-2012
ACT3215 ACT-ACT3215 Datasheet
240Kb / 2P
surface mount high density Watch Crystal
08/03/2007
ACT3215A ACT-ACT3215A Datasheet
186Kb / 2P
ACT3215A SMX
13/08/2008
ACT3215A ACT-ACT3215A Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
More results

Similar Description - ACT32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com