Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6-SII Datasheet(PDF) 2 Page - ShenZhen Jing Handa Electronics Co.,Ltd.

Part # P6-SII
Description  Full-Color Indoor LED Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHD [ShenZhen Jing Handa Electronics Co.,Ltd.]
Direct Link  http://www.jhdlcd.com.cn
Logo JHD - ShenZhen Jing Handa Electronics Co.,Ltd.

P6-SII Datasheet(HTML) 2 Page - ShenZhen Jing Handa Electronics Co.,Ltd.

  P6-SII Datasheet HTML 1Page - ShenZhen Jing Handa Electronics Co.,Ltd. P6-SII Datasheet HTML 2Page - ShenZhen Jing Handa Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P6 Full Color LED Cabinet Specification
Module
Parameter
Unit
Value
Pixel pitch
mm/i nch
6mm /0.2 4″
Pixel density
do ts/s qm
2 7,77 8
Pixels
Dots
32 x32
Size
mm/i nch
1 92x1 92/ 7.56 ″x 7.5 6"
Pixel type and configuration
SMD LED (3 i n 1 )
Brightness
nit s(cd /sq .m)
1, 500 -2,5 00
Drive type
1/ 6 sc an
View ing angle(Horizontal)
deg.
140 (-70 ~+70)
View ing angle(Vertical)
deg.
140 (-70 ~+70)
Red w avelength(Dom inant)
nm
62 0~625
Green Wavelength(Dom inant)
nm
52 5~530
Blue w avelength(Dom inant)
nm
47 0~475
Lifetim e(50% brightness)
Hou rs
100 ,000
Cabinet
Parameter
Unit
Value
Width
mm/i nch
768 mm/ 30.2 4″
Height
mm/i nch
576 mm/ 22.6 8″
Aspect Ratio
4:03
Diagonal
mm/i nch
9, 60/ 37.8 0"
Depth
mm/i nch
150/ 5.91 "
Area
Sq. m/sq .in ch)
0.44 2/68 5.6 7
Weight
k g/Ib s
18 /40
Pixels
dots
128x 96=1 228 8
Material
cold rolled arm or plate
Ingress protection
IP
––
operation tem perature range
Deg .C
–30 ~+ 60
Operation Hum idity*
RH
10 %~90%
Best view ing distance
m /fee t
8~20/ 26-6 6′
Input voltage(nom inal)
V/AC
11 0~240
input pow er frequency
Her tz
5 0~60
Pow er consum ption(m ax.)
Wat ts
4 00
Pow er consum ption(m in.)
Wat ts
2 00
Cooling system
1 10- 240/ AC F ans x2
System
Parameter
Unit
Value
Colors
550 mill ion s
Grey Scale(linear)
L evel s
11 ,024 per co lor
Brightess Control
L evel s
1 00
Processing depth
bi t
10
Video fram e rate
Her tz
30 -60
Display refresh rate
Her tz
200 -600
Multim edia data form at
co mpo site ,com pon ent, YC
R GBHV ,DVI et c.
data interconnection
UT P C at5/ opti cal fib er



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com