Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDP220-R01JB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # HDP220-R01JB
Description  POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

HDP220-R01JB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  HDP220-R01JB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HF SERIES
RCD Series HF thin film resistors offer extremely stable perfor-
mance under microwave applications. A proprietary production
process results in significant improvements in high-frequency
performance, as well as reduced TCR and noise characteristics.
Series HF resistors are essentially non-inductive and are custom
designed to particular customer requirements. Please advise
resistance value, tolerance, T.C., and operating frequency range
when ordering. Available on exclusive SWIFTTM delivery
program.
SPECIFICATIONS
FA113 Sale of this product is in accordance with GF-061. Specifications subject to change without notice
HIGH FREQUENCY MICROWAVE RESISTORS
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R0
1
Ω
K
1
o
t
Ω
)
K
0
1
o
t
.
l
i
a
v
a
(
.
d
t
s
e
c
n
a
r
e
l
o
T
d
r
a
d
n
a
t
S)
%
1
.
0
o
t
.
l
i
a
v
a
(
%
5
±
,
%
1
±
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T)
m
p
p
5
2
o
t
.
l
i
a
v
a
(
C
°
/
m
p
p
0
0
1
±
g
n
i
t
a
R
r
e
w
o
P)
W
0
.
1
o
t
.
l
i
a
v
a
(
C
°
5
2
@
W
4
/
1
e
g
n
a
R
y
c
n
e
u
q
e
r
Fe
l
b
a
l
i
a
v
a
z
H
G
0
1
o
t
.
C
.
D
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TC
°
0
6
1
+
o
t
C
°
5
5
-
RESISTORS CAPS & COILS DELAY LINES
RCD Components Inc., 520 E. Industrial Park Dr., Manchester, NH, USA 03109
Tel: (603) 669-0054 Fax:(603) 669-5455 E-mail: sales@rcdcomponents.com www.rcdcomponents.com
←
→
←1.0[25.4] min.→
.026 [.66] Max
↓
↑
.160 [4.06] Max
↑
↓
DIMENSIONS
.440
[11.2]
max.
Flange Resistors
Chip Resistors
Terminations
SAW (Surface Acoustic Wave) RF Low Loss Filter
Narrow Band SAW Filters
SAW Resonators
Ceramic Filters, Discriminators, Traps
Mixers
Couplers
Attenuators
Chip Inductors
CUSTOM MICROWAVE PRODUCTS TO 112GHz


Similar Part No. - HDP220-R01JB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HDP24-18-14PE TEC-HDP24-18-14PE Datasheet
5Mb / 164P
CONNECTOR SELECTOR
HDP24-18-14PE-C041 TEC-HDP24-18-14PE-C041 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
HDP24-18-14PE-L017 TEC-HDP24-18-14PE-L017 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
HDP24-18-14PE-L024 TEC-HDP24-18-14PE-L024 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
HDP24-18-14PN TEC-HDP24-18-14PN Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - HDP220-R01JB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
20 Watt TO220 Package Thick Film Power
TBH25PR030JE OHMITE-TBH25PR030JE Datasheet
151Kb / 1P
25 Watt TO220 Package Thick Film Power
TC025PA5R00JE OHMITE-TC025PA5R00JE Datasheet
89Kb / 1P
PECOS Resistors Thick Film on Porcelainized Steel Substrate
TC010PA OHMITE-TC010PA Datasheet
89Kb / 1P
PECOS Resistors Thick Film on Porcelainized Steel Substrate
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
35 Watt TO220 Package Thick Film Power
TEH70P2R00JE OHMITE-TEH70P2R00JE Datasheet
98Kb / 1P
70 Watt TO247 Package Thick Film Power
TEH100MR050JE OHMITE-TEH100MR050JE Datasheet
153Kb / 1P
100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
Thick Film Power Resistors
logo
Ohmite Mfg. Co.
TEH100 OHMITE-TEH100 Datasheet
444Kb / 2P
100 Watt Thick Film Power Resistors for High
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
Thick Film Power Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com