Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW2X-R010 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MW2X-R010
Description  SURFACE MOUNT WIREWOUND RESISTORS MELF AND GULLWING DESIGNS, 1/2 TO 5 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MW2X-R010 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MW2X-R010 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RCD Series MW provide a cost-effective solution for demanding
applications. Advantages include superior surge capability, improved
temperature stability, moisture resistance, noise, and a significant
space and cost savings over molded models. MW3 & MW5 feature
compliant gullwing terminals, which act as standoffs to reduce
PCB temperature and help minimize TCE stress (utilize compliant
terminals in applications with wide temp. gradients).
Inherent wirewound stability and overload capability
Resistance range: 0.005
Ω to 50KΩ
Excellent T.C. stability (available to ±5ppm/°C)
Standard tolerance: ±1% or ±5% (available to 0.01%)
Available on exclusive SWIFT TM delivery program!
OPTIONS
Option X: Non-inductive
Option T: PTC Temp. Sensitive (+80 to +6000ppm/°C)
Option P: Increased Pulse Capability
Option F: Flameproof (UL94V-0)
Option ER: 100 Hour Burn-In
Numerous options avail.: special marking, matched sets,
Hi-Rel screening, low thermal EMF, etc. Consult factory
SURFACE MOUNT WIREWOUND RESISTORS
MELF AND GULLWING DESIGNS, 1/2 TO 5 WATT
TYPICAL PERFORMANCE CHARACTERISTICS
MW SERIES
* specify Opt.75 for induc levels 50% that of Opt.X, or Opt.76 for 33% that of Opt.X
A
C
.12[3]
typ.
.050 [1.27]
typ.
.10 [2.5]
typ.
← B →
GULLWING
B
A
C
.010”
[.25]
Max
MELF
RESISTORS CAPACITORS COILS DELAY LINES
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
5
.
0
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
2
.
0
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
2
.
0
±
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
Sc
e
S
5
,
W
d
e
t
a
r
x
5
)
S
5
,
C
°
0
6
2
(
t
a
e
H
r
e
d
l
o
S
o
t
.
s
i
s
e
R%
1
.
0
±
)
y
l
n
o
g
n
i
w
ll
u
g
(
k
c
o
h
S
l
a
m
r
e
h
T%
2
.
0
±
)
B
C
P
m
o
r
f
"
2
3
0
.
<
(
y
t
il
i
b
a
r
e
d
l
o
Se
g
a
r
e
v
o
c
%
5
9
d
r
a
d
n
a
t
s
:
e
c
n
a
t
c
u
d
n
I
X
n
o
i
t
p
O
:
e
c
n
a
t
c
u
d
n
I
≤ 0
5
Ω
X
n
o
i
t
p
O
:
e
c
n
a
t
c
u
d
n
I
> 0
5
Ω
.
p
y
t
H
u
0
1
o
t
H
u
1
*
x
a
m
H
u
2
.
0
*
x
a
m
H
u
7
3
.
0
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
C
°
5
5
1
+
o
t
C
°
5
5
-
)
.
l
i
a
v
a
C
°
5
7
2
(
D
C
R
e
p
y
T
e
g
a
k
c
a
P
e
l
y
t
S
e
g
a
t
t
a
W
C
°
5
2
@
g
n
i
t
a
r
e
D
e
g
a
t
t
a
W
C
°
5
2
e
v
o
b
a
m
u
m
i
x
a
M
e
g
a
t
l
o
V
1
c
i
r
t
c
e
l
e
i
D
h
t
g
n
e
r
t
S
2
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
2
]
m
m
[
h
c
n
I
S
N
O
I
S
N
E
M
I
D
AB
C
2
/
1
W
MF
L
E
MW
5
.
0C
°
/
W
m
5
8
.
3V
0
3V
0
0
25
.
0
Ω
0
0
5
-
Ω
2
0
.
±
0
8
1
.
]
5
.
±
7
5
.
4
[
8
0
0
.
±
0
6
0
.
]
2
.
±
2
5
.
1
[
.
n
i
M
]
5
.
[
0
2
0
.
1
W
MF
L
E
MW
1C
°
/
W
m
7
.
7V
0
4V
0
5
25
0
.
0
Ω K
1
-
2
0
.
±
0
5
2
.
]
5
.
±
5
3
.
6
[
8
0
0
.
±
5
8
0
.
]
2
.
±
6
1
.
2
[
.
n
i
M
]
5
.
[
0
2
0
.
2
W
MF
L
E
MW
2C
°
/
W
m
4
.
5
1V
0
6V
0
5
25
0
.
0
Ω K
2
-
2
0
.
±
0
5
3
.
]
5
.
±
9
8
.
8
[
8
0
0
.
±
5
2
1
.
]
2
.
±
8
1
.
3
[
.
n
i
M
]
6
.
[
4
2
0
.
5
2
W
MF
L
E
MW
5
.
2C
°
/
W
m
2
.
9
1V
0
0
1V
0
0
35
0
.
0
Ω K
5
-
2
0
.
±
5
1
4
.
]
5
.
±
4
5
.
0
1
[
8
0
0
.
±
4
4
1
.
]
2
.
±
6
6
.
3
[
.
n
i
M
]
8
.
[
2
3
0
.
5
3
W
MF
L
E
MW
3C
°
/
W
m
1
.
3
2V
0
0
2V
0
0
45
0
.
0
Ω
K
0
1
-
4
2
0
.
±
0
0
5
.
]
6
.
±
7
.
2
1
[
0
1
0
.
±
9
6
1
.
]
5
2
.
±
3
.
4
[
.
n
i
M
]
1
[
0
4
0
.
3
W
MG
N
I
W
L
L
U
GW
3C
°
/
W
m
1
.
3
2V
0
0
2V
0
0
55
0
0
.
0
Ω
K
5
2
-
4
0
.
±
5
8
4
.
]
1
±
3
.
2
1
[
0
3
0
.
±
5
6
1
.
]
6
7
.
±
9
1
.
4
[
4
0
.
±
0
5
6
.
]
1
±
5
.
6
1
[
5
W
MG
N
I
W
L
L
U
GW
5C
°
/
W
m
7
3V
0
5
2V
0
0
55
0
0
.
0
Ω
K
0
5
-
6
0
.
±
0
3
5
.
]
5
.
1
±
5
.
3
1
[
5
3
0
.
±
0
8
1
.
9
8
.
±
7
5
.
4
[
4
0
.
±
5
1
7
.
]
1
±
2
.
8
1
[
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
e
l
b
a
l
i
a
v
A
s
e
c
n
a
r
e
l
o
T
)
C
°
/
m
p
p
(
.
f
e
o
C
.
p
m
e
T
d
r
a
d
n
a
t
Sl
a
n
o
i
t
p
O
9
9
0
0
R
-
5
0
0
R%
0
1
o
t
%
10
0
90
0
3
,
0
0
6
9
4
0
R
-
0
1
0
R%
0
1
o
t
%
5
.
00
0
60
0
2
,
0
0
3
9
9
0
R
-
0
5
0
R%
0
1
o
t
%
1
.
00
0
30
5
,
0
0
1
,
0
0
2
0
9
9
R
-
0
0
1
R%
0
1
o
t
%
5
0
.
00
0
10
2
,
0
3
,
0
5
0
9
R
9
-
0
0
R
1%
0
1
o
t
%
2
0
.
00
50
1
,
0
2
,
0
3
e
v
o
b
a
d
n
a
0
R
0
1%
0
1
o
t
%
1
0
.
00
35
,
0
1
,
0
2
FA002D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
Temp. Coef. (leave blank for standard): 5 = 5ppm, 10 = 10ppm;
100ppm & above, use 3 digit code: 101=100ppm, 201=200ppm, etc.
P/N DESIGNATION:
RCD Type
Resis.Code 0.01%-1%: 3 signif. figures & multiplier,
(R010=0.01
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,1001=1K,etc).
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(R01=0.01
Ω,1R0=1Ω,100=10Ω,101=100Ω,102=1K,103=10K,etc)
Packaging: B = Bulk, T = Tape & Reel (melf only)
Tolerance Code: K=10%, J=5%, H=3%, G=2%, F=1%,
D=0.5%, C=0.25%, B=0.1%, A=0.05%, Q=0.02%,T=0.01%
Options: X, T, P, F, ER (leave blank for std)
MW2
- 1001 - F T
W
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery
SPECIFICATIONS
1Voltage determined by E =
, E not to exceed maximum voltage rating. Increased ratings available. Multiply by 0.7 for Opt. X.
2 Increased range available
√PR
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
22


Similar Part No. - MW2X-R010

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MW201 MULTICOMP-MW201 Datasheet
154Kb / 1P
Regulated DC/DC Adaptor
12/03/13 V1.0
logo
List of Unclassifed Man...
MW20FMA00 ETC-MW20FMA00 Datasheet
4Mb / 12P
MW Series
MW20FMD00 ETC-MW20FMD00 Datasheet
4Mb / 12P
MW Series
MW20MMA00 ETC-MW20MMA00 Datasheet
4Mb / 12P
MW Series
logo
Brady Worldwide, Inc.
MW216A BRADY-MW216A Datasheet
332Kb / 4P
Miniature Circuit Breaker Lockout - Pin Out Standard
10/03/2017
More results

Similar Description - MW2X-R010

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com