Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWM2E-R100 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MWM2E-R100
Description  SM POWER RESISTORS, 1/2W - 5W, .0005廓 - 1M廓 WIREWOUND, FILM, & METAL PLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MWM2E-R100 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MWM2E-R100 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MWM SERIES
Exceptional perfomance and reliability is
achieved via highest grade materials and
processing. An all-welded wirewound construction is standard,
featuring premium-grade wire for superior stability and surge
capability. Opt. L low profile models feature a non-inductive metal
plate element. The power film version (Opt.M) achieves values as high
as 1M
Ω and is inherently low inductance thereby enabling stable
operation at high frequencies.
Widest selection in the industry!
Tolerance to ±0.01%, T.C. to ±5ppm/°C
Available on exclusive SWIFT TM delivery program!
OPTIONS
Option X: Non-inductive (refer to application note below)
Option P: Increased Pulse Capability
Option M: Power metal film element
Option L: Low profile non-inductive metal plate design
Option E: Low thermal EMF design
Special marking, high current, flame retardant, fusible,
temp.sensitive, hi-rel screening/burn-in, fusible, SnPb, etc.
SM POWER RESISTORS, 1/2W - 5W, .0005
Ω
Ω
Ω
Ω
Ω - 1MΩ
Ω
Ω
Ω
Ω
WIREWOUND, FILM, & METAL PLATE
E
P
Y
T
D
C
R
e
g
a
t
t
a
W
g
n
i
t
a
R
x
a
M
*
e
g
a
t
l
o
V
]
t
n
e
r
r
u
C
[
s
i
s
e
R
d
t
S
e
g
n
a
R
M
t
p
O
s
i
s
e
R
e
g
n
a
R
M
t
p
O
.
x
a
M
e
g
a
t
l
o
V
]
m
m
[
h
c
n
I
S
N
O
I
S
N
E
M
I
D
AB
)
x
a
M
(
CD
)
n
i
M
(
EF
G
H
2
/
1
M
W
MW
5
.
0]
A
0
1
[
V
3
31
0
.
Ω K
2
-5
Ω M
1
-*
V
0
0
2]
5
.
±
2
.
5
[
2
0
.
±
4
0
2
.]
2
8
.
2
[
1
1
1
.]
5
2
.
±
2
.
3
[
1
0
.
±
5
2
1
.]
3
6
.
[
5
2
0
.]
4
.
±
4
1
.
1
[
5
1
0
.
±
5
4
0
.]
0
.
2
[
0
8
0
.]
5
.
2
[
0
0
1
.]
2
[
8
0
.
1
M
W
MW
1]
A
0
2
[
V
8
51
0
0
.
Ω K
0
1
-1
.
Ω M
1
-*
V
0
0
2]
5
.
±
5
5
.
6
[
2
0
.
±
8
5
2
.]
7
1
.
3
[
5
2
1
.]
4
.
±
8
.
3
[
5
1
0
.
±
0
5
1
.]
8
.
0
[
2
3
0
.]
4
.
±
0
5
.
1
[
5
1
0
.
±
0
6
0
.]
5
.
2
[
0
0
1
.]
2
.
3
[
5
2
1
.]
3
[
2
1
.
2
M
W
MW
2]
A
0
3
[
V
0
2
12
0
0
.
Ω K
5
2
-1
.
Ω M
1
-*
V
0
5
2]
8
.
±
4
.
1
1
[
2
3
0
.
±
9
4
4
.]
8
2
.
5
[
8
0
2
.]
4
.
±
7
.
5
[
5
1
0
.
±
5
2
2
.]
5
.
1
[
0
6
0
.]
5
.
±
8
7
.
1
[
0
2
0
.
±
0
7
0
.]
0
.
4
[
0
6
1
.]
0
.
4
[
7
5
1
.]
5
[
0
2
.
S
2
M
W
MW
2]
A
5
2
[
V
0
81
.
Ω
0
0
2
-
Ω 1Ω M
1
-*
V
0
5
2]
5
.
±
5
.
7
[
0
2
0
.
±
7
9
2
.]
9
1
.
4
[
5
6
1
.]
4
.
±
8
.
3
[
5
1
0
.
±
0
5
1
.]
1
.
1
[
4
4
0
.]
4
.
±
7
2
.
1
[
6
1
0
.
±
0
5
0
.]
5
.
2
[
0
0
1
.]
2
.
3
[
5
2
1
.]
6
.
3
[
4
1
.
7
2
M
W
MW
7
.
2]
A
0
3
[
V
0
8
15
0
0
.
Ω
K
0
2
-1
Ω M
1
-*
V
0
5
2]
8
.
±
2
.
2
1
[
2
3
0
.
±
0
8
4
.]
4
8
.
5
[
0
3
2
.]
4
.
±
8
.
5
[
6
1
0
.
±
8
2
2
.]
7
2
.
1
[
5
0
.]
5
.
±
8
7
.
1
[
0
2
0
.
±
0
7
0
.]
0
.
4
[
0
6
1
.]
7
5
.
4
[
8
1
.]
5
[
0
2
.
S
3
M
W
MW
3]
A
0
3
[
V
0
0
25
0
0
.
Ω
K
5
2
-1
Ω M
1
-*
V
0
0
3]
8
.
±
9
.
5
1
[
2
3
0
.
±
5
2
6
.]
6
8
.
6
[
0
7
2
.]
8
3
.
±
7
[
5
1
0
.
±
5
7
2
.]
7
2
.
1
[
5
0
.]
4
.
±
6
1
.
2
[
6
1
0
.
±
5
8
0
.]
0
.
4
[
0
6
1
.]
5
.
4
[
5
7
1
.]
0
1
[
0
4
.
3
M
W
MW
5
.
3]
A
0
3
[
V
0
5
25
0
0
.
Ω
K
0
5
-1
Ω M
1
-*
V
0
5
3]
5
.
±
6
.
0
2
[
0
2
0
.
±
1
1
8
.]
9
4
.
7
[
5
9
2
.]
5
.
±
9
.
6
[
2
0
.
±
3
7
2
.]
6
.
1
[
3
6
0
.]
7
.
±
6
.
2
[
8
2
0
.
±
2
0
1
.]
0
.
5
[
0
0
2
.]
0
.
5
[
0
0
2
.]
5
1
[
0
6
.
5
M
W
MW
5]
A
2
3
[
V
0
0
35
0
0
.
Ω
K
0
0
1
-a
/
na
/
n]
5
.
±
6
.
0
2
[
0
2
0
.
±
1
1
8
.]
9
4
.
7
[
5
9
2
.]
5
.
±
9
.
6
[
2
0
.
±
3
7
2
.]
6
.
1
[
3
6
0
.]
7
.
±
6
.
2
[
8
2
0
.
±
2
0
1
.]
4
.
6
[
0
5
2
.]
4
.
6
[
0
5
2
.]
5
1
[
0
6
.
S
L
E
D
O
M
E
T
A
L
P
L
A
T
E
M
E
L
I
F
O
R
P
W
O
L
L
2
/
1
M
W
MW
5
.
0
√
]
A
2
1
[
)
R
P
(
3
0
0
.
Ω 5
0
.
-
Ω
a
/
na
/
n]
3
.
±
1
.
5
[
2
1
0
.
±
0
0
2
.]
5
3
.
1
[
3
5
0
.]
5
2
.
±
4
5
.
2
[
1
0
.
±
0
0
1
.]
3
6
.
[
5
2
0
.n
i
m
]
5
.
1
[
0
6
0
.]
0
.
2
[
0
8
0
.]
5
.
2
[
0
0
1
.]
2
[
8
0
.
L
1
M
W
MW
1
√
]
A
5
2
[
)
R
P
(
1
0
0
.
Ω 1
.
0
-
Ω
a
/
na
/
n]
3
.
±
3
.
6
[
2
1
0
.
±
0
5
2
.]
5
4
.
1
[
7
5
0
.]
3
.
±
2
.
3
[
2
1
0
.
±
6
2
1
.]
3
6
.
[
5
2
0
.n
i
m
]
8
.
1
[
0
7
0
.]
8
.
3
[
0
5
1
.]
2
.
3
[
5
2
1
.]
3
[
0
2
1
.
L
2
M
W
MW
2
√
]
A
0
3
[
)
R
P
(
2
0
0
.
Ω 2
.
0
-
Ω
a
/
na
/
n]
3
.
±
8
3
.
8
[
2
1
0
.
±
0
3
3
.]
5
4
.
1
[
7
5
0
.]
3
.
±
0
.
4
[
2
1
0
.
±
7
5
1
.]
8
.
0
[
2
3
0
.n
i
m
]
5
.
2
[
0
0
1
.]
0
.
5
[
7
9
1
.]
0
.
4
[
7
5
1
.]
4
[
7
5
1
.
S
L
2
M
W
MW
2
√
]
A
5
4
[
)
R
P
(
5
0
0
.
-
5
0
0
0
.
Ω
a
/
na
/
n]
3
.
±
3
.
6
[
2
1
0
.
±
0
5
2
.]
0
.
2
[
9
7
0
.]
3
.
±
2
.
3
[
2
1
0
.
±
6
2
1
.]
8
.
0
[
2
3
0
.n
i
m
]
0
2
.
[
0
8
0
.]
8
.
3
[
0
5
1
.]
2
.
3
[
5
2
1
.]
3
.
[
0
2
1
.
*Voltage determined by E =
, E not to exceed maximum voltage rating. Increased ratings available. Multiply by 0.7 for Opt. X
√PR
APPLICATION NOTES:
1. Power Rating: Resistors may be operated up to full rated power with
consideration of mounting density, pad & trace geometery, PCB material, and
ambient temperature. Standard parts should be derated (W&V) by .67%/°C
when ambient exceeds 25°C, low profile parts by 1%/ °C above 70 °C
2. Inductance: Standard wound parts are 1 - 20uH typ. For “non-inductive”
design, specify Opt.X (0.2uH max
≤50Ω, .37uH >50Ω, 50nH avail). Opt. L
(metal plate element) and Opt.M (power film element) are inherently low
inductance (1 to 10nH typ). Consult factory for assistance.
3. Pulse Capability: standard MWM (wirewound) and Opt. L (metal plate)
offer excellent overload capability greatly exceeding that of film resistors.
The overload level can often be economically enhanced by a factor of 50%
or more via special processing (Opt.P). Pulse capability is highly dependent
on size & resistance (available up to 50 joules). Consult factory for assistance.
E
C
N
A
M
R
O
F
R
E
P
)
p
y
T
(e
t
a
l
P
l
a
t
e
M
L
.
t
p
O
&
W
Wt
n
e
m
e
l
E
m
l
i
F
M
.
t
p
O
)
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
1
±)
%
2
=
7
2
,
S
3
,
S
2
M
W
M
(%
1
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
2
.
0
±%
5
.
0
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
2
.
0
±%
5
.
0
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
Sc
e
S
5
r
o
f
W
d
e
t
a
r
x
5c
e
S
5
.
r
o
f
W
d
e
t
a
r
x
5
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
4
2
0
R
-
5
0
0
0
R
9
4
0
R
-
5
2
0
R
9
9
0
R
-
0
5
0
R
0
9
9
R
-
0
0
1
R
0
9
R
9
-
0
0
R
1
e
v
o
b
a
&
0
R
0
1
d
r
a
d
n
a
t
Sl
a
n
o
i
t
p
O
0
0
2
,
0
0
1
m
p
p
0
0
4
30
0
2
,
0
0
1
m
p
p
0
0
0
0
1
,
0
5
m
p
p
0
0
2
0
5
,
0
3
,
0
2
m
p
p
0
9
0
3
,
0
2
,
0
1
m
p
p
0
5
0
2
,
0
1
,
5
m
p
p
0
3
d
r
a
d
n
a
t
Sl
a
n
o
i
t
p
O
a
/
n
a
/
n
a
/
n
a
/
n
a
/
n
a
/
n
0
0
2
m
p
p
0
5
3
0
0
1
m
p
p
0
0
2
0
5
,
5
2
m
p
p
0
0
1
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D
1
.
n
i
M
V
0
0
5
1
.
l
i
a
v
a
V
K
1
,)
.
l
i
a
v
a
V
K
1
(
.
n
i
M
V
0
0
5
y
t
il
i
b
a
r
e
d
l
o
S
2
e
g
a
r
e
v
o
c
%
5
9e
g
a
r
e
v
o
c
%
5
9
.
p
m
e
T
g
n
i
t
a
r
e
p
O)
li
a
v
a
°
5
7
2
+
(
C
°
5
7
1
+
o
t
5
5
-C
°
5
7
1
+
o
t
C
°
5
5
-
.
l
o
T
.
s
i
s
e
R
e
l
b
a
l
i
a
v
A%
0
1
o
t
%
1
0
.
0%
5
o
t
%
5
.
0
1 Dielectric strength for low profile Opt. Lis 100V ( 300V avail) 2 Tested within .032" [.8mm] of pcb surface
→
←
A
------
------
B
.010” MWM2 & 3S, .050” MWM3 & 5
D
C
← E →
↑
↓
↓
↑
↓
SUGGESTED
PAD LAYOUT
F
↑
H
G
← →
FA015J
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
23
P/N DESIGNATION:
RCD Type
Resis.Code .01%-1%: 3 signif. figures & multiplier,
e.g. R010=0.01
Ω, R100=0.1Ω, 1R00=1Ω, 1000=100Ω, 1001=1K.
Resis.Code 2%-10%: 2 signif. figures & multiplier, R01=0.01
Ω,
R10=0.1
Ω, 1R0=1Ω, 100=10Ω, 101=100Ω, 102=1K.
Use extra digits as needed: R005, R0075, R012, etc.
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: K=10%, J=5%, H=3%, G=2%, F=1%,
D=0.5%, C=0.25%, B=0.1%, A=0.05%, Q=0.02%, T=0.01%
Options: X,P,M,L,F,E (leave blank if std)
TC (leave blank if standard): 5 = 5ppm, 10 = 10ppm, 20=20ppm,
30=30ppm,50=50ppm, 101=100ppm, 201=200ppm, 301=300ppm
MWM2
- 1001 - F T
W
Termination: W= Lead-free, Q= Tin/Lead. Leave blank if either is
acceptable (RCD will select based on lowest price and quickest delivery).
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Description - MWM2E-R100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
Power Metal Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
Power Metal Film Resistors
logo
RCD COMPONENTS INC.
RSF2B-R100-JBW RCD-RSF2B-R100-JBW Datasheet
48Kb / 1P
METAL OXIDE RESISTORS, 1/2W to 9W
logo
Vishay Siliconix
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
17-Feb-11
CPCL VISHAY-CPCL_15 Datasheet
90Kb / 3P
Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
17-Feb-11
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CPR VISHAY-CPR Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com