Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOR3-R010-G Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # LOR3-R010-G
Description  PRECISION LOW-OHM METAL PLATE RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

LOR3-R010-G Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  LOR3-R010-G Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LOR
Series LOR rectangular shape and high thermal conductivity
ceramic case efficiently transfers heat from the internal element
resulting in excellent stability and overload capability. Series LV3
molded design offers improved uniformity for high-volume auto-
placement applications. The resistance element of LOR and LV3
is non-inductive and constructed from near-zero TCR alloy
minimizing thermal instability. Construction is flame retardent,
solvent- and moisture-resistant.
Ideal for current sense applications
0.0025
Ω to .25Ω, 0.5% to 10%
Low TC, high pulse capability
Non-inductive metal element
Available on RCD’s exclusive SWIFTTM delivery program!
Choice of 2-terminal or 4-terminal designs
OPTIONS
Opt.18: .040” lead dia. on LOR3 (.040” is std on LOR5)
Option 4T: 4 Terminal
Option E: Low thermal emf design
Non-std resistance values, custom marking, burn-in, etc.
PRECISION LOW-OHM METAL PLATE RESISTORS
APPLICATION NOTES:
1) 3W parts to be measured at 1.31” [33.3mm], 5W parts at 1.67” [42.4mm].
Also available per customer requirement.
2) 18AWG (0.040” dia) leads are standard on LOR5 and available on LOR3
(specify opt. 18). RCD recommends .040” leads, since the heavier gauge
results in lower lead resistance, improved heat transfer, and lower in-circuit
TCR (.032” leadwires have resistivity of ~1m
Ω/in., 0.04” dia. have ~0.6mΩ/in).
An extra inch of .032” leadwire in the circuit will increase the TC of a 10m
Ω
resistor by roughly 350ppm. Keep leadwires short for best TC stability.
3) To achieve utmost precision in current sense or shunt applications, RCD
offers LOR3 & LOR5 in 4-terminal version, specify opt.4T (eliminates lead
resistance when utilized in Kelvin configuration). Request App. note #R31 for
performance comparison of 2- vs. 4-terminal.
,
25
50
75
100
125
150
175
200
225
250
275
100
75
50
25
0
Temperature °C
TEMPERATURE COEFFICIENT (typ.)
Resistance (milli ohm)
0
10
20
30
40
50
60
70
80
90
r
e
t
e
m
a
r
a
P
t
s
e
T.
p
y
T
,
e
c
n
a
m
r
o
f
r
e
P
e
f
i
L
d
a
o
Lm
5
.
+
%
5
.
0
Ω
n
o
it
a
r
b
i
Vm
5
.
+
%
5
0
.
0
Ω
d
a
o
l
r
e
v
OW
d
e
t
a
r
X
5
,
c
e
S
5
)
g
n
it
a
R
t
n
e
r
r
u
C
E
T
N
(
t
n
e
i
c
if
f
e
o
C
.
p
m
e
T)
y
d
o
b
t
a
.
n
n
o
c
e
r
i
w
4
,
t
r
a
h
c
r
e
p
(
e
g
n
a
R
.
p
m
e
TC
°
5
7
2
+
o
t
°
5
5
-
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
A
V
0
0
0
1
.
s
e
R
n
o
it
a
l
u
s
n
IM
0
0
0
,
0
1
Ω
y
r
d
n
i
m
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
T.
n
i
m
.
b
l
0
1
y
t
il
i
b
a
r
e
d
l
o
S8
0
2
.
m
,
2
0
2
-
D
T
S
-
li
M
r
e
p
e
c
n
a
t
c
u
d
n
Ip
y
t
H
n
0
2
o
t
H
n
5
400
300
250
200
150
100
50
0
STANDARD RESISTANCE VALUES AND CODES
(Non-standard values available, most popular values listed in bold)
.0025
Ω (R0025), .003Ω (R003), .005Ω
Ω
Ω
Ω
Ω (R005), .0068Ω(R0068), .0075Ω (R0075),
.0082
Ω (R0082), .01Ω
Ω
Ω
Ω
Ω (R010 if ≤≤≤≤≤1%,R01 if ≥≥≥≥≥2%), .012Ω(R012), .015Ω
Ω
Ω
Ω
Ω(R015),
.02
Ω
Ω
Ω
Ω
Ω (R020 if≤≤≤≤≤1%, R02 if≥≥≥≥≥2%), .022Ω (R022), .025Ω
Ω
Ω
Ω
Ω (R025), .03Ω
Ω
Ω
Ω
Ω (R030 if
≤≤≤≤≤1%, R03 if ≥≥≥≥≥2%), .033Ω (R033), .04Ω
Ω
Ω
Ω
Ω (R040≤≤≤≤≤1%, R04≥≥≥≥≥2%), .05Ω
Ω
Ω
Ω
Ω (R050≤≤≤≤≤1%,
R05
≥≥≥≥≥2%), .068Ω(R068), .07Ω
Ω
Ω
Ω
Ω (R070 if ≤≤≤≤≤1%, R07 if ≥≥≥≥≥2%), .075Ω (R075),
.08
Ω
Ω
Ω
Ω
Ω (R080 if≤≤≤≤≤1%, R08 ≥≥≥≥≥2%), .1Ω
Ω
Ω
Ω
Ω (R100 if≤≤≤≤≤1%, R10 ≥≥≥≥≥2%), .15Ω (R150 if
≤≤≤≤≤1%, R15 ≥≥≥≥≥2%), .2Ω (R200 if ≤≤≤≤≤1%, R20 ≥≥≥≥≥2%), .25Ω (R250 if ≤≤≤≤≤1%, R25 ≥≥≥≥≥2%).
PERFORMANCE CHARACTERISTICS
POWER DERATING
FA049C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
LOR3, LV3
Opt.4T
LOR5, LOR3-18
RCD LV3
B
C
A
→
Resis. Measurement Point
(see Applic. Note #1)
←
←
X
X
1.25” Typ
2nd pair of leads
applies to Opt. 4T only
d
↑
↓
→
LOR is rectangular,
LV is cylindrical
LV3 SERIES - MOLDED 3-WATT
LOR SERIES - CERAMIC 3- & 5-WATT
B
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
55
P/N DESIGNATION:
RCD Type (LOR3, LOR5, or LV3)
Options: E, 4T, 18 (leave blank if standard)
Packaging: B = bulk (std.),T = Tape & Reel (not avail. on option 4T)
LOR3
- R05 - J B W
Tolerance Code: D=0.5%, F=1%, G=2%, H=3%, J=5%, K=10%
Resis. Code (see table above):
0.5% & 1%: 3 signif. digits & multiplier; R010=0.01
Ω, R150=0.15Ω
2%-10%: use 2 signif.digits & multiplier; R01=.01
Ω, R10=.1Ω, etc.
Use extra digits as needed R005, R0025, R0075, R012, etc.
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)
RESISTORS CAPACITORS COILS DELAY LINES
1 Max. current is based on I= (P/R)1/2, not to exceed the value listed (increased levels avail). 2 Dim. C applies only to Opt.4T 3 Specify opt.18 for .040 [1mm] lead dia
D
C
R
E
P
Y
T
E
G
A
T
T
A
W
C
°
5
2
@
T
N
E
R
R
U
C
G
N
I
T
A
R
1
E
C
N
A
T
S
I
S
E
R
E
G
N
A
R
)
S
M
H
O
(
E
C
N
A
T
S
I
S
E
R
T
N
I
O
P
T
N
E
M
E
R
U
S
A
E
M
]
6
.
1
[
2
6
0
.
±
S
N
O
I
S
N
E
M
I
D
A
]
1
[
4
0
.
±
B
]
8
.
[
2
3
0
.
±
d
]
5
0
.
[
2
0
0
.
±
C2
]
8
.
[
2
3
0
.
±
3
R
O
LW
3A
5
25
2
.
o
t
5
2
0
0
.]
3
.
3
3
[
0
1
3
.
1]
4
1
[
1
5
5
.]
5
.
6
[
6
5
2
.]
8
.
[
2
3
0
.
3
]
9
.
1
[
5
7
0
.
5
R
O
LW
5A
0
45
2
.
o
t
5
2
0
0
.]
4
.
2
4
[
0
7
6
.
1]
5
3
.
2
2
[
0
8
8
.]
3
1
.
8
[
0
2
3
.]
1
[
0
4
0
.]
4
5
.
2
[
0
0
1
.
3
V
LW
3A
5
21
.
0
o
t
5
0
0
.]
3
.
3
3
[
0
1
3
.
1]
3
1
[
3
1
5
.]
6
.
3
[
2
4
1
.]
8
.
[
2
3
0
.a
/
n
LOR 4T
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - LOR3-R010-G

ManufacturerPart #DatasheetDescription
logo
Power-One
LOR4001-2RLD POWER-ONE-LOR4001-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
LOR4140-2RLD POWER-ONE-LOR4140-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
LOR4240-2RLD POWER-ONE-LOR4240-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
LOR4301-2 POWER-ONE-LOR4301-2 Datasheet
52Kb / 4P
15, 30 and 50 Watt AC-DC Converters
LOR4301-2RLD POWER-ONE-LOR4301-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
More results

Similar Description - LOR3-R010-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
METAL PLATE SHUNT RESISTORS
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
metal plate chip type low resistance resistors
logo
WALSIN TECHNOLOGY CORPO...
WW25M WALSIN-WW25M Datasheet
199Kb / 7P
Metal Plate Low Ohm Power Chip Resistors
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
Metal plate low ohm power chip resistors
WW25R WALSIN-WW25R Datasheet
246Kb / 8P
Metal Plate Low Ohm Power Chip Resistors
WW25R_J WALSIN-WW25R_J Datasheet
239Kb / 8P
Metal plate low ohm power chip resistors
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com