Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF2S-R100-D Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MPF2S-R100-D
Description  ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MPF2S-R100-D Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MPF2S-R100-D Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
SPECIFICATIONS
OPTIONS
Option P: Increased Pulse Capability
Option 37: Group A Screening per Mil-R-39008
Numerous design modifications are available (special
marking, matched sets, increased temperature, etc.)
Inch [mm]
1 Not to exceed
√(PxR), increased working voltages available. 2 Extended range available
ECONOMICAL 1 WATT TO 3 WATT
POWER FILM MELF RESISTORS
MPF SERIES
FEATURES
High power in small body size
Low cost MELF design
Wide resistance range: 0.1
Ω to 10MΩ
Standard tolerance: ±5% (available to ±0.1%)
Inherent low inductance power film performance
PULSE CAPABILITY
MPF3P
MPF2P, 3SP
MPF2SP
MPF1P
Pulse capability is dependent on res. value, waveform, repetition rate,
current, etc. Chart is a general guide for Opt. P pulse resistant version,
single pulse, with peak voltage levels not exceeding 1KV MPF1, 1.5KV
MPF2S, 2KV MPF2, 2.5KV MPF3S, 3KV MPF3. Max pulse capability for
standard parts (w/o Opt.P) is 50% less. For improved performance and
reliability, a 30-50% pulse derating factor is recommended, or larger for
frequent pulses, high values, etc. (refer to #R-42). Verify selection by
testing under worst-case conditions. Increased pulse levels available.
RCD’s MPF Series utilize special filming processes and
highest grade materials to achieve high power density, yet
the economical MELF package enables pricing well below
rectangular counterparts. The multilayer coating offers
excellent environmental protection and dielectric strength,
and is resistant to industrial solvents, steam and humidity.
L
D
W
D
C
R
e
p
y
T
e
g
a
t
t
a
W
g
n
i
t
a
R
e
g
a
t
l
o
V
g
n
i
t
a
R
1
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
2
.
x
a
M
L.
x
a
M
D)
.
n
i
M
(
W
1
F
P
MW
1V
0
0
31
.
0
Ω
M
1
o
t
Ω
]
5
.
6
[
6
5
2
.]
7
.
2
[
6
0
1
.]
9
.
[
6
3
0
.
S
2
F
P
MW
2V
0
5
31
.
0
Ω
M
7
.
4
o
t
Ω
]
5
.
9
[
5
7
3
.]
7
.
3
[
6
4
1
.]
2
.
1
[
7
4
0
.
2
F
P
MW
2V
0
0
41
.
0
Ω
M
8
.
6
o
t
Ω
]
5
.
1
1
[
3
5
4
.]
7
.
4
[
5
8
1
.]
4
.
1
[
6
5
0
.
S
3
F
P
MW
3V
0
0
41
.
0
Ω
M
8
.
6
o
t
Ω
]
5
.
1
1
[
3
5
4
.]
7
.
4
[
5
8
1
.]
4
.
1
[
6
5
0
.
3
F
P
MW
3V
0
0
41
.
0
Ω
M
0
1
o
t
Ω
]
3
.
5
1
[
2
0
6
.]
1
.
5
[
1
0
2
.]
6
.
1
[
4
6
0
.
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TC
°
/
m
p
p
0
0
2
≤
,
M
1
,
M
8
.
6
-
M
1
m
p
p
0
5
3
)
M
8
.
6
>
m
p
p
0
0
5
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
6
1
+
o
t
5
5
-
:
g
n
i
t
a
r
e
D
r
e
w
o
P
3
,
2
,
1
F
P
M
:
g
n
i
t
a
r
e
D
r
e
w
o
P
S
3
,
S
2
F
P
M
C
°
0
7
>
C
°
/
%
3
5
0
.
1
C
°
5
2
>
C
°
/
%
4
1
7
.
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DV
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
Im
h
o
g
e
M
0
0
0
,
0
1
y
t
l
i
b
a
r
e
d
l
o
S.
n
i
M
%
5
9
o
t
t
o
n
,
S
5
W
x
5
.
2
(
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S
)
g
n
it
a
r
tl
o
v
x
2
d
e
e
c
x
e
;
3
,
2
,
1
F
P
M
%
5
.
0
S
3
,
S
2
F
P
M
%
1
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VV
/
m
p
p
5
2
)
S
5
,
C
°
5
4
2
(
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
3
.
0
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
1
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
2
)
W
d
e
t
a
r
t
a
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L;
3
,
2
,
1
F
P
M
%
2
S
3
,
S
2
F
P
M
%
4
RESISTORS CAPACITORS COILS DELAY LINES
FA026D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
19
P/N DESIGNATION:
RCD Type
Tolerance : J= 5% (std), D=0.5%, F=1%, G=2%, K=10%
Packaging : B = Bulk, T = Tape & Reel
MPF2S
- 102 - J
T W
Options: P, 37 (leave blank if standard)
Resis. Code:
≤≤≤≤≤1%: 3 signif. figures & multiplier,
e.g. R100= 0.1
Ω, 1R00= 1Ω,1000= 100Ω, 1001= 1KΩ.
Resis. Code 2% - 10%: 2 signif. figures & multiplier,
e.g. R10=.1
Ω, R15=.15Ω, 1R0=1Ω,100=10Ω, 102=1K, 103=10KΩ
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery
The temp. rise of SM resistors depends largely on heat conduction
through the end terminations, which can vary significantly
depending on PCB material and layout (i.e. pad size, trace area,
copper thickness, air convection, etc). Typical temperature rise at
full rated power is 100°C for MPF1,2,3 and 150°C for MPF2S & 3S
(based on DIN44050 PCB material with 500 sq. mil circuit traces
MPF1, 2, 2S and 1000 sq. mil MPF3,3S). It is recommended to
evaluate product in actual use conditions to ensure the proper
component and PCB layout is utilized.
APPLICATION NOTE
10000
1000
100
10
1µS
10µS
100µS
1mS
10mS
100mS
Pulse Duration
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - MPF2S-R100-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPF2-115RS ETC2-MPF2-115RS Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
MPF2-115RSAI ETC2-MPF2-115RSAI Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
MPF2-115RSAV ETC2-MPF2-115RSAV Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
MPF2-115RSI ETC2-MPF2-115RSI Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
MPF2-230RS ETC2-MPF2-230RS Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
More results

Similar Description - MPF2S-R100-D

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
BW1F-R100JBW RCD-BW1F-R100JBW Datasheet
67Kb / 1P
FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
CF50S-1R0-G RCD-CF50S-1R0-G Datasheet
34Kb / 1P
CARBON FILM RESISTORS, 1/8 to 3 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
MP220P-R100-J RCD-MP220P-R100-J Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MW2X-R010 RCD-MW2X-R010 Datasheet
29Kb / 1P
SURFACE MOUNT WIREWOUND RESISTORS MELF AND GULLWING DESIGNS, 1/2 TO 5 WATT
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
List of Unclassifed Man...
TP48 ETC-TP48 Datasheet
916Kb / 2P
1/4 WATT PRECISION THIN FILM RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com