Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2A-R100FB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # LF2A-R100FB
Description  FAILSAFE FUSIBLE WIREWOUND RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

LF2A-R100FB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  LF2A-R100FB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RCD type LF2 is designed to provide circuit protection for
telecom applications, such as line feed, ADSL, HDSL, and
switching networks, as well as snubber circuits, switching
regulators, power faults, etc. The LF2 is a combination power
resistor and isolated thermal fuse housed in a ceramic case.
The combination enables the device to withstand short-time
overloads (various lightning surges, AC power crosses, inrush
currents, and ESD pulses), yet open safely under extended
overload conditions. The all-welded internal construction
combined with highest grade materials ensures utmost
performance and reliability. For even greater protection under
power cross conditions, as required by TR1089, specify LF2A.
Industry’s widest range!
Withstands lightning surges and power crosses
Resistance range: 0.01
Ω to 10KΩ
LF2 1
Ω to 1.6K meets UL497A, Bellcore GR1089, ITU-T K.20
LF2A meets Bellcore TR1089 specifications
Standard tolerance: ±1% or ±5% (available to ±0.01%)
Available on RCD’s exclusive SWIFT TM delivery program!
FEATURES
FAILSAFE FUSIBLE WIREWOUND RESISTORS
TYPICAL PERFORMANCE CHARACTERISTICS
LF2 SERIES
* LF2A resistance range is 1.8
Ω to 100Ω
OPTIONS
Option A: TR1089 performance
Option X: Non-inductive (0.2µH max
≤50Ω, 0.37µH >50Ω)
Option ER: 100 Hour Burn-In
Customized fusing characteristics
Matched pairs or groups
Failsafe surge resistors are often tailored to particular customer
requirements. Consultation with RCD’s Engineering department is
recommended on all applications to ensure optimum performance
at the most cost-effective price. Depending on the application,
Series LF2 or LF2A can often satisfy the requirements of UL497A,
UL1950, UL1459, FCC Part 68, REA 397 & PE60, Bellcore
GR1089 & TR1089, ITU-T K.20 & K.21, VDE 0750, IEC 1000-4,
CCITT K17, IEEE 472 &587, ANSI C37.90 & C62.41, SAE J1113,
MIL-STD-704, MIL-STD-1399, & MIL-STD-1275.
HOW TO USE LF2
Pin #1 and #2 shall be shorted
together by the user on the PCB.
The LF2 resistor is connected
into the circuit via pins #3 and #4.
1 2
3 4
A
E
D
|
C
|
B
F
1 2
3 4
.032” Pin 1 & 4,
.023” Pin 2 & 3
→
↓
→
←
↑
↓
←
↑
←
→
APPLICATION NOTES:
D
C
R
e
p
y
T
e
g
a
t
t
a
W
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
]
m
m
[
h
c
n
I
S
N
O
I
S
N
E
M
I
D
AB
C
D
E
F
2
F
LW
0
.
21
0
.
0
Ω
K
0
1
-
∗
Ω
2
0
.
±
5
4
0
.
1
]
5
.
±
5
.
6
2
[
2
0
.
±
0
5
4
.
]
5
.
±
3
4
.
1
1
[
2
0
.
±
5
6
2
.
]
5
.
±
3
7
.
6
[
.
n
i
M
5
2
1
.
]
5
.
±
7
1
.
3
[
5
1
0
.
±
0
0
7
.
]
4
.
±
8
7
.
7
1
[
5
1
0
.
±
0
0
9
.
]
4
.
±
6
8
.
2
2
[
g
n
i
t
a
r
e
D
e
g
a
t
t
a
WC
°
5
2
>
C
°
/
W
m
1
2
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
5
.
0
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
1
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T)
C
°
0
2
1
+
o
t
5
5
-
(
%
5
.
0
±
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S)
c
e
S
5
,
W
0
1
(
%
2
.
0
±
y
t
il
i
b
a
p
a
C
e
g
r
u
S
g
n
i
n
t
h
g
i
L
6
.
5
2
F
L
Ω
K
0
1
-
0
0
1
-
8
.
1
A
2
F
L
Ω
0
1
,
k
a
e
p
A
0
0
1
/
V
K
1
S
µ
0
0
0
1
x
S
µ
0
1
Ω
k
a
e
p
(
p
e
r
S
0
6
x
s
e
s
l
u
p
0
5
,
e
c
r
u
o
s
)
.
l
i
a
v
a
V
K
0
1
o
t
p
u
s
e
g
a
t
l
o
v
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
0
1
.
Ω
9
9
.
o
t
Ω
1
Ω
e
v
o
b
a
d
n
a
d
r
a
d
n
a
t
Sl
a
n
o
i
t
p
O
0
5
,
0
3
,
0
2
,
0
1
m
p
p
0
9
0
3
,
0
2
,
0
1
m
p
p
0
5
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
r
o
r
e
h
g
i
h
e
b
y
a
m
(
d
t
s
C
°
0
2
1
+
o
t
C
°
5
5
-
g
n
i
d
n
e
p
e
d
s
n
g
i
s
e
d
m
o
t
s
u
c
n
o
r
e
w
o
l
)
g
n
i
t
a
r
e
s
u
f
n
o
y
t
il
i
b
a
m
m
a
l
F2
-
2
-
5
9
6
C
E
,
0
-
V
4
9
L
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
s
u
F
FA023B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
LF2FusingRange(Seconds,Typ.)
10
20 30 50 100 200 300 500
100W
10W
3W
50W
30W
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
12345678901234
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
83
Termination: W=Pb-free, Q=Sn/Pb (leave blank if either is acceptable)
Optional Temp. Coefficient (leave blank for standard):
5=5ppm, 10 = 10ppm, 20 = 20ppm, etc.
P/N DESIGNATION:
RCD Type
Resis.Code 1%: 3 signif. figures & multiplier,
(R100=.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω, 1001=1K, etc)
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(R10=0.1
Ω, 1R0=1Ω, 100=10Ω, 101=100Ω, 102=1K, etc)
Packaging: B = Bulk (standard)
LF2
- 1001 -
F B
W
Tolerance Code: J=5%, H=3%, G=2%, F=1%
Options: X, ER, A
(leave blank for standard)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - LF2A-R100FB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF2 GOOD-ARK-LF2 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Tyco Electronics
LF200 MACOM-LF200 Datasheet
102Kb / 2P
NEMA Cabinet Legs
logo
LEM
LF2005-S LEM-LF2005-S Datasheet
70Kb / 2P
Current Transducer LF 2005-S
LF2005-S LEM-LF2005-S Datasheet
84Kb / 2P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results

Similar Description - LF2A-R100FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Welwyn Components Limit...
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
SPH WELWYN-SPH Datasheet
629Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
Fusible Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
Fusible Wirewound Resistors
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
Vishay Siliconix
AC01-CS VISHAY-AC01-CS Datasheet
157Kb / 9P
Axial Cemented Fusible Wirewound Safety Resistors
12-Jul-16
AC01-CS VISHAY-AC01-CS_18 Datasheet
170Kb / 9P
Axial Cemented Fusible Leaded Wirewound Safety Resistors
11-Jul-2018
Z302BV20327 VISHAY-Z302BV20327 Datasheet
92Kb / 3P
Axial Cemented, Fusible, Wirewound Resistors
21-Sep-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com