Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DMS-EB2
Description  Multi-Purpose Application Board for DMS-20PC/LCD Meters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-EB2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DMS-EB2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-EB2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-EB2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-EB2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
DMS-EB2
Multi-Purpose Application Board
for DMS-20PC/LCD Meters
MPM_DMS-EB2.E01 Page 1 of 4
The DMS-EB2 Application Board was designed for quick and easy application/evalu-
ation of DATEL's subminiature DMS-20PC/LCD Series, 3½ Digit, LED/LCD Display, Digital
Panel Voltmeters. The DMS-EB2's versatility, low cost and direct DMS-20PC/LCD plug-in
compatibility makes interfacing a breeze. The DMS-EB2 covers many common panel-
meter applications while providing easy signal and power I/O terminations (via a standard
MOLEX connector) and plug-in versatility when changing from one application to another.
The DMS-EB2 has provisions for such common applications as input dividers for high
input voltages, gain (span) adjustment, 9/12Vdc battery operation, and decimal point place-
ment. The board permits direct signal I/O wiring via the interface connector or soldering
directly to the board. The DMS-EB2 is fully compatible with all four versions of the DMS-
20PC/LCD (±200mV, ±2V, ±20V, ±200V) making it interchangeable from meter to meter
and application to application. Solder gaps
are conveniently placed on the board and
may be quickly bridged or cut as required.
This low-cost addition to DATEL's
expanding line of subminiature meters dem-
onstrates our continuing commitment to offer
the most versatile, easy-to-use panel-meter
products.
FEATURES
Gain (span) adjustment
Input divider network for attenuating voltages
up to 250Vdc
Operate meter and board from +5V supply or
9/12V battery
On-board solder gaps for decimal point placement
On-board I/O connector for easy power and signal input
 
Figure 1. DMS-EB2 Schematic Diagram
R1
R2
R5
U1
SG15
SG14 SG6
SG5
J1
SG4
SG1
C1
+C2
1
SG10
12
12
34
5
6
J2


Similar Part No. - DMS-EB2

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-EB2-C MURATA-PS-DMS-EB2-C Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-EB2-C MURATA-PS-DMS-EB2-C Datasheet
205Kb / 6P
3½ Digit, LCD Display Digital Panel Voltmeters
2015
More results

Similar Description - DMS-EB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-EB-RMS ETC-DMS-EB-RMS Datasheet
153Kb / 1P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
DP-650 ETC1-DP-650 Datasheet
109Kb / 2P
Miniature LCD Display DigitalPanel Meters
logo
Murata Power Solutions ...
DMS-BZL1-C MURATA-PS-DMS-BZL1-C Datasheet
124Kb / 2P
Panel Mount Bezels for DMS Meters
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
EB-ACDC MURATA-EB-ACDC Datasheet
169Kb / 4P
100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
EB-DCDC MURATA-EB-DCDC Datasheet
136Kb / 2P
DC/DC Converter and Isolation Board for DMS-30PC/LCD Meters
EB-HTB MURATA-EB-HTB Datasheet
62Kb / 1P
High-Accuracy Temperature Sensor Boards DMS-30PC/LCD-0 Meters
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
4-20mA Current Loop Application Board for DMS-30LCD Meters
EB-RMS MURATA-EB-RMS Datasheet
149Kb / 2P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
EB-TCJ MURATA-EB-TCJ Datasheet
103Kb / 1P
Thermocouple Input Application Boards for DMS-30PC/LCD Meters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com