Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW1059-R10 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # PW1059-R10
Description  GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

PW1059-R10 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  PW1059-R10 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PW resistors are designed for general purpose and semi-precision
power applications. The fireproof ceramic construction provides
excellent thermal conductivity and resistance to moisture & solvents.
Typical marking is ‘RCD’, value, tol. &wattage (or type). The resistance
element is wirewound on lower values, & power film on higher values
depending on options (opt. P & T parts are always WW). If a specific
construction is preferred, specify opt.WW or M (not avail. in all values).
APPLICATION NOTE #1: Resistor Comparison
Series PW resistors offer moderate performance levels at prices
below that of other WW or film technologies. Other choices for
medium power applications are Series PV resistors (2W to 10W,
similar to PW in vertical package); Series 100 military grade WW
(1/2W to 50W, offers improved performance, pulse capability, and
reliability); Series RW (1W to 5W WW, offers space savings); and
Series RSF/RMF power film (1/2W to 9W, offers reduced inductance).
APPLICATION NOTE #2: Temperature Rise
Power resistors reach elevated temperatures (typically 125° to 250°C)
when operated at full wattage, so when utilizing above 50% power
rating, the bodies should be mounted off the PCB with adequate
clearance from heat sensitive components. Opt. A standoffs are
helpful in preventing heat transfer to PCB.
GENERAL PURPOSE 1W TO 25W
CERAMIC-ENCASED RESISTORS
PW SERIES
Low cost and the industry’s broadest selection!
Available from stock in popular sizes (5W&10W, 0.1
Ω to5K)
and selected values in other sizes; non-stock items are
available on exclusive SWIFTTM delivery program
Tolerance to ±0.05%, TCR to ±5 ppm/°C
Wide resistance range: .05
Ω to 1MegΩ
Tape & Reel available up to 10W size (Opt.A not avail. on T&R)
OPTIONS
Option X: Non-inductive (PW5X & smaller:
≤50Ω =0.2uH max,
>50
Ω= 0.37uH max; PW7X & larger: ≤50Ω=0.3uH max,
>50
Ω= 0.6uH max). Reduced inductance levels available
Option T: Temp. sensitive (up to +6000ppm/°C)
Option P: Increased pulse capability
Option FF: Fuse within 10S at 30x rated W 4 and within 45S
at 20x rated W (1
Ω to 1K). Custom fusing characteristics avail.
Option B: Increased power
Option A: Standoffs built into ceramic case
Additional options available... burn-in, special marking, non-
standard values, increased voltage, longer or heavier gauge
leads, specialty lead wire material/plating/insulation, cut & formed
leads, etc. Customized components are an RCD specialty!
Stock
Stock
TYPICAL PERFORMANCE FOR SERIES PW
1 TC to 5ppm available >10
Ω, 10ppm 1-10Ω, 20ppm 0.1-1Ω 2 275°C avail 3 Tightened
performance avail 4 Opt FF max fault nte 1.5x RCWV or 200x W rating
1 Maximum voltage rating is determined by E=
PR, E should not exceed value listed.
2 Specify opt. 59 for double voltage rating. 3 Specify opt.18 for 18AWG (.040”) diameter leads.
D
C
R
e
p
y
T
e
g
a
t
t
a
W
.
s
i
s
e
R
e
g
n
a
R
5
0
.
0
(
Ω
Ω
Ω
Ω
Ω -
d
e
t
a
R
s
u
o
u
n
i
t
n
o
C
g
n
i
k
r
o
W
e
g
a
t
l
o
V
1
S
N
O
I
S
N
E
M
I
D
]
m
m
[
h
c
n
I
.
d
t
S
.
t
p
O
B
)
.
x
a
M
(
A
B
]
1
8
.
[
2
3
0
.
±
C
]
3
.
1
[
5
0
.
±
D
.
x
a
M
E
]
1
.
[
4
0
0
.
±
1
W
P1
2
M
10
0
1
2
]
8
.
5
1
[
2
6
.]
4
.
6
[
5
2
.]
4
.
6
[
5
2
.A
/
N]
7
.
[
8
2
0
.
2
W
P2
3
M
10
0
1
2
]
3
.
8
1
[
2
7
.[
7
2
.]
8
.
67
2
.[
]
8
.
6]
9
.
4
[
9
3
.]
7
.
[
8
2
0
.
3
W
P3
5
M
10
5
1
2
]
1
.
3
2
[
1
9
.[
1
3
.]
9
.
7]
9
.
7
[
1
3
.]
9
.
0
1
[
3
4
.]
8
.
[
1
3
0
.
3
5
W
P
5
7
M
1
0
0
2
2
]
1
.
3
2
[
1
9
.
[
8
3
.]
7
.
9
]
9
.
8
[
5
3
.
]
9
.
1
1
[
7
4
.
]
8
.
[
1
3
0
.
3
7
W
P7
0
1M
10
5
3]
6
3
[
2
4
.
1[
8
3
.]
7
.
9]
9
.
8
[
5
3
.]
2
.
3
1
[
2
5
.]
8
.
[
1
3
0
.
3
0
1
W
P
0
1
-
M
1
0
0
5
]
0
5
[
6
9
.
1
]
7
.
9
[
8
3
.
]
7
.
9
[
8
3
.
]
2
.
3
1
[
2
5
.
]
8
.
[
1
3
0
.
3
5
1
W
P5
1-
K
0
30
4
5]
0
5
[
6
9
.
1]
7
.
2
1
[
0
5
.]
7
.
2
1
[
0
5
.]
2
.
7
1
[
8
6
.]
8
.
[
1
3
0
.
3
0
2
W
P0
2-
K
0
40
0
6]
5
6
[
5
5
.
2x
a
m
]
7
.
4
1
[
8
5
.]
7
.
2
1
[
0
5
.]
8
.
7
1
[
0
7
.]
8
.
[
1
3
0
.
3
2
2
W
P2
2-
K
0
40
5
6]
5
6
[
5
5
.
2x
a
m
]
7
.
4
1
[
8
5
.]
7
.
2
1
[
0
5
.]
8
.
7
1
[
0
7
.]
8
.
[
1
3
0
.
3
5
2
W
P5
2-
K
0
40
0
7]
5
6
[
5
5
.
2x
a
m
]
7
.
4
1
[
8
5
.]
7
.
2
1
[
0
5
.]
8
.
7
1
[
0
7
.]
8
.
[
1
3
0
.
3
e
r
u
t
a
r
e
p
m
e
T
f
e
o
C
0
0
1
T
-
5
2
T
1
Ω
e
v
o
b
a
d
n
a.
x
a
m
m
p
p
0
0
3
,
.
p
y
t
C
°
/
m
p
p
0
0
1
1
5
0
.
0
Ω
1
o
t
Ω
.
x
a
m
m
p
p
0
0
6
,
.
p
y
t
C
°
/
m
p
p
0
0
2
1
.
p
m
e
T
g
n
i
t
a
r
e
p
O5
5
-
°
C
°
5
3
2
+
o
t
2
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
Tm
u
m
i
n
i
m
.
s
b
l
5
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DV
0
0
0
1
d
a
o
l
r
e
v
o
.
c
e
S
5(
≤
)
V
x
a
m
x
5
.
1)
X
5
=
W
W
.
t
p
O
(
e
g
a
t
t
a
w
d
e
t
a
r
X
3
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
0
.
3
3
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
0
.
1
3
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
3
3
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
0
.
2
3
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
0
.
1
3
FA040G Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
DERATING CURVE:
(derate W/V/A when ambient temp. > 25°C)
AMBIENT TEMPERATURE (°C)
-55 25 50
100
150
200
250
300
100
75
50
25
0
235°C
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
47
P/N DESIGNATION:
Options: X, WW, T, P, M, FF, B, A, 59, 18
(Leave blank if standard)
RCD Type
Resis.Code .05%-1%: 3 signif. figures & multiplier,
R100=0.1
Ω, 1R00=1Ω, 10R0=10Ω, 1000=100Ω, 1001=1K.
Resis.Code 2%-10%: 2 signif. figures & multiplier,
R10=0.1
Ω, 1R0=1Ω, 100=10Ω, 101=100Ω, 102=1K.
If necessary, use additional (significant) digits, e.g. R005
for 0.005
Ω, R0075 for 0.0075Ω in any tolerance.
Tolerance: K=10%, J=5% (std), H=3%, G=2%,
F=1%, D=0.5%, C=0.25%, B=0.1%
Packaging: B=Bulk (standard), T= Tape & Reel
Temp. Coefficient (leave blank for standard TC): 5=5ppm,
10=10ppm, 20= 20ppm, 50=50ppm, 101=100ppm, 201=200ppm
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)
PW10
- 100 - J B
W
RCD PW15 100
Ω 5%
RCD PW7A 10K
Ω 5%
RESISTORS CAPACITORS COILS DELAY LINES
↓
↑
Option A
(standoffs)
D
A
E
↓
↑
1.00” Min PW1,2
1.12” Min PW3,5
1.25” Min PW7-25
← B→
C
↓
↑


Similar Part No. - PW1059-R10

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PW100F-C PANDUIT-PW100F-C Datasheet
137Kb / 1P
FAN-WRAF (PW___F__)
11/5/04
PW100F-C20 PANDUIT-PW100F-C20 Datasheet
137Kb / 1P
FAN-WRAF (PW___F__)
11/5/04
More results

Similar Description - PW1059-R10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
General purpose chip resistors
logo
RCD COMPONENTS INC.
LVF5X-R010-K RCD-LVF5X-R010-K Datasheet
35Kb / 1P
PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
PWLL10X-R100 RCD-PWLL10X-R100 Datasheet
45Kb / 1P
5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
logo
YAGEO Corporation
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
Ceramic Encased Wire Wound Resistors
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
Ceramic Encased Wire Wound Resistors
RQR02 ETC-RQR02 Datasheet
687Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Vishay Siliconix
RH VISHAY-RH Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com