Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM1-R10-G Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # PRM1-R10-G
Description  PULSE RESISTORS, SURFACE MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

PRM1-R10-G Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  PRM1-R10-G Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRM SERIES
High voltage/ high surge capability
Cost effective surface mount package
Available on RCD’s exclusive SWIFT TM program
OPTIONS
Option ER: Group A Screening per MIL-R-39008 RCR
Option B: Increased power
Option X: Non-inductive
PULSE RESISTORS, SURFACE MOUNT
Pulse tolerant surface mount resistors!
Series PRM withstand high energy pulses, and are superior to
conventional film & wirewound types. The heavy duty construction
features a ceramic core, enabling improved thermal transfer and long
term stability. Elements are protected by flame-retardant molding for
excellent environmental performance. Alpha-numeric marking is
standard. PRM resistors are cost effective in a wide variety of pulse
applications including telecom line feed resistors, snubber circuits, in-
rush currents, capacitor charge/discharge circuits, lightning surges, etc.
SPECIFICATIONS
TYPICAL PERFORMANCE CHARACTERISTICS
1Rated continuous voltage =
√(PxR), nte value listed. 2Pulse voltage capability is dependent on res.value, waveform, & repetition rate. 3 Expanded range available 4Miltiply by 0.7 on Opt.X parts
* specify Opt.75 for induc levels 50% that of Opt.X, or Opt.76 for 33% that of Opt.X
SUGGESTED
PAD LAYOUT
↓
← →
F
↑
H
G
→
←
A
------
------
B
.010” typ PRM1/2,.050” PRM1
D
C
← E →
↑
↓
↓
↑
SURGE CAPABILITY
100
10
1
0.1
RESISTORS CAPACITORS COILS DELAY LINES
D
C
R
e
p
y
T
g
n
i
t
a
R
e
g
a
t
t
a
W
B
t
p
O
d
t
S
.
x
a
M
e
g
a
t
l
o
V
4
,
3
,
1
k
a
e
P
.
x
a
M
e
g
a
t
l
o
V
e
s
l
u
P
4
,
2
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
]
m
m
[
h
c
n
I
S
N
O
I
S
N
E
M
I
D
A
BCD
E
F
G
H
8
/
1
M
R
PW
5
.
W
5
2
1
.V
0
5
1V
K
21
.
0
Ω
K
2
-
2
0
.
±
0
0
2
.
]
5
.
±
1
.
5
[
5
1
0
.
±
6
9
0
.
]
8
3
.
±
4
4
.
2
[
1
0
.
±
0
2
1
.
]
5
2
.
±
8
1
.
3
[
.
n
i
M
5
2
0
.
]
3
6
.
[
5
1
0
.
±
5
4
0
.
]
8
3
.
±
4
1
.
1
[
0
8
0
.
]
0
.
2
[
0
0
1
.
]
5
.
2
[
8
0
.
]
0
.
2
[
4
/
1
M
R
PW
1
W
5
2
.V
0
5
2V
K
5
.
31
.
0
Ω
K
0
1
-
2
0
.
±
8
5
2
.
]
5
.
±
5
5
.
6
[
5
1
0
.
±
0
1
1
.
]
8
3
.
±
9
7
.
2
[
5
1
0
.
±
0
5
1
.
]
8
3
.
±
1
8
.
3
[
.
n
i
M
2
3
0
.
]
8
.
0
[
5
1
0
.
±
0
6
0
.
]
8
3
.
±
5
.
1
[
0
0
1
.
]
5
.
2
[
5
2
1
.
]
2
.
3
[
0
2
1
.
]
0
.
3
[
2
/
1
M
R
PW
2
W
5
.V
0
5
3V
K
51
.
0
Ω
K
4
2
-
4
2
0
.
±
2
7
4
.
]
6
.
±
2
1
[
2
0
.
±
8
0
2
.
]
5
.
±
3
.
5
[
6
1
0
.
±
8
2
2
.
]
4
.
±
8
.
5
[
.
n
i
M
0
5
0
.
]
7
2
.
1
[
2
0
.
±
0
7
0
.
]
5
.
±
8
7
.
1
[
0
6
1
.
]
0
.
4
[
0
8
1
.
]
7
5
.
4
[
0
0
2
.
]
0
.
5
[
1
M
R
PW
4
W
1V
0
0
5V
K
0
11
.
0
Ω
K
0
0
1
-
0
2
0
.
±
1
1
8
.
]
5
.
±
6
.
0
2
[
0
2
0
.
±
5
7
2
.
]
5
.
±
9
9
.
6
[
0
2
0
.
±
3
7
2
.
]
5
.
±
3
9
.
6
[
.
n
i
M
3
6
0
.
]
6
.
1
[
8
2
0
.
±
2
0
1
.
]
7
.
±
6
.
2
[
0
0
2
.
]
0
.
5
[
0
0
2
.
]
0
.
5
[
0
0
6
.
]
2
.
5
1
[
g
n
i
t
a
r
e
D
e
g
a
t
t
a
W
d
e
t
a
r
e
d
e
b
o
t
B
.
t
p
O
(
C
°
0
7
>
C
°
/
%
5
2
.
1
)
C
°
5
2
>
C
°
/
%
8
.
0
*
c
u
d
n
I
.
x
a
M:
X
.
t
p
O
≤ 0
5
Ω
*
c
u
d
n
I
.
x
a
M:
X
.
t
p
O
> 0
5
Ω
1
M
R
P
H
u
3
.
,
2
/
1
-
8
/
1
M
R
P
H
u
2
.
0
1
M
R
P
H
u
6
.
,
2
/
1
-
8
/
1
M
R
P
H
u
7
3
.
0
d
a
o
l
r
e
v
O
e
m
i
t
-
t
r
o
h
S%
5
.
0
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
0
±
)
.
l
i
a
v
a
m
p
p
0
2
(
R
C
T2
.
0
<
(
C
°
/
m
p
p
0
2
1
±
Ω
)
m
p
p
0
0
2
=
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
1
±
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
2
.
0
±
g
n
i
r
e
d
l
o
S
f
o
t
c
e
f
f
E%
2
.
0
±
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VV
/
%
5
0
0
.
0
±
e
f
i
L
d
a
o
LB
.
t
p
O
%
1
±
,
d
t
S
%
5
.
0
±
e
g
n
a
R
p
m
e
T
g
n
i
t
a
r
e
p
O.
l
i
a
v
a
C
°
5
7
2
+
,
C
°
0
5
1
+
o
t
5
5
-
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
.
l
i
a
v
a
V
K
1
(
V
0
0
5
FA005E
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
Use chart above to select model to meet desired surge level. Pulse not to exceed
peak V & j ratings (derate 30% for Opt.X), and average power during repetitive
pulses nte rated W. 30% safety factor is recommended for infrequent pulses, 50%
typ. for repetitive pulses (request Note R42 for derating factors attributable to pulse
width, rep. rate, temp., altitude, humidity). Verify by evaluating under worst-case
conditions. Depending on specifics, PR series can often satisfy the surge
requirements of UL-217, -268, -294, -497, -508, -913, -943, -991, -1459, -1971,
ANSI/IEEE C62.41, CCITT (Rec. K17), Bellcore TR-NWT-001089 & TR-TSY-000057,
CSA C22.2-225, IEC 664, IEC 801.5, IEEE587, Can.Doc. CS-03, FCC Part 68., etc.
Consult factory for assistance.
APPLICATION NOTE
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
0.1 0.25 0.5
.75
1
2.5
5
7.5
10
25
50
75
100
250 500 750
1K
2.5K
5K 7.5K 10K 25K 50K 75K 100K
Resistance Value (ohms)
PRM1
PRM1/2
PRM1/4
PRM1/8
28
P/N DESIGNATION:
RCD Type
Options: X, ER, B (leave blank if std)
Packaging: B = bulk, T = Tape & Reel
PRM1
- 102 - K
T
W
Tolerance: J=5% (standard), F=1%, G=2%, K=10%
Optional TC: 20 =20ppm, 50= 50ppm (leave blank if standard)
Resis. Code 1% tol: 3 signif. figures & multiplier,
e.g. R100=0.1
Ω,1R00=1Ω, 10R0=10Ω,1000=100Ω,1001=1K.
2%-10%: 2 signif.fig. & multiplier (R10=0.1
Ω, 1R0=1Ω, 100=10Ω, 102=1K)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)


Similar Part No. - PRM1-R10-G

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM100N10E PFC-PRM100N10E Datasheet
859Kb / 8P
100V Single N-Channel MOSFET
PRM100N10N5 PFC-PRM100N10N5 Datasheet
875Kb / 8P
100V Single N-Channel MOSFET
logo
Compact Technology Corp...
PRM101 CTC-PRM101 Datasheet
50Kb / 2P
Fast Recovery Rectifiers
logo
Winsonic Electronics
PRM10161F-WE20L0-CB0M0A WINSONIC-PRM10161F-WE20L0-CB0M0A Datasheet
124Kb / 1P
Fanless Panel PC Rack Mount, 10.1" LCD monitor, 1280 x 800, LED 200 nits,Intel®Celeron J6412
PRM10161F-WE20L0-CB0M0B WINSONIC-PRM10161F-WE20L0-CB0M0B Datasheet
124Kb / 1P
Fanless Panel PC Rack Mount, 10.1" LCD monitor, 1280 x 800, LED 200 nits,Intel® 11th Gen. i3, i5, i7
More results

Similar Description - PRM1-R10-G

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
Anaren Microwave
RFP-100200-4Y100-2 ANAREN-RFP-100200-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250250-4Y100-2 ANAREN-RFP-250250-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
RCN RFE-RCN Datasheet
724Kb / 4P
SURFACE MOUNT RESISTORS
2013.03.26
RMF RFE-RMF Datasheet
54Kb / 1P
SURFACE MOUNT RESISTORS
2014.10.13
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
RMTH RFE-RMTH Datasheet
1Mb / 4P
Surface Mount Resistors
17-MAR-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com