Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-DCDC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # EB-DCDC
Description  DC/DC Converter and Isolation Board for DMS-30PC/LCD Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-DCDC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  EB-DCDC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EB-DCDC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DMS-EB-DC/DC
DC/DC Converter and Isolation Board for
DMS-30PC/LCD Meters
MPM_DMS-EB-DCDC.B01 Page 2 of 2
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
11/26/08
SG13
(–) INPUT LO
(+) INPUT HI
ANALOG
COMMON
+1.23V
REF. OUT
REF. OUT
REF. IN
12
11
8
7
10
9
R3
10.5k
R4
2k
SG7
SG11
R1
R2
SG10
SG14
SG9
SG8
SG12
R5
50k
SG6
SG4
SG5
C3
22μF
10V
C4
0.1μF
50V
+
C2
0.22μF
50V
LM7805CT
R6
4.7k
SG3
SG2
SG1
DP 3
DP 2
DP 1
+5V SUPPLY/
+BATTERY
3
4
5
6
2
1
5V RETURN/
–BATTERY
TEST/
BACKLIGHT
(+) (–)
IN OUT
+V
GND
HI LO TST TST
–V
Components are user-supplied
and not part of the standard product
Components are part of the resistor accessory
kit RN-DMS (see Ordering Information).
J1
Closed solder gap
Open solder gap
U2
U1
+VIN
-VIN
+VOUT
-VOUT
+VIN
+VOUT
12
34
5
6
Figure 1. DMS-EB-DC/DC Schematic Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com