Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGP50F-R10-D Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MGP50F-R10-D
Description  METAL FILM MELF RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MGP50F-R10-D Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MGP50F-R10-D Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*
s
e
i
r
e
S
P
G
M*
s
e
i
r
e
S
M
H
M
)
s
i
s
a
b
m
o
t
s
u
c
n
o
l
i
a
v
a
m
p
p
5
1
&
0
1
(
R
C
T
,
d
t
s
C
°
/
m
p
p
0
0
1
l
i
a
v
a
m
p
p
0
5
&
5
2
,
d
t
s
C
°
/
m
p
p
0
0
1
l
i
a
v
a
m
p
p
0
5
&
5
2
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
5
1
+
o
t
5
5
-C
°
5
7
1
+
o
t
5
6
-
C
°
0
7
e
v
o
b
a
g
n
i
t
a
r
e
D
r
e
w
o
PC
°
/
%
8
1
.
1C
°
/
%
5
9
.
)
C
°
0
3
2
@
c
e
s
5
(
y
t
il
i
b
a
r
e
d
l
o
Se
g
a
r
e
v
o
c
%
5
9e
g
a
r
e
v
o
c
%
5
9
)
y
r
D
(
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IM
0
0
0
,
0
1
Ω
M
0
0
0
,
0
1
Ω
x
5
.
2
@
.
c
e
s
5
(
d
a
o
l
r
e
v
O
e
m
i
T
-
t
r
o
h
S
)
g
n
i
t
a
r
e
g
a
t
l
o
v
x
2
d
e
e
c
x
e
o
t
t
o
n
r
e
w
o
p
5
2
.
0
%
)
S
.
t
p
O
%
5
.
0
(
%
5
2
0
.
)
S
.
t
p
O
%
5
0
.
(
)
.
c
e
s
5
,
C
°
0
6
2
(
t
a
e
H
r
e
d
l
o
S
o
t
.
s
i
s
e
R%
2
.
0%
2
0
.
)
C
°
0
2
1
+
C
°
0
5
-
(
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
0%
2
0
.
M
(
e
r
u
t
s
i
o
Mi
-
l
i
M
&
6
0
1
M
2
0
2
d
t
S
-
lR-
)
2
4
3
5
5
*
*
%
5
.
0*
*
%
5
0
.
)
r
e
w
o
p
d
e
t
a
r
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L)
S
.
t
p
O
%
1
(
%
5
.
0)
S
.
t
p
O
%
2
.
(
%
1
.
PULSE WITHSTAND CHART (increased pulse levels avail.)
MGP SERIES
- Conformal Coated
MHM SERIES
- Hermetic Sealed
METAL FILM MELF RESISTORS
Metal film performance, economical price!
RCD Series MGP melf* resistors utilize precision film technology
which is inherently low inductance, low noise, and high stability
even after extended periods. Heavy solder plating assures
excellent solderability and long shelf life. Series MHM offers
hermetically sealed environmental protection and utmost
reliability. MGP series parts are color banded, MHM are alphanu-
merically marked with resistance and tolerance. *Melf = metal
electrode face-bonded (cylindrical component).
OPTIONS
Option S: Increased power (refer to chart below)
Option P: Increased pulse capability
Option F: Flameproof coating (per UL94V0)
Dozens of additional options are available... burn-in, special
marking, non-standard values, high frequency designs,
matched sets, temp. sensitive, zero-ohm jumpers, etc.
Customized components are an RCD specialty!
Pulse capability is dependent on res. value, waveform, repetition rate,
current, etc. Chart is a general guide for Opt. P pulse resistant version,
single pulse, with peak voltage levels not exceeding 1KV for MGP55SP,
700V MGP50SP, and 350V MGP45SP. Max pulse capability for standard
parts (w/o Opt.P) is 60% less. For improved performance and reliability,
a 30-50% pulse derating factor is recommended (or larger for frequent
pulses, high values, etc). Consult RCD for application assistance. Verify
selection by evaluating under worst-case conditions.
APPLICATION NOTE #1: Temperature Rise (THS)
The THS of SM resistors depends largely on heat conduction through the
end terminations, which can vary significantly depending on PCB
material and layout (i.e. pad size, trace area, copper thickness, air flow,
etc.). Typical temp. rise at full rated power is 30-50°C (Opt.S=50-70°C).
APPLICATION NOTE #2: Resistor Selection
MGP resistors are ideal for semi-precision SM applications and are
generally more economical than thin film rectangular chips. For less
critical applications, consider low cost MCF carbon film melf resistors.
For increased performance, especially in high humidity applications
(such as Naval or tropical environments), consider MHM series. If flat
chips are preferred, consider BLU series (precision) or MC series (semi-
precision/ general purpose). For higher power, consider MPF series.
Industry’s widest selection of metal film MELF resistors-
.1W to .5W, 0.1
Ω to 22MΩ, 0.1% to 5%, 10ppm to 100ppm/°C
Low cost, quick delivery (available on SWIFTTM program)
Precision performance, excellent environmental stability
Series MHM hermetic sealed is an industry first!
SPECIFICATIONS
1 Max working voltage determined E=
√(PxR), not to exceed the value listed.
2 Consult factory for non-standard range
3 Preliminary
Inch [mm]
L
D
W
t
PERFORMANCE
* Typical performance levels listed are for standard products from 10
Ω to 1M.
Consult factory for performance levels of extended range and modified designs.
** To ensure utmost reliability, care should be taken to avoid potential sources of
ionic contamination
D
C
R
e
p
y
T
We
g
a
t
t
a
)
d
t
S
(
e
g
a
t
t
a
W
)
'
S
'
.
t
p
O
(
e
g
a
t
l
o
V
g
n
i
t
a
R
2
,
1
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
2
c
i
r
t
c
e
l
e
i
D
h
t
g
n
e
r
t
S
2
]
3
.
[
2
1
0
.
±
L]
2
.
[
8
0
0
.
±
D)
.
n
i
M
(
W
)
x
a
M
(
t
2
5
4
P
G
MW
1
.W
5
1
.V
0
0
11
Ω
M
1
o
tV
0
0
2]
0
.
2
[
9
7
0
.]
2
1
.
1
[
4
4
0
.]
3
.
[
2
1
0
.]
6
7
0
.
[
3
0
0
.
0
5
P
G
MW
5
2
1
.W
5
2
.V
0
0
28
1
.
0
Ω
M
0
1
o
tV
0
5
2]
4
.
3
[
5
3
1
.]
5
4
.
1
[
7
5
0
.]
5
.
[
2
0
.]
1
.
[
4
0
0
.
5
5
P
G
MW
5
2
.W
5
.V
0
5
21
.
0
Ω
M
2
2
o
tV
0
5
3]
9
.
5
[
2
3
2
.]
5
1
.
2
[
5
8
0
.]
6
.
[
4
2
0
.]
5
1
.
[
6
0
0
.
5
5
M
H
M
3
W
5
2
1
.W
5
2
.V
0
5
20
1
Ω
K
0
0
2
o
tV
0
5
3]
0
.
7
[
5
7
2
.]
5
0
.
3
[
0
2
1
.]
7
2
.
1
[
0
5
0
.]
5
1
.
[
6
0
0
.
MGP55SP
MGP50SP
MGP45SP
1uS
10uS
100uS
1mS
10mS
100mS
Pulse Duration
1000
100
10
1
RESISTORS CAPACITORS COILS DELAY LINES
FA031D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
Optional TC: 10=10ppm, 25=25ppm, 50=50ppm (leave blank if std)
P/N DESIGNATION:
RCD Type
Tolerance: F=1% (std), B=0.1%, C=.25%, D=.5%, G=2%, J=5%
Packaging : B = Bulk, T = Tape & Reel
MGP50
- 1002 - F T
W
Options: S, P, F (leave blank if std)
Resis. Code:
≤≤≤≤≤1%: 3 signif. figures & multiplier,
e.g. R100= 0.1
Ω, 1R00= 1Ω, 10R0=10Ω,1000= 100Ω, 1001= 1KΩ.
Resis. Code 2% - 10%: 2 signif. figures & multiplier,
e.g. R10= 0.1
Ω, 1R0= 1Ω,100= 10Ω, 101=100Ω,102= 1K, 103=10K.
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
20
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - MGP50F-R10-D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MGP500 LITTELFUSE-MGP500 Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - MGP50F-R10-D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
fixed metal film melf resistors
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
RJM Metal Film Precision Melf Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
Thin Film MELF Resistors
28-Jun-11
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
Metal Film Precision MELF Resistors
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
fixed metal film melf resistors
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
fixed metal film melf resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
Thin Film MELF Resistors
28-Jun-11
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
Metal Film Ultra Precision Melf Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
12-Jun-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com