Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA2A16-R100 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # OA2A16-R100
Description  OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001廓 to 0.15廓, 1 WATT to 5 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

OA2A16-R100 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  OA2A16-R100 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B2
A
C
Solderable to within
.062” [1.57] of element.
Resis. value measured
.062” [1.57] from element.
.125±.062
[3.2± 1.6]
Typical*
.150”
Min.
A
.15 [3.8]
min.
.11±.04
[2.8±1]
Stand-off
width = C+.01”
[.25] min
SPECIFICATIONS
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS
0.001
Ω to 0.15Ω, 1 WATT to 5 WATT
1Units not to exceed wattage or current rating, whichever is less. Current rating is based on standard lead diameter, increased ratings available.
2Dim.B applies only to parts formed to the standard lead spacing (increase accordingly for options 80 & 27). Custom pin spacings are available.
TOLERANCE AND T.C. OPTIONS
OA SERIES
RCD’s OA series offers cost-effective performance for a wide range of
current shunt/sense applications. The non-insulated open-air design
features non-inductive performance and excellent stability/overload capacity.
Numerous design modifications and cutom styles are available...
current ratings up to 100A, surface mount designs, military screening/
burn-in, marking, insulation, intermediate values, etc. Custom shunts
have been an RCD specialty over 30 years! Contact factory for assistance.
Industry’s widest range and lowest cost!
Tolerances to ±0.5%, TC’s to ±20ppm
Available on exclusive SWIFT TM delivery program!
Option S: Axial lead (unformed element)
Option E: Low Thermal EMF
Option A: Stand-offs formed into lead wires
Optional pin diameters and pin spacing
TYPICAL OPERATING CHARACTERISTICS:
TEMPERATURE RANGE: -55 to +275°C
DERATING: derate power & current rating by 0.4%/°C above 25°C
OVERLOAD: 5 x rated power for 5 seconds
LOAD LIFE @ 25°C (1000 hrs): 1%
∆R
MOISTURE No Load (1000 hrs): 1%
∆R
INDUCTANCE: <10nH
TEMP. CYCLING -40°C to+125°C (1000 cycles): 1%
∆R
* TC options vary depending on size and value (consult factory for availability)
D
C
R
e
p
y
T
r
e
w
o
P
g
n
i
t
a
R
1
g
n
i
t
a
R
t
n
e
r
r
u
C
1
d
a
e
L
.
t
p
O
h
t
i
W
d
a
e
L
.
d
t
S
h
t
i
W
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
]
1
[
0
4
0
.
±
)
g
n
i
c
a
p
s
d
a
e
l
(
A
l
a
n
o
i
t
p
O
d
r
a
d
n
a
t
S
2
.
x
a
M
B
2
)
r
e
t
e
m
a
i
d
d
a
e
l
(
C
l
a
n
o
i
t
p
O
d
r
a
d
n
a
t
S
.
x
a
M
D
A
1
A
OW
1A
4
1A
7
11
0
0
.
Ω 8
0
.
-
Ω
]
5
.
0
1
[
0
4
.]
7
[
"
5
7
2
.
,
]
5
[
"
2
.]
9
.
8
[
5
3
.
2
G
W
A
0
2)
8
1
.
t
p
O
(
G
W
A
8
1]
5
.
0
3
[
0
2
.
1
B
1
A
OW
1A
7
1A
4
11
0
0
.
Ω 8
0
.
-
Ω
]
4
.
1
1
[
5
4
.]
7
[
"
5
7
2
.
,
]
5
[
"
2
.]
6
.
7
[
0
3
.
2
G
W
A
8
1)
0
2
.
t
p
O
(
G
W
A
0
2]
5
.
0
3
[
0
2
.
1
A
2
A
OW
2A
2
2A
4
21
0
0
.
Ω 1
.
-
Ω
]
5
.
0
1
[
0
4
.]
7
[
"
5
7
2
.
,
]
5
[
"
2
.]
8
.
7
1
[
0
7
.
2
G
W
A
0
2)
8
1
.
t
p
O
(
G
W
A
8
1]
5
.
9
4
[
5
9
.
1
B
2
A
OW
2A
4
2A
2
21
0
0
.
Ω 1
.
-
Ω
]
2
.
5
1
[
0
6
.]
7
[
"
5
7
2
.
,
]
5
[
"
2
.]
2
.
5
1
[
0
6
.
2
G
W
A
8
1)
0
2
.
t
p
O
(
G
W
A
0
2]
5
.
9
4
[
5
9
.
1
A
3
A
OW
3A
6
2A
4
21
0
0
.
Ω 2
1
.
-
Ω
]
2
.
5
1
[
0
6
.]
7
[
"
5
7
2
.
,
]
5
[
"
2
.]
9
.
2
2
[
0
9
.
2
G
W
A
8
1)
0
2
.
t
p
O
(
G
W
A
0
2]
5
.
3
6
[
0
5
.
2
A
5
A
OW
5A
2
3A
0
45
2
0
0
.
Ω 5
1
.
-
Ω
]
3
.
0
2
[
0
8
.]
7
[
"
5
7
2
.
,
]
5
[
"
2
.]
4
.
5
2
[
0
.
1
2
G
W
A
8
1)
6
1
.
t
p
O
(
G
W
A
6
1]
7
.
4
7
[
4
9
.
2
e
g
n
a
R
e
c
n
a
t
s
i
s
e
Re
g
n
a
R
.
l
o
T
)
C
°
/
m
p
p
(
.
f
e
o
C
.
p
m
e
T
l
a
c
i
p
y
T*
.
l
i
a
v
A
t
s
e
B
9
4
0
0
.
o
t
1
0
0
.
Ω
(
5
0
0
.
o
t
5
2
0
0
.
=
A
5
A
O
)
Ω
%
0
1
o
t
%
3m
p
p
0
0
9m
p
p
0
0
2
9
9
0
0
.
o
t
5
0
0
.
Ω
(
5
1
0
.
o
t
6
0
0
.
=
A
5
A
O
)
Ω
%
0
1
o
t
%
1m
p
p
0
0
6m
p
p
0
0
1
4
2
0
.
o
t
0
1
0
.
(
Ω
6
1
0
.
=
A
5
A
O
5
2
0
.
o
t
)
Ω
%
0
1
o
t
%
1m
p
p
0
0
2m
p
p
0
5
9
4
0
.
o
t
5
2
0
.
Ω
%
0
1
o
t
%
1m
p
p
0
0
1m
p
p
0
3
0
1
.
o
t
5
0
.
Ω
%
0
1
o
t
%
1m
p
p
0
5m
p
p
0
2
RESISTORS CAPACITORS COILS DELAY LINES
FA007D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
STANDARD RESISTANCE VALUES AND CODES
Intermediate values available, most popular values listed in bold:
.001
Ω (R001), .0015Ω (R0015), .002Ω (R002), .0025Ω (R0025), .003Ω(R003),
.005
Ω
Ω
Ω
Ω
Ω (R005), .0068Ω (R0068), .0075Ω (R0075), .0082Ω (R0082), .01Ω
Ω
Ω
Ω
Ω (R010 if
≤≤≤≤≤1%,R01 ≥≥≥≥≥2%), .012
Ω (R012), .015Ω
Ω
Ω
Ω
Ω (R015), .02Ω
Ω
Ω
Ω
Ω(R020 if ≤≤≤≤≤1%, R02≥≥≥≥≥2%),
.022
Ω (R022), .025Ω
Ω
Ω
Ω
Ω (R025), .03Ω
Ω
Ω
Ω
Ω (R030 if ≤≤≤≤≤1%, R03 ≥≥≥≥≥2%), .033Ω (R033),
.04
Ω
Ω
Ω
Ω
Ω (R040 if≤≤≤≤≤1%, R04 ≥≥≥≥≥2%), .05Ω
Ω
Ω
Ω
Ω (R050≤≤≤≤≤1%, R05≥≥≥≥≥2%), .068Ω(R068),
.07
Ω
Ω
Ω
Ω
Ω (R070 if ≤≤≤≤≤1%, R07 ≥≥≥≥≥2%), .075Ω (R075), .08Ω
Ω
Ω
Ω
Ω (R080 if≤≤≤≤≤1%, R08 ≥≥≥≥≥2%),
.1
Ω
Ω
Ω
Ω
Ω (R100 if≤≤≤≤≤1%, R10 ≥≥≥≥≥2%).
Typical shape depicted--actual shape may vary within envelope given.
Overall length not to exceed Dim.A +.12” [3]. Dimensions in inches [mm].
* Most values are .125 [3.2] wide, lowest 2W-5W are .187 [4.75] wide,
highest 1W-2W values are .062 [1.6] wide
Option ‘A’ Stand-offs:
For stand-off, specify Opt. A
(e.g. OA2BA, OA5AA). Resis. value
is measured at bottom of stand-off.
Option ‘S’ Straight Axial Lead Design (lead length = 1.25” [31.8] min)
D
Note 1: resis.
value is tested
3/8” from body
Note 1
Note 1
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
56
P/N DESIGNATION:
RCD Type
Design Options: S=unformed, E= low
thermal EMF, A=standoffs. Leave blank if std.
Packaging: B = bulk (standard)
OA2A
- R001 - J B
W
Tolerance Code: D=0.5%, F=1%, G=2%, H=3%,J=5%, K=10%
TC (see table for options): 20=20ppm, 30=30ppm, 50=50ppm, 101=100ppm,
201=200ppm, 301=300ppm. (leave blank if standard)
Termination: W=Lead-free, Q=Tin/Lead (leave blank if either is acceptable)
Resis.Code (see table): R01, R010, R100, etc.
Lead Spacing Option: 80=.2” [5mm],
27=.275”[7mm]. Leave blank if std.
Lead Diameter Option: 20=20AWG, 18=18AWG,
16=16AWG. Leave blank if standard.
New narrow profile design
offers significant space
savings!


Similar Part No. - OA2A16-R100

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
More results

Similar Description - OA2A16-R100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSH2818 VISHAY-WSH2818 Datasheet
238Kb / 3P
Power Metal Strip® Resistors, High Power (5 watt) Low Value (down to 0.001 Ω), Surface Mount
20-Apr-06
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
RCD COMPONENTS INC.
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
Vishay Siliconix
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
WSHP2818 VISHAY-WSHP2818 Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
29-Mar-2021
WSHM2818 VISHAY-WSHM2818 Datasheet
130Kb / 4P
Power Metal Strip® Resistors, High Power (7 W), Low Value (Down to 0.001 Ω), Surface Mount
29-Mar-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com