Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTA0305MC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NTA0305MC
Description  Isolated 1W Dual Output SM DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTA0305MC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NTA0305MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTA0305MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTA0305MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTA0305MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KDC_NTA.G04 Page 2 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NTA Series
Isolated 1W Dual Output SM DC/DC Converters
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation1
10% load to rated load, 0303MC & 0503MC
10
15
%
10% load to rated load, 5V output types
10
12
10% load to rated load, 0309MC
9.0
10
10% load to rated load, 0509MC & 1209MC
6.5
8.0
10% load to rated load, 0312MC & 0315MC
11
14
10% load to rated load, 0512MC & 1212MC
6.0
8.5
10% load to rated load, 0515MC & 1215MC
6.0
7.0
Ripple and Noise
BW=DC to 20MHz, 3.3V output types, NTA0305MC & NTA0505MEC
40
80
mV p-p
BW=DC to 20MHz, all other 5V output types
50
100
BW=DC to 20MHz, 9V output types
35
80
BW=DC to 20MHz, 12V output types
50
110
BW=DC to 20MHz, 15V output types
65
110
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-55
125
Case temperature rise above
ambient
0305MC, 0505MEC, 0312MC, 0315MC
19
0303MC, 0309MC, 0503MC
25
0505MC, 1205MC
46
All other variants
35
Cooling
Free air convection
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NTA series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NTA series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NTA series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
TEMPERATURE DERATING GRAPH
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with
a peak reflow solder temperature of 245ºC and time above
liquidus of 217ºC for 80 seconds. The pin termination finish
on this product series is Gold, plating thickness 0.1 microns
minimum. The series is backward compatible with Sn/Pb
soldering systems.
For further information, please visit www.murata-ps.com/rohs
1. 12V input types have typically 3% less load regulation change.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com