Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP220P-R10-C Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MP220P-R10-C
Description  POWER FILM RESISTORS TO 140 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MP220P-R10-C Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MP220P-R10-C Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MP SERIES
High Performance Molded Heat-Sink Resistors
RCD’s MP series feature power film resistor elements designed
for excellent environmental stability as well as superior high-
frequency performance (custom designs up to 1GHz avail.). All
sizes feature metal base plate for optimum heat transfer. The
resistor is electrically isolated from the metal tab, and molded
into various package styles with high-temp flame retardant epoxy.
MP126 and MP220 in reduced wattage ratings now available in
tighter TCs and tolerances from 10
Ω
Ω
Ω
Ω
Ω to 49.9K: MP126 (5W) to
0.025% and 2ppm, MP220 (10W) to 0.05% and 5ppm.
TYPICAL PERFORMANCE CHARACTERISTICS
POWER FILM RESISTORS TO 140 WATT
1 Power rating without heat sink is based on unit being mounted on double-sided 2oz 1” x 1” x .063” PCB.
2 RθJC Film (J) to Case (C) 3 Voltage determined by E= (PR)1/2, not to exceed the Max.Voltage Rating
4 Extended range available, consult factory.
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
d
r
a
d
n
a
t
S
)
C
°
5
2
1
+
o
t
C
°
5
2
+
,
p
y
T
(
m
p
p
0
5
≥ 0
1
Ω
)
l
i
a
v
a
m
p
p
2
(
9
.
9
-
1
.
0
m
p
p
0
0
1
Ω
9
9
.
0
-
1
0
.
0
m
p
p
0
5
2
Ω
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
5
1
+
o
t
5
5
-
)
l
i
a
v
a
%
5
-
%
5
2
0
.
0
(
.
l
o
T
e
c
n
a
t
s
i
s
e
R
.
d
t
S%
1
±
≥ 5
0
.
Ω
5
0
.
<
%
5
±
,
Ω
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
A
V
0
0
5
1
g
n
i
t
a
R
t
n
e
r
r
u
C.
x
a
m
A
0
3
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IM
0
0
0
,
0
1
Ω
.
n
i
m
y
t
il
i
b
a
t
S
e
f
i
L
d
a
o
L%
1
±
d
a
o
l
r
e
v
OV
x
a
M
x
5
.
1
e
t
n
,
S
5
,
W
x
5
.
1
)
C
7
0
1
M
2
0
2
-
d
t
S
-
l
i
M
(
k
c
o
h
S
l
a
m
r
e
h
T%
5
2
.
0
±
y
t
il
i
b
a
t
S
g
n
i
r
e
d
l
o
S%
1
.
0
±
)
6
0
1
M
,
2
0
2
-
D
T
S
-
l
i
M
(
s
e
R
e
r
u
t
s
i
o
M%
5
.
0
±
e
p
y
T
D
C
R
r
e
w
o
P
.
x
a
Mt
a
e
H
h
t
i
w
k
n
i
S)
C
°
5
2
(
r
e
w
o
P
x
a
M
1
k
n
i
S
t
a
e
H
o
/
w
)
C
°
5
2
(
l
a
m
r
e
h
T
.
s
i
s
e
R
2
.
x
a
M
e
g
a
t
l
o
V
4
,
3
e
c
n
a
t
s
i
s
e
R
(
e
g
n
a
R
Ω)4
0
4
2
<
Ω
≥ 0
4
2
Ω
6
2
1
P
MW
0
2W
0
1W
5
2
.
1W
/
C
°
6
<V
0
0
3K
6
5
-
1
0
.
G
6
2
1
P
MW
0
2W
0
1W
5
2
.
1W
/
C
°
6
<V
0
0
3K
6
5
-
1
0
.
0
2
2
P
MW
5
3W
0
2W
5
2
.
2W
/
C
°
4
<V
0
0
5K
6
5
-
1
0
.
G
0
2
2
P
MW
5
2W
0
2W
0
0
.
2W
/
C
°
4
<V
0
0
5K
6
5
-
1
0
.
0
2
2
D
P
MW
0
3W
0
2W
5
2
.
2W
/
C
°
4
<V
0
0
5K
6
5
-
1
0
.
B
0
2
2
P
MW
0
5W
0
3W
5
2
.
2W
/
C
°
5
.
2
<V
0
0
5K
6
5
-
1
.
B
G
0
2
2
P
MW
5
4W
0
3W
5
2
.
2W
/
C
°
5
.
2
<V
0
0
5K
6
5
-
1
.
7
4
2
P
MW
0
0
1a
/
nW
5
.
3W
/
C
°
5
.
1
<
√
)
R
P
(
0
4
2
-
1
.
B
7
4
2
P
MW
0
4
1a
/
nW
5
.
3W
/
C
°
1
<
√
)
R
P
(
0
4
2
-
1
.
Industry’s widest range of TO-style power resistors!
Standard resistance range: 0.01
Ω to 56KΩ
Standard tolerance: ±1%, ±2%, ±5% (available to 0.025%)
Non-Inductive performance
Resistor is electrically isolated from the mounting surface
OPTIONS
Option P: Increased pulse capability
Option G: Gull-wing lead formation for surface mounting
Option B: Increased power design
Numerous design modifications are available (special
marking, custom lead wires, burn-in, etc).
POWER RATING
Power rating is based on the resistor being tightly screwed to a suitable
heat sink (with thermal compound) to limit hot spot case temperature to
155°C. Derate W, V, A by .77%/°C above 25°C (as depicted in chart
below). Mounting torque not to exceed 8 in-lbs. Refer to Applic.Guide R-34
for additional detail concerning heat-sink resistor mounting guidelines.
CASE TEMPERATURE ( °C )
25
50
75
100
125
150
175
100
75
50
25
0
RCD
MP220
1K
1%
RCD
MP220G
1K
1%
RCD
MPD220
1K
1%
RCD
MP126
1K
1%
RCD
MP247
10R0
1%
FA069B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
SPECIFICATIONS
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
78
RESISTORS CAPACITORS COILS DELAY LINES
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
→ ←
→ ←
→ ←
→ ←
→ ←
→
→
→
→
→
MP220, MP220B
MP220G,
MP220GB
.142
[3.6]
.16 [4]
↓
↑
.030 [.76]
.40 [10.2]
→
→
→
→
→
.117[3]
.400
[10]
MP126G
.060 [1.5]
←
←
←
←
←
.140 [3.5]
←
←
←
←
←
→
→
→
→
→
→
→
→
→
→
.06 [1.5]
.590
[15]
→
→
→
→
→
→ ←
→ ←
→ ←
→ ←
→ ←
.177[4.5]
.10[2.5]
→ ←
→ ←
→ ←
→ ←
→ ←
.020[.5]
→ ←
→ ←
→ ←
→ ←
→ ←
←
←
←
←
←
.080 [2]
→
→
→
→
→ ←
←
←
←
←
.200 [5]
→
→
→
→
→
←
←
←
←
←
MP126
←
←
←
←
←
←
←
←
←
←
.12 [3.1]
←
←
←
←
←
.472
[12]
.400
[10]
.10
[2.5]
→ ←
→ ←
→ ←
→ ←
→ ←
.020[.5]
→ ←
→ ←
→ ←
→ ←
→ ←
.335 [8.5]
.200
[5.08]
→ ←
→ ←
→ ←
→ ←
→ ←
←
←
←
←
←
→
→
→
→
→
.15[3.8]
.122
[3.1]
.125 [3.2]
↓
↑
.024 [.6]
→
→
→
→
→
.200
[5.08]
.177[4.5]
MP247
.55
[14]
.63 [16]
.430
[10.9]
→ ←
→ ←
→ ←
→ ←
→ ←
←
←
←
←
←
.125
[3.2]
.032 [.8]
dia.
→
→
→
→
→
←
←
←
←
←
.800
[20.3]
.12 [3]
→ ←
→ ←
→ ←
→ ←
→ ←
→
→
→
→
→
.19
[4.8]
.20
[5.1]
MPD220
.200
[5.08]
.20 [5]
.030
[.76
]
.40 [10.2]
→ ←
→ ←
→ ←
→ ←
→ ←
→
→
→
→
→
←
←
←
←
←
.06 [1.5]
.400
[10.2]
→
→
→
→
→
→ ←
→ ←
→ ←
→ ←
→ ←
.020 [.5]
→ ←
→ ←
→ ←
→ ←
→ ←
←
←
←
←
←
.080
[2]
P/N DESIGNATION:
MP220
- 1001 - F B
W
Optional Temp. Coefficient: 25=25ppm, 50=50ppm,
25=25ppm, 10=10ppm, 5=5ppm, 2=2ppm (leave blank for std)
P
ackaging: B = Bulk, T = Taped (bulk is standard)
Tolerance Code: J=5%, G=2%, F=1%, D=0.5%,
C=0.25%, B=0.1%, A=0.05%, X=0.025%
Resis.Code 0.025%-1%: 3 digits &multiplier (R010=.01
Ω,
R100=.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,1001=1K,etc)
Resis.Code 2%-10%: 2 digits & multiplier (R01=.01
Ω,
R10=0.1
Ω, 1R0=1Ω, 100=10Ω, 101=100Ω, 102=1K, etc.)
Options: P, G, B, etc (leave blank for std)
Termination: W= Pb-free, Q= Sn/Pb. Leave blank if either is
acceptable (RCD will select based on lowest price and quickest delivery)
RCD Type


Similar Part No. - MP220P-R10-C

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2205-BK1-36 MULTICOMP-MP2205-BK1-36 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2205-GY1-36 MULTICOMP-MP2205-GY1-36 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
logo
Monolithic Power System...
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2205ADL MPS-MP2205ADL Datasheet
757Kb / 14P
16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2207 MPS-MP2207 Datasheet
541Kb / 14P
16V, 4A, 1.3MHz Synchronous Step-Down Converter
More results

Similar Description - MP220P-R10-C

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
CF50S-1R0-G RCD-CF50S-1R0-G Datasheet
34Kb / 1P
CARBON FILM RESISTORS, 1/8 to 3 WATT
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
logo
Riedon Powertron
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
TO-220 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
TO-247 Power Film Resistors
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
TO-126 Power Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
TO-220 Power Film Resistors
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com