Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76600/2C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 76600/2C
Description  Pulse Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

76600/2C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  76600/2C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 76600/2C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 76600/2C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_766C_B02 Page 2 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
766 Series
Pulse Transformers
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE DIMENSIONS
Holes may be omitted for variants with fewer than 6 pins.
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
All pins on a 2.54 (0.1) pitch and within ±0.25 (0.01) of true position
.
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
All pins on a 2.54 (0.1) pitch and within ±0.25 (0.01) of true position
.
Package Weight: 1.1g Typ.
15.25 (0.60)
6.9+0.5-0.0 (0.272+0.02-0.0)
0.50±0.15 (0.020±0.006)
11.00+0.5-0.0
(0.433+0.02-0.0)
21.25 (0.84)
Tube length: 520±2.0 (20.47±0.08)
Unless otherwise stated all dimensions in mm (inches) ±0.55 (0.022).
12
XYYWW
3
1
5
4
2
6
1C
602
12.70 (0.500) Max.
0.56±0.05 (0.022±0.002)
10.16 (0.400)
XYYWW
2
1
5
6C
610
6
10.16 (0.400)
0.56±0.05 (0.022±0.002)
12.70 (0.500) Max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com