Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11R103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 11R103C
Description  Radial Lead Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

11R103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  11R103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 11R103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 11R103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_1100RC_A01 Page 1 of 3
1100R Series
Radial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Up to 3.0A IDC
1.0 to 470μH
Low DC resistance
Compact size
Supplied in bags of 200
UL VW-1 rated sleeving
Backward compatible with
Sn/Pb soldering systems
Custom products available
DESCRIPTION
The 1100R Series is a general purpose range
of inductors suitable for low to medium current
applications. Their small footprint makes them
ideal for high density applications where a chip
inductor will not cope with the power requirement.
SELECTION GUIDE
Order Code
Inductance
(1kHz, 0.1VAC)
DC Current1
DC Resistance
±10%
Max.
Max.
μH
A
Ω
11R102C
1.0
±20%
3.00
0.02
11R152C
1.5
±20%
2.40
0.03
11R222C
2.2
±20%
1.90
0.05
11R332C
3.3
±20%
1.50
0.07
11R472C
4.7
±20%
1.30
0.09
11R682C
6.8
±20%
1.10
0.10
11R103C
10
0.95
0.14
11R153C
15
0.80
0.19
11R223C
22
0.65
0.27
11R333C
33
0.55
0.42
11R473C
47
0.50
0.54
11R683C
68
0.40
0.85
11R104C
100
0.35
1.10
11R154C
150
0.30
1.65
11R224C
220
0.24
2.40
11R334C
330
0.19
3.60
11R474C
470
0.14
6.40
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to +85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak wave solder temperature
260˚C for 10 seconds
Pin finish
Bright tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES


Similar Part No. - 11R103C

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
11R100 ELMA-11R100 Datasheet
673Kb / 4P
CHASSIS AND SUBRACKS
11R105 ELMA-11R105 Datasheet
673Kb / 4P
CHASSIS AND SUBRACKS
More results

Similar Description - 11R103C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
Radial Lead Inductors
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com