Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17153C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 17153C
Description  Radial Lead Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

17153C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  17153C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 17153C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_1700C_B02 Page 1 of 2
1700 Series
Radial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Up to 1.8A IDC
10μH to 68mH
Low DC resistance
Miniature size
PCB mounting
MIL-I-23053/5 class III sleeving
Fully tinned leads
Supplied in packs of 20
Compatible with RoHS soldering systems
Backward compatible with
Sn/Pb soldering systems
Custom parts available
DESCRIPTION
The 1700 Series is a general purpose range of
inductors suitable for low to medium current
applications. Their small footprint makes them
ideal for high density applications where a chip
inductor will not cope with the power requirement.
SELECTION GUIDE
Order Code
Inductance,
(1kHz)
DC Current1
DC Resistance
Q at f kHz
SRF
±10%
Max.
Max.
Nom.
Nom.
μH
A
Ω
Q
f
MHz
17103C
10.0
1.80
0.05
40
1000
21.2
17153C
15.0
1.50
0.06
30
500
19.4
17223C
22.0
1.20
0.08
30
500
17.0
17333C
33.0
1.00
0.13
25
500
11.4
17473C
47.0
0.86
0.20
25
500
10.9
17683C
68.0
0.85
0.26
70
100
10.6
17104C
100.0
0.74
0.35
65
100
8.9
17154C
150.0
0.58
0.49
80
100
6.2
17224C
220.0
0.48
0.75
90
100
5.4
17334C
330.0
0.42
1.10
95
100
4.5
17474C
470.0
0.34
1.50
100
100
3.2
17684C
680.0
0.28
2.40
105
100
3.0
17105C
1.0mH
0.19
3.30
120
100
2.5
17155C
1.5mH
0.15
5.90
130
100
2.1
17225C
2.2mH
0.12
7.80
130
50
1.9
17335C
3.3mH
0.11
9.1
125
150
1.2
17475C
4.7mH
0.09
12.0
130
150
0.95
17685C
6.8mH
0.08
20.0
135
150
0.85
17106C
10.0mH
0.07
34.0
140
150
0.62
17156C
15.0mH
0.06
45.0
145
150
0.51
17226C
22.0mH
0.05
75.0
100
50
0.34
17336C
33.0mH
0.04
100.0
90
50
0.28
17476C
47.0mH
0.03
140.0
80
50
0.25
17686C
68.0mH
0.02
220.0
70
50
0.20
TYPICAL CORE/WIRE CHARACTERISTICS
Inductance Temperature
Coefficient
Resistance Temperature
Coefficient
Curie Temperature
(T
C
)
Saturation Flux
(B
SAT
)
350ppm
3900ppm
190°C
325mT
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak wave solder temperature
300˚C for 10 seconds
Pin finish
Bright tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs


Similar Part No. - 17153C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
17153C MURATA-PS-17153C Datasheet
239Kb / 2P
Radial Lead Inductors
More results

Similar Description - 17153C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
Radial Lead Inductors
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com