Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18R103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 18R103C
Description  Radial Lead Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

18R103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  18R103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 18R103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_1800RC_B02 Page 1 of 2
1800R Series
Radial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Up to 5.35A IDC
4.7μH to 10mH
Low DC resistance
Compact size
MIL-I-23053/5 class III sleeving
Fully tinned leads
Supplied in packs of 10
Custom & axial parts available
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 1800R Series of inductors are particularly
suited to use with a wide variety of switching
regulators. Offering high current handling with a
small footprint, the devices are ideal where space
is at a premium.
SELECTION GUIDE
Order Code
Inductance
(1kHz, 0.1VAC)
DC Current1
DC Resistance
Q @ f kHz
SRF
±10%
Max.
Max.
Nom.
Nom.
μH
A
mΩ
Q
f
MHz
18R472C
4.72
5.35
9.0
106
1000
35.1
18R682C
6.8
4.15
12.0
73
500
26.3
18R103C
10.0
3.45
15.0
59
500
23.8
18R153C
15.0
3.00
18.0
55
500
17.0
18R223C
22.0
2.42
25.0
51
500
14.1
18R333C
33.0
2.00
40.0
48
500
11.5
18R473C
47.0
1.65
55.0
46
500
9.85
18R683C
68.0
1.35
70.0
27
100
8.29
18R104C
100.0
1.20
100.0
40
100
7.40
18R154C
150.0
1.10
165.0
40
100
5.58
18R224C
220.0
0.90
230.0
39
100
4.00
18R254C
250.0
0.80
255.0
40
100
3.85
18R334C
330.0
0.73
335.0
49
100
3.57
18R474C
470.0
0.60
465.0
50
100
2.81
18R684C
680.0
0.53
630.0
48
100
2.43
18R105C
1.0mH
0.44
1.0Ω
92
50
1.82
18R155C
1.5mH
0.33
1.5Ω
106
50
1.60
18R225C
2.2mH
0.30
2.2Ω
106
50
1.41
18R335C
3.3mH
0.22
3.5Ω
139
50
1.04
18R475C
4.7mH
0.20
4.6Ω
126
40
0.87
18R685C
6.8mH
0.15
7.0Ω
143
40
0.71
18R106C
10.0mH
0.13
12.0Ω
142
40
0.58
TYPICAL CORE/WIRE CHARACTERISTICS
Inductance Temperature
Coefficient
Resistance Temperature
Coefficient
Curie Temperature
(T
C
)
Saturation Flux
(B
SAT
)
430ppm
4000ppm
190°C
325mT
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-55°C to 125°C
SOLDERING INFORMATION3
Peak wave solder temperature
300˚C for 10 seconds
Pin finish
Bright tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 Tolerance ±15%.
3 For further information, please visit www.murata-ps.com/rohs


Similar Part No. - 18R103C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
18R103C MURATA-PS-18R103C Datasheet
172Kb / 2P
Radial Lead Inductors
More results

Similar Description - 18R103C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
Radial Lead Inductors
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com