Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 15103C
Description  Radial Lead Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

15103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  15103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 15103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 15103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_1500C_A01 Page 1 of 3
1500 Series
Radial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance,
(10kHz, 0.1VAC)
DC Current1
DC
Resistance
Q @ f kHz
SRF
Lead Dimensions
(See Package
Specifications)
± 10%
Max.
Max.
Nom.
Nom.
Dim. A
Dim. B
μH
A
Ω
Q
f
MHz
mm
mm
15102C
1.0
± 20%
16.2
2.76
151 1000
142
1.18
13.6
15152C
1.5
± 20%
14.9
3.48
155 1000
108
1.18
13.6
15222C
2.2
± 20%
15.0
4.20
127 1000
82
1.18
13.6
15332C
3.3
± 20%
11.8
5.76
128 1000
68
1.18
13.6
15472C
4.7
± 20%
11.7
6.48
131 1000
60
1.18
13.6
15682C
6.8
± 20%
10.2
8.04
133 1000
46
1.18
14.0
15103C
10
9.01
10.6
112 1000
30
1.18
14.5
15153C
15
7.44
15.5
109 1000
19
1.06
14.2
15223C
22
6.80
18.8
102 1000
11
1.06
13.6
15333C
33
5.08
31.2
107 1000
8
0.90
13.8
15473C
47
4.04
45.6
104 1000
5
0.80
14.2
15683C
68
3.33
70.3
100 1000
4
0.71
13.6
15104C
100
2.62
110
89
1000
3
0.63
13.8
15154C
150
2.28
149
126
800
2
0.60
13.6
15224C
220
2.08
185
69
20
2
0.60
14.0
15334C
330
1.71
263
68
20
1.6
0.56
13.8
15474C
470
1.40
389
76
20
1.3
0.50
14.2
15684C
680
1.12
574
86
25
1.0
0.45
14.0
15105C
1000
0.91
887
96
30
0.8
0.40
13.6
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to +85°C
Storage temperature range
-40°C to +125°C
SOLDERING INFORMATION2
Peak wave solder temperature
260˚C for 10 seconds
Pin finish
Pure tin dip
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Up to 16.2A IDC
1.0μH to 1.0mH
Low DC resistance
PCB mounting
Fully tinned leads
Compatible with RoHS soldering systems
Backward compatible with
Sn/Pb soldering systems
Custom parts available
DESCRIPTION
The 1500 Series is a general purpose range of
inductors suitable for low to medium current
applications such as power supply and other
general purpose filtering designs. The central
hole allows mechanical fixing with a non-
magnetic screw.


Similar Part No. - 15103C

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
15103CC02T-XCF6B ASHCROFT-15103CC02T-XCF6B Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
15103CC02T-XCFAW ASHCROFT-15103CC02T-XCFAW Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
15103CC02T-XCFCD-5 ASHCROFT-15103CC02T-XCFCD-5 Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
15103CC02T-XCFDB ASHCROFT-15103CC02T-XCFDB Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
15103CC02T-XCFDK ASHCROFT-15103CC02T-XCFDK Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
More results

Similar Description - 15103C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com